Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

184392K63RAA-F Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

Part # 184392K63RAA-F
Description  Radial Box Metallized Polyester Capacitors for Automatic Insertion
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

184392K63RAA-F Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

  184392K63RAA-F Datasheet HTML 1Page - List of Unclassifed Manufacturers 184392K63RAA-F Datasheet HTML 2Page - List of Unclassifed Manufacturers 184392K63RAA-F Datasheet HTML 3Page - List of Unclassifed Manufacturers 184392K63RAA-F Datasheet HTML 4Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
Type 167/184 Metallized Polyester Radial Lead Capacitors
Tape Specification - 7.5 mm Lead Spacing
30 mm
335 mm Max
13.19”
47 mm Max
1.85”
Ammo Box
Packing
Reel
Packing
1.18”
331 mm
13.04”
ΔH
Po
P
Do
Ød
P1
Item
Code
Millimeters
Inches
Lead-Wire Diameter
Ød
0.6+0.04 –0.01
.024±.001
Lead-to-Lead Distance
P
7.5+0.6 –0.2
.295+.024 –.040
Feed Hole Pitch
P
0
2.7±0.3
.5±.012
Pitch of Component
P
1
12.7±1.0
.5±.039
Hole Center to Lead
P
2
8.95±0.7
.352±.028
Component Alignment, F-R
h
0±2.0
0±.079
Tape Width
W
18+1.0 –0.1
.709+.039 –.004
Hold-down Tape Width
W
0
6.0 min
.236 min
Hole Position
W
1
9.0+0.75 –0.05
.355+.030 –.001
Hold-down Tape Position
W
2
3.0 Max
.118 Max
Height of Component
H
>
>
from Tape Center
Feed Hole Diameter
D
0
4.0±0.3
.157±.012
Case
Quantity
Quantity
Code
Reeled
Ammo Pack
A
1800
1500
B
1500
1500
C
1200
1000
D
1000
1000
> The H dimension depends on the
insertion equipment used. Specify
the proper tooling code as indicated
below.
Tooling
H Dimensions
Code
Millimeters
Inches
A
16.5±0.75
.679±.030
B
18.5±0.75
.728±.030
C
16.0±0.75
.630±030
Part Numbering System for Auto Insertion
184
104
K
100
R
A
B
-F
Packaging
*Tooling
RoHS
Type
Case
Code
Compliant
Series Capacitance Tolerance
Voltage
(#)
Code
(>)
Designator
184 392 = .0039 µF J = ±5%
63 = 63 Vdc
A = Ammo
A
A
103 = .01 µF
K = ±10% 100 = 100 Vdc
R = Tape & Reel
B
B
104 = .1 µF
M = ±20% 250 = 250 Vdc
C
C
105 = 1.0 µF
630 = 630 Vdc
D
* Tooling code is at the discretion
of the user depending on the
insertion equipment being used.
See table for specific "H" dimensions
* Tooling code (>) depends on the users insertion equipment requirements. See table for available options.
CDE Cornell Dubilier • 1605 E. Rodney French Blvd. • New Bedford, MA 02744 • Phone: (508)996-8561 • Fax: (508)996-3830 • www.cde.com


Similar Part No. - 184392K63RAA-F

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1843923 PHOENIX-1843923 Datasheet
170Kb / 10P
   Feed-through header - MC 1,5/15-GF-3,5
09/12/2020
More results

Similar Description - 184392K63RAA-F

ManufacturerPart #DatasheetDescription
logo
Cornell Dubilier Electr...
160 CDE-160_17 Datasheet
442Kb / 6P
   Radial Box Metallized Polyester Capacitors
logo
List of Unclassifed Man...
16810450A-F ETC2-16810450A-F Datasheet
584Kb / 4P
   Metallized Polyester Radial Lead Capacitors
16022463C-F ETC2-16022463C-F Datasheet
779Kb / 5P
   Metallized Polyester Radial Lead Capacitors
171333160B-F ETC2-171333160B-F Datasheet
190Kb / 3P
   Radial Box Metallized Polypropylene Capacitors
logo
Cornell Dubilier Electr...
171 CDE-171 Datasheet
190Kb / 3P
   Radial Box Metallized Polypropylene Capacitors
DMMAAS47K-F CDE-DMMAAS47K-F Datasheet
184Kb / 2P
   Polyester Film Capacitors Metallized Radial Leads
DME1P56K-F CDE-DME1P56K-F Datasheet
210Kb / 4P
   Polyester Film Capacitors Metallized Radial Leads
logo
Illinois Capacitor, Inc...
103MSR400K ILLINOISCAPACITOR-103MSR400K_13 Datasheet
238Kb / 2P
   Radial leaded metallized polyester film capacitors
logo
Cornell Dubilier Electr...
DMM1P15K-F CDE-DMM1P15K-F Datasheet
205Kb / 2P
   Polyester Film Capacitors Metallized Radial Leads
DSF050J103 CDE-DSF050J103 Datasheet
119Kb / 2P
   Polyester Capacitors Stacked Metallized Radial Leads
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com