Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EM7162SP16AW-45LL Datasheet(PDF) 3 Page - Emerging Memory & Logic Solutions Inc

Part # EM7162SP16AW-45LL
Description  1M x 16Bit Multiplexed Single Transistor RAM
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMLSI [Emerging Memory & Logic Solutions Inc]
Direct Link  http://www.emlsi.com
Logo EMLSI - Emerging Memory & Logic Solutions Inc

EM7162SP16AW-45LL Datasheet(HTML) 3 Page - Emerging Memory & Logic Solutions Inc

  EM7162SP16AW-45LL Datasheet HTML 1Page - Emerging Memory & Logic Solutions Inc EM7162SP16AW-45LL Datasheet HTML 2Page - Emerging Memory & Logic Solutions Inc EM7162SP16AW-45LL Datasheet HTML 3Page - Emerging Memory & Logic Solutions Inc EM7162SP16AW-45LL Datasheet HTML 4Page - Emerging Memory & Logic Solutions Inc EM7162SP16AW-45LL Datasheet HTML 5Page - Emerging Memory & Logic Solutions Inc EM7162SP16AW-45LL Datasheet HTML 6Page - Emerging Memory & Logic Solutions Inc EM7162SP16AW-45LL Datasheet HTML 7Page - Emerging Memory & Logic Solutions Inc EM7162SP16AW-45LL Datasheet HTML 8Page - Emerging Memory & Logic Solutions Inc EM7162SP16AW-45LL Datasheet HTML 9Page - Emerging Memory & Logic Solutions Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
EM7162SP16AW Series
1Mx16 Multiplexed STRAM
3
ABSOLUTE MAXIMUM RATINGS 1)
1. Stresses greater than those listed above “Absolute Maximum Ratings” may cause permanent damage to the device. Functional
operation should be restricted to recommended operating condition. Exposure to absolute maximum rating conditions for extended
periods may affect reliability.
2. Undershoot at power-off : -1.0V in case of pulse width < 20ns
Parameter
Symbol
Minimum
Unit
Voltage on Any Pin Relative to Vss
VIN, VOUT
-0.2 to VCCQ+0.3V
V
Voltage on Vcc supply relative to Vss
VCC, VCCQ
-0.22) to 2.5V
V
Power Dissipation
PD
1.0
W
Storage Temperature
TSTG
-65 to 150
oC
Operating Temperature
TA
-25 to 85
oC
FUNCTIONAL DESCRIPTION
Note: X means don’t care. (Must be low or high state)
CS
OE
WE
LB
UB
AVD
ADQ0~15
A16~A19
Mode
Power
H
X
X
X
X
X
High-Z
X
Deselected
Stand by
L
H
H
X
X
H
High-Z
X
Output Disabled
Active
L
X
X
H
H
X
High-Z
X
Output Disabled
Active
L
H
L
H
H
H
Data In
X
Configuration Register
Write Access
Active
L
L
H
H
H
H
Data Out
X
Configuration Register
Read Access
Active
L
H
H
H
H
L
Add. Input
Add. Input
Address Input
Active
L
L
H
L
H
H
Data Out
X
Lower Byte Read
Active
L
L
H
H
L
H
Data Out
X
Upper Byte Read
Active
L
L
H
L
L
H
Data Out
X
Word Read
Active
L
H
L
L
H
H
Data In
X
Lower Byte Write
Active
L
H
L
H
L
H
Data In
X
Upper Byte Write
Active
L
H
L
L
L
H
Data In
X
Word Write
Active


Similar Part No. - EM7162SP16AW-45LL

ManufacturerPart #DatasheetDescription
logo
Figaro Engineering Inc.
EM7160 FIGARO-EM7160 Datasheet
388Kb / 2P
   Evaluation Module
logo
Emerging Memory & Logic...
EM7160F32-45LF EMLSI-EM7160F32-45LF Datasheet
70Kb / 11P
   256K x8 bit Super Low Power and Low Voltage Full CMOS Static RAM
EM7160F32-45LL EMLSI-EM7160F32-45LL Datasheet
70Kb / 11P
   256K x8 bit Super Low Power and Low Voltage Full CMOS Static RAM
EM7160F32-85LF EMLSI-EM7160F32-85LF Datasheet
70Kb / 11P
   256K x8 bit Super Low Power and Low Voltage Full CMOS Static RAM
EM7160F32-85LL EMLSI-EM7160F32-85LL Datasheet
70Kb / 11P
   256K x8 bit Super Low Power and Low Voltage Full CMOS Static RAM
More results

Similar Description - EM7162SP16AW-45LL

ManufacturerPart #DatasheetDescription
logo
Emerging Memory & Logic...
EM742SP16 EMLSI-EM742SP16 Datasheet
392Kb / 10P
   256K x 16Bit Multiplexed Single Transistor RAM
EM782SP16A EMLSI-EM782SP16A Datasheet
392Kb / 10P
   512K x 16Bit Multiplexed Single Transistor RAM
logo
List of Unclassifed Man...
NN5118160 ETC1-NN5118160 Datasheet
1Mb / 31P
   CMOS 1M x 16BIT DYNAMIC RAM
logo
Emerging Memory & Logic...
EM7164SU16W EMLSI-EM7164SU16W Datasheet
450Kb / 12P
   1M x 16 bit Single Transistor RAM
EM7164SU16 EMLSI-EM7164SU16 Datasheet
316Kb / 13P
   1M x 16 bit Single Transistor RAM
logo
Samsung semiconductor
KM416C1000C SAMSUNG-KM416C1000C Datasheet
767Kb / 34P
   1M x 16Bit CMOS Dynamic RAM with Fast Page Mode
K4F171611D SAMSUNG-K4F171611D Datasheet
528Kb / 34P
   1M x 16Bit CMOS Dynamic RAM with Fast Page Mode
K4E171611D SAMSUNG-K4E171611D Datasheet
553Kb / 35P
   1M x 16Bit CMOS Dynamic RAM with Extended Data Out
KM416C1000B SAMSUNG-KM416C1000B Datasheet
84Kb / 8P
   1M x 16Bit CMOS Dynamic RAM with Fast Page Mode
logo
Hynix Semiconductor
HY51VS18163HG HYNIX-HY51VS18163HG Datasheet
107Kb / 12P
   1M x 16Bit EDO DRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com