Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EM7164SU16W-90LF Datasheet(PDF) 3 Page - Emerging Memory & Logic Solutions Inc

Part # EM7164SU16W-90LF
Description  1M x 16 bit Single Transistor RAM
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMLSI [Emerging Memory & Logic Solutions Inc]
Direct Link  http://www.emlsi.com
Logo EMLSI - Emerging Memory & Logic Solutions Inc

EM7164SU16W-90LF Datasheet(HTML) 3 Page - Emerging Memory & Logic Solutions Inc

  EM7164SU16W-90LF Datasheet HTML 1Page - Emerging Memory & Logic Solutions Inc EM7164SU16W-90LF Datasheet HTML 2Page - Emerging Memory & Logic Solutions Inc EM7164SU16W-90LF Datasheet HTML 3Page - Emerging Memory & Logic Solutions Inc EM7164SU16W-90LF Datasheet HTML 4Page - Emerging Memory & Logic Solutions Inc EM7164SU16W-90LF Datasheet HTML 5Page - Emerging Memory & Logic Solutions Inc EM7164SU16W-90LF Datasheet HTML 6Page - Emerging Memory & Logic Solutions Inc EM7164SU16W-90LF Datasheet HTML 7Page - Emerging Memory & Logic Solutions Inc EM7164SU16W-90LF Datasheet HTML 8Page - Emerging Memory & Logic Solutions Inc EM7164SU16W-90LF Datasheet HTML 9Page - Emerging Memory & Logic Solutions Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
EM7164SU16W Series
1Mx16 Single Transistor RAM
3
Preliminary
GENERAL WAFER SPECIFICATIONS
- Process Technology : 0.13um CMOS Deep trench process
- 3 Metal layers including local inter-connection
- Wafer thickness : 725 +/- 25um
- Minimum Pad Pitch : 100um
- Wafer diameter : 8-inch
+(0.0)
1M x16 bit Single Transistor RAM
x
y
DEVICE CODE
(EM716XSU16)
PAD DESCRIPTION
Name
Function
Name
Function
/CS
Chip select inputs
/LB
Lower byte (DQ0~7)
/OE
Output enable input
/UB
Upper byte (DQ8~15)
/WE
Write enable input
VCC
Power supply
/ZZ
Low Power Control
VCCQ
I/O Power supply
DQ0-15 Data In-out
VSS(Q) Ground
A0-19
Address inputs
NC
No connection


Similar Part No. - EM7164SU16W-90LF

ManufacturerPart #DatasheetDescription
logo
Emerging Memory & Logic...
EM7164SU16 EMLSI-EM7164SU16 Datasheet
316Kb / 13P
   1M x 16 bit Single Transistor RAM
EM7164SU16-10L EMLSI-EM7164SU16-10L Datasheet
316Kb / 13P
   1M x 16 bit Single Transistor RAM
EM7164SU16-10LF EMLSI-EM7164SU16-10LF Datasheet
316Kb / 13P
   1M x 16 bit Single Transistor RAM
EM7164SU16-10LL EMLSI-EM7164SU16-10LL Datasheet
316Kb / 13P
   1M x 16 bit Single Transistor RAM
EM7164SU16-10S EMLSI-EM7164SU16-10S Datasheet
316Kb / 13P
   1M x 16 bit Single Transistor RAM
More results

Similar Description - EM7164SU16W-90LF

ManufacturerPart #DatasheetDescription
logo
Emerging Memory & Logic...
EM7164SU16 EMLSI-EM7164SU16 Datasheet
316Kb / 13P
   1M x 16 bit Single Transistor RAM
logo
Siemens Semiconductor G...
HYB5116160BSJ-50 SIEMENS-HYB5116160BSJ-50 Datasheet
272Kb / 24P
   1M x 16-Bit Dynamic RAM
HYB5118160BSJ-50 SIEMENS-HYB5118160BSJ-50 Datasheet
254Kb / 24P
   1M x 16-Bit Dynamic RAM
HYB5118165BSJBST-50- SIEMENS-HYB5118165BSJBST-50- Datasheet
192Kb / 24P
   1M x 16-Bit Dynamic RAM 1k Refresh
HYB5118160BSJ-50- SIEMENS-HYB5118160BSJ-50- Datasheet
191Kb / 24P
   1M x 16-Bit Dynamic RAM 1k Refresh
logo
Cypress Semiconductor
CY7C1061AV25 CYPRESS-CY7C1061AV25 Datasheet
269Kb / 11P
   1M x 16 Static RAM
logo
AMIC Technology
A64S0616 AMICC-A64S0616 Datasheet
171Kb / 15P
   1M X 16 Bit Low Voltage Super RAM
A64E06161 AMICC-A64E06161 Datasheet
310Kb / 20P
   1M X 16 Bit Low Voltage Super RAM
A64E06161 AMICC-A64E06161 Datasheet
284Kb / 20P
   1M X 16 Bit Low Voltage Super RAM
logo
Cypress Semiconductor
CY7C1061AV33 CYPRESS-CY7C1061AV33 Datasheet
270Kb / 11P
   1M x 16 Static RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com