Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EM828164PA-90 Datasheet(PDF) 8 Page - Emerging Memory & Logic Solutions Inc

Part # EM828164PA-90
Description  128M: 8M x 16 Mobile SDRAM
Download  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMLSI [Emerging Memory & Logic Solutions Inc]
Direct Link  http://www.emlsi.com
Logo EMLSI - Emerging Memory & Logic Solutions Inc

EM828164PA-90 Datasheet(HTML) 8 Page - Emerging Memory & Logic Solutions Inc

Back Button EM828164PA-90 Datasheet HTML 4Page - Emerging Memory & Logic Solutions Inc EM828164PA-90 Datasheet HTML 5Page - Emerging Memory & Logic Solutions Inc EM828164PA-90 Datasheet HTML 6Page - Emerging Memory & Logic Solutions Inc EM828164PA-90 Datasheet HTML 7Page - Emerging Memory & Logic Solutions Inc EM828164PA-90 Datasheet HTML 8Page - Emerging Memory & Logic Solutions Inc EM828164PA-90 Datasheet HTML 9Page - Emerging Memory & Logic Solutions Inc EM828164PA-90 Datasheet HTML 10Page - Emerging Memory & Logic Solutions Inc EM828164PA-90 Datasheet HTML 11Page - Emerging Memory & Logic Solutions Inc EM828164PA-90 Datasheet HTML 12Page - Emerging Memory & Logic Solutions Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 48 page
background image
8
Rev 0.1
EM828164PA
128M: 8M x 16 Mobile SDRAM
Preliminary
Table 7: AC OPERATING TEST CONDITIONS
(VDD = 1.7V ~ 1.95V, TA = -25
oC~ 85oC for Extended)
Parameter
Value
Unit
Note
AC input levels(Vih/Vil)
0.8 × VDDQ / 0.2 × VDDQ
V
Input timing measurement reference level
0.5 × VDDQ
V
Input rise and fall time
1.0
V/ns
Output timing measurement reference level
0.5 × VDDQ
V
Output load condition
See Figure 2
1.8V
13.9㏀
VOH (DC) = 0.9 x VDDQ, IOH = -0.1㎃
VOL (DC) = 0.1 x VDDQ, IOL = 0.1 ㎃
20㎊
Z0=50Ω
Vtt=0.5 × VDDQ
50Ω
20㎊
Figure 1. DC Output Load Circuit
Figure 2. AC Output Load Circuit
Output
Output
10.6㏀


Similar Part No. - EM828164PA-90

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
EM80 PHILIPS-EM80 Datasheet
66Kb / 4P
   TUNING INDICATOR for A.M. receivers
11.11.1954
logo
Electronic devices inc.
EM800 EDI-EM800 Datasheet
54Kb / 2P
   HIGH VOLTAGE HIGH CURRENT MINIATURE RECTIFIERS
logo
MRV Communications, Inc...
EM800 MRV-EM800 Datasheet
497Kb / 2P
   LambdaDriver짰 Management Module (EM1600-MNGT)
EM800-DCM MRV-EM800-DCM Datasheet
1Mb / 2P
   LambdaDriver Dispersion Compensation Module (EM800/1600-DCM and DCMD)
EM800-DCM40 MRV-EM800-DCM40 Datasheet
264Kb / 2P
   LambdaDriver짰- LambdaDriver ??Dispersion Compensation Modules (DCM)
More results

Similar Description - EM828164PA-90

ManufacturerPart #DatasheetDescription
logo
Emerging Memory & Logic...
EMD28164PA EMLSI-EMD28164PA Datasheet
767Kb / 45P
   128M: 8M x 16 Mobile DDR SDRAM
logo
Alliance Semiconductor ...
AS4C8M16SA-6BAN ALSC-AS4C8M16SA-6BAN Datasheet
1Mb / 55P
   128M ??(8M x 16 bit) Synchronous DRAM (SDRAM)
AS4C8M16SA-6TIN ALSC-AS4C8M16SA-6TIN Datasheet
1Mb / 54P
   128M - 8M x 16 bit Synchronous DRAM (SDRAM)
logo
Elpida Memory
EDS1216AABH ELPIDA-EDS1216AABH Datasheet
712Kb / 49P
   128M bits SDRAM (8M words x 16 bits)
EDD1216AATA ELPIDA-EDD1216AATA Datasheet
569Kb / 49P
   128M bits DDR SDRAM (8M words x 16 bits)
EDD1216AASE ELPIDA-EDD1216AASE Datasheet
582Kb / 49P
   128M bits DDR SDRAM (8M words x 16 bits)
logo
Etron Technology, Inc.
EM68916DVAA ETRON-EM68916DVAA Datasheet
326Kb / 40P
   8M x 16 Mobile DDR Synchronous DRAM (SDRAM)
logo
Fujitsu Component Limit...
MBM29QM12DH FUJITSU-MBM29QM12DH Datasheet
1Mb / 78P
   128M (8M X 16) BIT
logo
Taiwan Memory Technolog...
T4312816A TMT-T4312816A Datasheet
711Kb / 29P
   8M x 16 SDRAM???
logo
Elpida Memory
EDD1216AATA-5 ELPIDA-EDD1216AATA-5 Datasheet
556Kb / 48P
   128M bits DDR SDRAM (8M words x 16 bits, DDR400)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com