Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

100R18Y105KV4T Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # 100R18Y105KV4T
Description  Tanceram짰 Chip Capacitors
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

100R18Y105KV4T Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  100R18Y105KV4T Datasheet HTML 1Page - List of Unclassifed Manufacturers 100R18Y105KV4T Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
14
www.johanson dielectrics.com
How to order tANCerAM®
P/N written: 250R18Y105ZV4E
TAPE MODIFIER
Code
Type Reel
E
Plastic
7”
T
Paper
7”
Tape specifications
conform to EIA RS481
E
MARKING
4 = Unmarked
4
TERMINATION
V = Ni barrier w/
100% Sn Plating
V
DIELECTRIC
W = X7R
X = X5R
Y = Y5V
Y
CASE SIZE
See Chart
R18
VOLTAGE
500 = 50 V
250 = 25 V
160 = 16 V
100 = 10 V
6R3 = 6.3 V
250
CAPACITANCE
1st two digits are
significant; third digit
denotes number of
zeros.
474 = 0.47 µF
105 = 1.00 µF
105
TOLERANCE
Y5V
Z = +80% -20%
X7R/X5R
K = ±10%
M = ±20%
Z
Tanceram® chip capaciTors
TANCERAM® chip capacitors can replace tantalum capacitors
in many applications and offer several key advantages over
traditional tantalums. Because Tanceram® capacitors exhibit
extremely low ESR, equivalent circuit performance can often
be achieved using considerably lower capacitance values.
Low DC leakage reduces current drain, extending the battery
life of portable products. Tancerams® high DC breakdown
voltage ratings offer improved reliability and eliminate large
voltage de-rating common when designing with tantalums.
AdvANtAges
• Low ESR
• Low DC Leakage
• Higher Surge Voltage
• Non-polarized Devices
• Reduced CHIP Size
• Improved Reliability
• Higher Insulation Resistance
• Higher Ripple Current
AppliCAtioNs
• Switching Power Supply Smoothing (Input/Output)
• Backlighting Inverters
• DC/DC Converter Smoothing (Input/Output)
• General Digital Circuits
0.01
0.1
1
10
0.001
0.01
0.1
1
10
100
Frequency (MHz)
Typical ESR Comparison
1.0
µF / 16V Tantalum
1.0
µF / 16V TANCERAM
0%
25%
50%
75%
100%
0
100
200
300
400
500
DC Breakdown Voltage
Typical Breakdown Voltage Comparison
1.0
µF / 16V
Tantalum
1.0
µF / 16V TANCERAM


Similar Part No. - 100R18Y105KV4T

ManufacturerPart #DatasheetDescription
logo
Johanson Technology Inc...
100R18N100BV4E JOHANSON-100R18N100BV4E Datasheet
284Kb / 3P
   250Rxx Surfacemount Ceramic MLCC
100R18N100BV6E JOHANSON-100R18N100BV6E Datasheet
284Kb / 3P
   250Rxx Surfacemount Ceramic MLCC
100R18N100CV4E JOHANSON-100R18N100CV4E Datasheet
284Kb / 3P
   250Rxx Surfacemount Ceramic MLCC
100R18N100CV6E JOHANSON-100R18N100CV6E Datasheet
284Kb / 3P
   250Rxx Surfacemount Ceramic MLCC
100R18N100DV4E JOHANSON-100R18N100DV4E Datasheet
284Kb / 3P
   250Rxx Surfacemount Ceramic MLCC
More results

Similar Description - 100R18Y105KV4T

ManufacturerPart #DatasheetDescription
logo
Johanson Technology Inc...
100R15X106MV4E JOHANSON-100R15X106MV4E Datasheet
129Kb / 2P
   Tanceram짰 Chip Capacitors
250S41X106KV4E JOHANSON-250S41X106KV4E Datasheet
129Kb / 2P
   Tanceram짰 Chip Capacitors
logo
List of Unclassifed Man...
6R3R07X225MV4T ETC2-6R3R07X225MV4T Datasheet
126Kb / 2P
   TANCERAM짰 CHIP CAPACITORS
logo
EPCOS
X8R EPCOS-X8R Datasheet
112Kb / 13P
   Multilayer ceramic capacitors Chip capacitors
B45294R9227M409 EPCOS-B45294R9227M409 Datasheet
249Kb / 5P
   Tantalum Chip Capacitors
logo
Kemet Corporation
C0201C103B1GA KEMET-C0201C103B1GA Datasheet
1Mb / 8P
   CERAMIC CHIP CAPACITORS
logo
EPCOS
B45194 EPCOS-B45194 Datasheet
114Kb / 8P
   Tantalum Chip Capacitors
B45196E EPCOS-B45196E Datasheet
113Kb / 9P
   Tantalum Chip Capacitors
logo
Rohm
TCO ROHM-TCO Datasheet
106Kb / 10P
   Chip tantalum capacitors
logo
Kemet Corporation
C0805C103K5RAC KEMET-C0805C103K5RAC Datasheet
1Mb / 9P
   CERAMIC CHIP CAPACITORS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com