Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

V53C8129H45 Datasheet(PDF) 5 Page - Mosel Vitelic, Corp

Part # V53C8129H45
Description  ULTRA-HIGH PERFORMANCE, 128K X 8EDO PAGE MODE CMOS DYNAMIC RAM
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOSEL [Mosel Vitelic, Corp]
Direct Link  http://www.moselvitelic.com
Logo MOSEL - Mosel Vitelic, Corp

V53C8129H45 Datasheet(HTML) 5 Page - Mosel Vitelic, Corp

  V53C8129H45 Datasheet HTML 1Page - Mosel Vitelic, Corp V53C8129H45 Datasheet HTML 2Page - Mosel Vitelic, Corp V53C8129H45 Datasheet HTML 3Page - Mosel Vitelic, Corp V53C8129H45 Datasheet HTML 4Page - Mosel Vitelic, Corp V53C8129H45 Datasheet HTML 5Page - Mosel Vitelic, Corp V53C8129H45 Datasheet HTML 6Page - Mosel Vitelic, Corp V53C8129H45 Datasheet HTML 7Page - Mosel Vitelic, Corp V53C8129H45 Datasheet HTML 8Page - Mosel Vitelic, Corp V53C8129H45 Datasheet HTML 9Page - Mosel Vitelic, Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 18 page
background image
5
MOSEL VITELIC
V53C8129H
V53C8129H Rev. 1.3 July 1997
AC Characteristics
T
A = 0°C to 70°C, VCC = 5 V ±10%, VSS = 0V unless otherwise noted
AC Test conditions, input pulse levels 0 to 3V
#
JEDEC
Symbol
Symbol Parameter
35
40
45
50
Unit
Notes
Min. Max. Min. Max. Min. Max. Min. Max.
1tRL1RH1
tRAS
RAS Pulse Width
35
75K
40
75K
45
75K
50
75K
ns
2tRL2RL2
tRC
Read or Write Cycle Time
70
75
80
90
ns
3tRH2RL2
tRP
RAS Precharge Time
25
25
25
30
ns
4tRL1CH1
tCSH
CAS Hold Time
35
40
45
50
ns
5tCL1CH1
tCAS
CAS Pulse Width
7899
ns
6tRL1CL1
tRCD
RAS to CAS Delay
16
23
17
28
18
32
19
36
ns
7tWH2CL2
tRCS
Read Command Setup Time
0000
ns
4
8tAVRL2
tASR
Row Address Setup Time
0000
ns
9tRL1AX
tRAH
Row Address Hold Time
6789
ns
10
tAVCL2
tASC
Column Address Setup Time
0000
ns
11
tCL1AX
tCAH
Column Address Hold Time
4567
ns
12
tCL1RH1(R) tRSH (R)
RAS Hold Time (Read Cycle)
14
14
15
15
ns
13
tCH2RL2
tCRP
CAS to RAS Precharge Time
5555
ns
14
tCH2WX
tRCH
Read Command Hold Time Referenced
to CAS
0000
ns
5
15
tRH2WX
tRRH
Read Command Hold Time Referenced
to RAS
0000
ns
5
16
tOEL1RH2
tROH
RAS Hold Time Referenced to OE
8
9
10
10
ns
17
tGL1QV
tOAC
Access Time from OE
12
12
13
14
ns
18
tCL1QV
tCAC
Access Time from CAS (EDO)
12
12
13
14
ns
6, 7
19
tRL1QV
tRAC
Access Time from RAS
35
40
45
50
ns
6, 8, 9
20
tAVQV
tCAA
Access Time from Column Address
18
20
22
24
ns
6, 7, 10
21
tCL1QX
tLZ
CAS to Low-Z Output
0000
ns
16
22
tCH2QZ
tHZ
Output buffer turn-off delay time
06060708
ns
16
23
tRL1AX
tAR
Column Address Hold Time from RAS
28
30
35
40
ns
24
tRL1AV
tRAD
RAS to Column Address Delay Time
11
17
12
20
13
23
14
26
ns
11
25
tCL1RH1(W) tRSH (W)
RAS or CAS Hold Time in Write Cycle
12
12
13
14
ns
26
tWL1CH1
tCWL
Write Command to CAS Lead Time
12
12
13
14
ns
27
tWL1CL2
tWCS
Write Command Setup Time
0000
ns
12, 13
28
tCL1WH1
tWCH
Write Command Hold Time
5567
ns
29
tWL1WH1
tWP
Write Pulse Width
5567
ns
30
tRL1WH1
tWCR
Write Command Hold Time from RAS
28
30
35
40
ns
31
tWL1RH1
tRWL
Write Command to RAS Lead Time
12
12
13
14
ns


Similar Part No. - V53C8129H45

ManufacturerPart #DatasheetDescription
logo
Mosel Vitelic, Corp
V53C8125H MOSEL-V53C8125H Datasheet
1Mb / 17P
   ULTRA-HIGH PERFORMANCE, 128K X 8 FAST PAGE MODE CMOS DYNAMIC RAM
V53C8125H30 MOSEL-V53C8125H30 Datasheet
1Mb / 17P
   ULTRA-HIGH PERFORMANCE, 128K X 8 FAST PAGE MODE CMOS DYNAMIC RAM
V53C8125H35 MOSEL-V53C8125H35 Datasheet
1Mb / 17P
   ULTRA-HIGH PERFORMANCE, 128K X 8 FAST PAGE MODE CMOS DYNAMIC RAM
V53C8125H40 MOSEL-V53C8125H40 Datasheet
1Mb / 17P
   ULTRA-HIGH PERFORMANCE, 128K X 8 FAST PAGE MODE CMOS DYNAMIC RAM
V53C8125H45 MOSEL-V53C8125H45 Datasheet
1Mb / 17P
   ULTRA-HIGH PERFORMANCE, 128K X 8 FAST PAGE MODE CMOS DYNAMIC RAM
More results

Similar Description - V53C8129H45

ManufacturerPart #DatasheetDescription
logo
Mosel Vitelic, Corp
V53C8125H MOSEL-V53C8125H Datasheet
1Mb / 17P
   ULTRA-HIGH PERFORMANCE, 128K X 8 FAST PAGE MODE CMOS DYNAMIC RAM
V53C8126H MOSEL-V53C8126H Datasheet
209Kb / 18P
   ULTRA-HIGH PERFORMANCE, 128K X 8 BIT FAST PAGE MODE CMOS DYNAMIC RAM
V53C8128H MOSEL-V53C8128H Datasheet
222Kb / 20P
   ULTRA-HIGH PERFORMANCE, 128K X 8 BIT EDO PAGE MODE CMOS DYNAMIC RAM
V53C16125H MOSEL-V53C16125H Datasheet
139Kb / 18P
   HIGH PERFORMANCE 128K X 16 BIT FAST PAGE MODE CMOS DYNAMIC RAM
V53C16129H MOSEL-V53C16129H Datasheet
223Kb / 20P
   HIGH PERFORMANCE 128K X 16 BIT FAST PAGE MODE CMOS DYNAMIC RAM
V53C16126H MOSEL-V53C16126H Datasheet
136Kb / 18P
   HIGH PERFORMANCE 128K X 16 BIT FAST PAGE MODE CMOS DYNAMIC RAM
V53C818H MOSEL-V53C818H Datasheet
231Kb / 18P
   HIGH PERFORMANCE 512K X 16 EDO PAGE MODE CMOS DYNAMIC RAM
V53C8258H MOSEL-V53C8258H Datasheet
219Kb / 18P
   HIGH PERFORMANCE 256K X 8 EDO PAGE MODE CMOS DYNAMIC RAM
V53C806H MOSEL-V53C806H Datasheet
135Kb / 18P
   HIGH PERFORMANCE 1M x 8 BIT FAST PAGE MODE CMOS DYNAMIC RAM
V53C104H MOSEL-V53C104H Datasheet
926Kb / 16P
   ULTRA-HIGH PERFORMANCE, LOW POWER 256K X 4 BIT FAST PAGE MODE CMOS DYNAMIC RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com