Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

V53C8126 Datasheet(PDF) 6 Page - Mosel Vitelic, Corp

Part # V53C8126
Description  ULTRA-HIGH PERFORMANCE, 128K X 8 BIT FAST PAGE MODE CMOS DYNAMIC RAM
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOSEL [Mosel Vitelic, Corp]
Direct Link  http://www.moselvitelic.com
Logo MOSEL - Mosel Vitelic, Corp

V53C8126 Datasheet(HTML) 6 Page - Mosel Vitelic, Corp

Back Button V53C8126 Datasheet HTML 2Page - Mosel Vitelic, Corp V53C8126 Datasheet HTML 3Page - Mosel Vitelic, Corp V53C8126 Datasheet HTML 4Page - Mosel Vitelic, Corp V53C8126 Datasheet HTML 5Page - Mosel Vitelic, Corp V53C8126 Datasheet HTML 6Page - Mosel Vitelic, Corp V53C8126 Datasheet HTML 7Page - Mosel Vitelic, Corp V53C8126 Datasheet HTML 8Page - Mosel Vitelic, Corp V53C8126 Datasheet HTML 9Page - Mosel Vitelic, Corp V53C8126 Datasheet HTML 10Page - Mosel Vitelic, Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 18 page
background image
6
V53C8126H
V53C8126H Rev. 1.1 July 1997
MOSEL VITELIC
27
tWL1CL2
tWCS
Write Command Setup Time
0000
ns
12, 13
28
tCL1WH1
tWCH
Write Command Hold Time
5567
ns
29
tWL1WH1
tWP
Write Pulse Width
5567
ns
30
tRL1WH1
tWCR
Write Command Hold Time
28
30
35
40
ns
from
RAS
31
tWL1RH1
tRWL
Write Command to
RAS
12
12
13
14
ns
Lead Time
32
tDVWL2
tDS
Data in Setup Time
0000
ns
14
33
tWL1DX
tDH
Data in Hold Time
4567
ns
14
34
tWL1GL2
tWOH
Write to
OE Hold Time
5678
ns
14
35
tGH2DX
tOED
OE to Data Delay Time
5678
ns
14
36
tRL2RL2
tRWC
Read-Modify-Write
105
110
115
130
ns
(RMW)
Cycle Time
37
tRL1RH1
tRRW
Read-Modify-Write Cycle
70
75
80
87
ns
(RMW)
RAS Pulse Width
38
tCL1WL2
tCWD
CAS to WE Delay
28
30
32
34
ns
12
39
tRL1WL2
tRWD
RAS to WE Delay in
54
58
62
68
ns
12
Read-Modify-Write Cycle
40
tCL1CH1
tCRW
CAS Pulse Width (RMW)
46
48
50
52
ns
41
tAVWL2
tAWD
Col. Address to
WE Delay
35
38
41
42
ns
12
42
tCL2CL2
tPC
Fast Page Mode
21
23
25
28
ns
Read or Write Cycle Time
43
tCH2CL2
tCP
CAS Precharge Time
4567
ns
44
tAVRH1
tCAR
Column Address to
RAS
18
20
22
24
ns
Setup Time
45
tCH2QV
tCAP
Access Time from
20
22
24
27
ns
7
Column Precharge
46
tRL1DX
tDHR
Data in Hold Time
28
30
35
40
ns
Referenced to
RAS
47
tCL1RL2
tCSR
CAS Setup Time
10
10
10
10
ns
CAS-before-RAS Refresh
48
tRH2CL2
tRPC
RAS to CAS Precharge Time
0000
ns
49
tRL1CH1
tCHR
CAS Hold Time
8
8
10
12
ns
CAS-before-RAS Refresh
50
tCL2CL2
tPCM
Fast Page Mode Read-
58
60
65
70
ns
(RMW)
Modify-Write Cycle Time
AC Characteristics (Cont'd)
35
40
45
50
#
Symbol
Symbol
Parameter
Min. Max. Min. Max. Min. Max. Min. Max.
Unit
Notes
JEDEC


Similar Part No. - V53C8126

ManufacturerPart #DatasheetDescription
logo
Mosel Vitelic, Corp
V53C8125H MOSEL-V53C8125H Datasheet
1Mb / 17P
   ULTRA-HIGH PERFORMANCE, 128K X 8 FAST PAGE MODE CMOS DYNAMIC RAM
V53C8125H30 MOSEL-V53C8125H30 Datasheet
1Mb / 17P
   ULTRA-HIGH PERFORMANCE, 128K X 8 FAST PAGE MODE CMOS DYNAMIC RAM
V53C8125H35 MOSEL-V53C8125H35 Datasheet
1Mb / 17P
   ULTRA-HIGH PERFORMANCE, 128K X 8 FAST PAGE MODE CMOS DYNAMIC RAM
V53C8125H40 MOSEL-V53C8125H40 Datasheet
1Mb / 17P
   ULTRA-HIGH PERFORMANCE, 128K X 8 FAST PAGE MODE CMOS DYNAMIC RAM
V53C8125H45 MOSEL-V53C8125H45 Datasheet
1Mb / 17P
   ULTRA-HIGH PERFORMANCE, 128K X 8 FAST PAGE MODE CMOS DYNAMIC RAM
More results

Similar Description - V53C8126

ManufacturerPart #DatasheetDescription
logo
Mosel Vitelic, Corp
V53C8125H MOSEL-V53C8125H Datasheet
1Mb / 17P
   ULTRA-HIGH PERFORMANCE, 128K X 8 FAST PAGE MODE CMOS DYNAMIC RAM
V53C8128H MOSEL-V53C8128H Datasheet
222Kb / 20P
   ULTRA-HIGH PERFORMANCE, 128K X 8 BIT EDO PAGE MODE CMOS DYNAMIC RAM
V53C16125H MOSEL-V53C16125H Datasheet
139Kb / 18P
   HIGH PERFORMANCE 128K X 16 BIT FAST PAGE MODE CMOS DYNAMIC RAM
V53C16129H MOSEL-V53C16129H Datasheet
223Kb / 20P
   HIGH PERFORMANCE 128K X 16 BIT FAST PAGE MODE CMOS DYNAMIC RAM
V53C16126H MOSEL-V53C16126H Datasheet
136Kb / 18P
   HIGH PERFORMANCE 128K X 16 BIT FAST PAGE MODE CMOS DYNAMIC RAM
V53C8129H MOSEL-V53C8129H Datasheet
201Kb / 18P
   ULTRA-HIGH PERFORMANCE, 128K X 8EDO PAGE MODE CMOS DYNAMIC RAM
V53C806H MOSEL-V53C806H Datasheet
135Kb / 18P
   HIGH PERFORMANCE 1M x 8 BIT FAST PAGE MODE CMOS DYNAMIC RAM
V53C8256H MOSEL-V53C8256H Datasheet
217Kb / 18P
   ULTRA-HIGH SPEED, 256K X 8 FAST PAGE MODE CMOS DYNAMIC RAM
V53C104H MOSEL-V53C104H Datasheet
926Kb / 16P
   ULTRA-HIGH PERFORMANCE, LOW POWER 256K X 4 BIT FAST PAGE MODE CMOS DYNAMIC RAM
V53C8258H MOSEL-V53C8258H Datasheet
219Kb / 18P
   HIGH PERFORMANCE 256K X 8 EDO PAGE MODE CMOS DYNAMIC RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com