Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

170184J250HCJ Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # 170184J250HCJ
Description  High Current / Low ESR, Wrap and Fill Axial Leaded Capacitors
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

170184J250HCJ Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  170184J250HCJ Datasheet HTML 1Page - List of Unclassifed Manufacturers 170184J250HCJ Datasheet HTML 2Page - List of Unclassifed Manufacturers 170184J250HCJ Datasheet HTML 3Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
CDE Cornell Dubilier • 1605 E. Rodney French Blvd. • New Bedford, MA 02744 • Phone: (508)996-8561 • Fax: (508)996-3830 • www.cde.com
Type 170 Axial Leaded Metallized Polypropylene
* Indicates Tolerance J = ±5%, K = ±10%, M = ±20%
Λ
If ordering Tape & Reel, see specification to determine which
class (1, 2, or 3) applies
Cap
Inches (mm)
ESR (mΩ)
IRMS (Amps)
Catolog
20 kHz to
(µF) Part Number
D Max
L Max
Ød
100 kHz 25 ºC 45 ºC 85 ºC
400 Vdc / 220 Vac 60 Hz
0.015 170153*400BB^ 0.236 (6.0) 0.65 (16.5) 0.024 (0.6)
Not applicable.
These capacitance values
are not customarily used in
switched-mode power supplies
0.018 170183*400CB^ 0.256 (6.5) 0.65 (16.5) 0.024 (0.6)
0.022 170223*400CB^ 0.256 (6.5) 0.65 (16.5) 0.024 (0.6)
0.027 170273*400DB^ 0.276 (7.0) 0.65 (16.5) 0.024 (0.6)
0.033 170333*400DB^ 0.276 (7.0) 0.65 (16.5) 0.024 (0.6)
0.039 170393*400EB^ 0.315 (8.0) 0.65 (16.5) 0.031 (0.8)
0.047 170473*400EB^ 0.315 (8.0) 0.65 (16.5) 0.031 (0.8)
0.056 170563*400EC^ 0.315 (8.0) 0.807 (20.5) 0.031 (0.8)
0.068 170683*400EC^ 0.315 (8.0) 0.807 (20.5) 0.031 (0.8)
0.082 170823*400GC^ 0.354 (9.0) 0.807 (20.5) 0.031 (0.8)
0.10 170104*400GC^ 0.354 (9.0) 0.807 (20.5) 0.031 (0.8)
0.12 170124*400FE^ 0.335 (8.5) 1.102 (28) 0.031 (0.8)
0.15 170154*400FE^ 0.335 (8.5) 1.102 (28) 0.031 (0.8)
0.18 170184*400IE^ 0.394 (10) 1.102 (28) 0.031 (0.8)
0.22 170224*400IE^ 0.394 (10) 1.102 (28) 0.031 (0.8)
0.27 170274*400LE^ 0.453 (11.5) 1.102 (28) 0.031 (0.8)
0.33 170334*400LE^ 0.453 (11.5) 1.102 (28) 0.031 (0.8)
0.39 170394*400NE^ 0.512 (13.0) 1.102 (28) 0.031 (0.8)
0.47 170474*400NE^ 0.512 (13.0) 1.102 (28) 0.031 (0.8)
32
5.7 5 2.2
0.56 170564*400QF^ 0.571 (14.5) 1.299 (33) 0.031 (0.8)
31
5.7 5.3 2.3
0.68 170684*400QF^ 0.571 (14.5) 1.299 (33) 0.031 (0.8)
30
5.7 5.5 2.4
0.82 170824*400VF^ 0.669 (17) 1.299 (33) 0.039 (1.0)
28
5.7 5.6 2.6
1.0 170105*400VF^ 0.669 (17) 1.299 (33) 0.039 (1.0)
27
5.7 5.7 4.3
1.5 170155*400YF^ 0.807 (20.5) 1.299 (33) 0.039 (1.0)
25
7 6.7 4.7
Cap
Inches (mm)
ESR (mΩ)
IRMS (Amps)
Catolog
20 kHz to
(µF) Part Number
D Max
L Max
Ød
100 kHz 25 ºC 45 ºC 85 ºC
630 Vdc / 250 Vac 60 Hz
0.001 170102*630BB^ 0.236 (6.0) 0.65 (16.5) 0.024 (0.6)
Not Applicable.
These capacitance values
are not customarily used in
switched-mode power supplies
0.0012 170122*630BB^ 0.236 (6.0) 0.65 (16.5) 0.024 (0.6)
0.0015 170152*630BB^ 0.236 (6.0) 0.65 (16.5) 0.024 (0.6)
0.0018 170182*630BB^ 0.236 (6.0) 0.65 (16.5) 0.024 (0.6)
0.0022 170222*630BB^ 0.236 (6.0) 0.65 (16.5) 0.024 (0.6)
0.0027 170272*630BB^ 0.236 (6.0) 0.65 (16.5) 0.024 (0.6)
0.0033 170332*630BB^ 0.236 (6.0) 0.65 (16.5) 0.024 (0.6)
0.0039 170392*630BB^ 0.236 (6.0) 0.65 (16.5) 0.024 (0.6)
0.0047 170472*630BB^ 0.236 (6.0) 0.65 (16.5) 0.024 (0.6)
0.0056 170562*630BB^ 0.236 (6.0) 0.65 (16.5) 0.024 (0.6)
0.0068 170682*630CB^ 0.256 (6.5) 0.65 (16.5) 0.024 (0.6)
0.0082 170822*630CB^ 0.256 (6.5) 0.65 (16.5) 0.024 (0.6)
0.010 170103*630CB^ 0.256 (6.5) 0.65 (16.5) 0.024 (0.6)
0.012 170123*630EB^ 0.315 (8.0) 0.65 (16.5) 0.031 (0.8)
0.015 170153*630EB^ 0.315 (8.0) 0.65 (16.5) 0.031 (0.8)
0.018 170183*630FB^ 0.335 (8.5) 0.65 (16.5) 0.031 (0.8)
0.022 170223*630FB^ 0.335 (8.5) 0.65 (16.5) 0.031 (0.8)
0.027 170273*630FC^ 0.315 (8.0) 0.807 (20.5) 0.031 (0.8)
0.033 170333*630FC^ 0.315 (8.0) 0.807 (20.5) 0.031 (0.8)
0.039 170393*630HC^ 0.374 (9.5) 0.807 (20.5) 0.031 (0.8)
0.047 170473*630HC^ 0.374 (9.5) 0.807 (20.5) 0.031 (0.8)
0.056 170563*630GE^ 0.354 (9.0) 1.102 (28) 0.031 (0.8)
0.068 170683*630GE^ 0.354 (9.0) 1.102 (28) 0.031 (0.8)
0.082 170823*630IE^ 0.394 (10) 1.102 (28) 0.031 (0.8)
0.100 170104*630IE^ 0.394 (10) 1.102 (28) 0.031 (0.8)
0.120 170124*630ME^ 0.472 (12.0) 1.102 (28) 0.031 (0.8)
0.150 170154*630ME^ 0.472 (12.0) 1.102 (28) 0.031 (0.8)
0.180 170184*630NF^ 0.512 (13.0) 1.299 (33) 0.031 (0.8)
0.220 170224*630NF^ 0.512 (13.0) 1.299 (33) 0.031 (0.8)
0.270 170274*630TF^ 0.610 (15.5) 1.299 (33) 0.031 (0.8)
0.330 170334*630TF^ 0.610 (15.5) 1.299 (33) 0.031 (0.8)
0.390 170394*630XF^ 0.709 (18.0) 1.299 (33) 0.039 (1.0)
0.470 170474*630XF^ 0.709 (18.0) 1.299 (33) 0.039 (1.0)
28
6.8 5.8 2.6
0.560 170564*630ZF^ 0.827 (21.0) 1.299 (33) 0.039 (1.0)
26
7.4 6.3 2.8
0.680 170684*630ZF^ 0.827 (21.0) 1.299 (33) 0.039 (1.0)
25
7.8 6.8 2.9


Similar Part No. - 170184J250HCJ

ManufacturerPart #DatasheetDescription
logo
Cornell Dubilier Electr...
170184J250HC1 CDE-170184J250HC1 Datasheet
409Kb / 3P
   Type 170 Axial Leaded Metallized Polypropylene
More results

Similar Description - 170184J250HCJ

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
15015463AA ETC2-15015463AA Datasheet
172Kb / 4P
   Flame Retardant Wrap and Fill Axial Leaded Capacitors
logo
Illinois Capacitor, Inc...
102MPW630K ILLINOISCAPACITOR-102MPW630K Datasheet
380Kb / 3P
   105째C Metallized Polypropylene Axial Leaded Wrap and Fill Capacitors
logo
Vishay Siliconix
V-735P VISHAY-V-735P Datasheet
77Kb / 3P
   Film Capacitors, High Current, Wrap-and-Fill, Metallized Polypropylene
Revision: 12-Mar-09
735P VISHAY-735P Datasheet
81Kb / 3P
   Film Capacitors High Current, Wrap-and-Fill, Metalized Polypropylene
Revision 17-Nov-03
logo
Surge Components
SAMR SURGE-SAMR Datasheet
142Kb / 1P
   WRAP AND FILL, NON-INDUCTIVE, METALLIZED FILM CAPACITORS, AXIAL LEAD
SAPR SURGE-SAPR Datasheet
131Kb / 1P
   WRAP AND FILL, NON-INDUCTIVE, METALLIZED FILM CAPACITORS, AXIAL LEAD
SMPT SURGE-SMPT Datasheet
165Kb / 1P
   WRAP AND FILL, NON-INDUCTIVE, METALLIZED POLYPROPYLENE FILM CAPACITORS, AXIAL LEAD
logo
Vishay Siliconix
V-430P VISHAY-V-430P Datasheet
70Kb / 4P
   Metallized Polyester Film Capacitors, Wrap-and-Fill
Revision: 12-Mar-09
730P224X9100 VISHAY-730P224X9100 Datasheet
81Kb / 4P
   Film Capacitors High Frequency, Wrap-and-Fill, Metallized Polypropylene
Revision: 07-Feb-07
V-730P VISHAY-V-730P Datasheet
173Kb / 4P
   Film Capacitors High Frequency, Wrap-and-Fill, Metallized Polypropylene
Revision: 16-Nov-07
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com