Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EMD12324P-75 Datasheet(PDF) 7 Page - Emerging Memory & Logic Solutions Inc

Part # EMD12324P-75
Description  512M: 16M x 32 Mobile DDR SDRAM
Download  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMLSI [Emerging Memory & Logic Solutions Inc]
Direct Link  http://www.emlsi.com
Logo EMLSI - Emerging Memory & Logic Solutions Inc

EMD12324P-75 Datasheet(HTML) 7 Page - Emerging Memory & Logic Solutions Inc

Back Button EMD12324P-75 Datasheet HTML 3Page - Emerging Memory & Logic Solutions Inc EMD12324P-75 Datasheet HTML 4Page - Emerging Memory & Logic Solutions Inc EMD12324P-75 Datasheet HTML 5Page - Emerging Memory & Logic Solutions Inc EMD12324P-75 Datasheet HTML 6Page - Emerging Memory & Logic Solutions Inc EMD12324P-75 Datasheet HTML 7Page - Emerging Memory & Logic Solutions Inc EMD12324P-75 Datasheet HTML 8Page - Emerging Memory & Logic Solutions Inc EMD12324P-75 Datasheet HTML 9Page - Emerging Memory & Logic Solutions Inc EMD12324P-75 Datasheet HTML 10Page - Emerging Memory & Logic Solutions Inc EMD12324P-75 Datasheet HTML 11Page - Emerging Memory & Logic Solutions Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 44 page
background image
7
EMD12324P
512M: 16M x 32 Mobile DDR SDRAM
Rev 0.0
Preliminary
Table 6: DC CHARACTERISTICS
Recommended operating conditions (Voltage referenced to VSS = 0V, TA = -25 to 85 )
Parameter
Symbol
Test Condition
Version
Unit
-60
-75
Operating one bank
active-precharge
current
IDD0
tRC = tRCmin; tCK = tCKmin; CKE is HIGH; CSB is HIGH
between valid commands; address inputs are SWITCH-
ING; data bus inputs are STABLE
100
80
mA
Precharge power-down
standby current
IDD2P
all banks idle, CKE is LOW; CSB is HIGH, tCK = tCKmin;
address and control inputs are SWITCHING; data bus
inputs are STABLE
0.6
mA
Precharge power-down
standby current with
clock stop
IDD2PS
all banks idle, CKE is LOW; CSB is HIGH, CK = LOW,
CKB = HIGH; address and control inputs are SWITCHING;
data bus inputs are STABLE
0.6
Precharge non power-
down standby current
IDD2N
all banks idle, CKE is HIGH; CSB is HIGH, tCK = tCKmin;
address and control inputs are SWITCHING; data bus
inputs are STABLE
25
20
mA
Precharge non power-
down standby current
with clock stop
IDD2NS
all banks idle, CKE is HIGH; CSB is HIGH, CK = LOW,
CKB = HIGH; address and control inputs are SWITCHING;
data bus inputs are STABLE
5
5
Active power-down
standby current
IDD3P
one bank active, CKE is LOW; CSB is HIGH, tCK =
tCKmin; address and control inputs are SWITCHING; data
bus inputs are STABLE
8
mA
Active power-down
standby current with
clock stop
IDD3PS
one bank active, CKE is LOW; CSB is HIGH, CK = LOW,
CKB = HIGH; address and control inputs are SWITCHING;
data bus inputs are STABLE
5
Active non power-down
standby current
IDD3N
one bank active, CKE is HIGH; CSB is HIGH, tCK =
tCKmin; address and control inputs are SWITCHING; data
bus inputs are STABLE
25
25
mA
Active non power-down
standby current with
clock stop
IDD3NS
one bank active, CKE is HIGH; CSB is HIGH, CK = LOW,
CKB = HIGH; address and control inputs are SWITCHING;
data bus inputs are STABLE
10
10
mA
Operating burst read
current
IDD4R
one bank active; BL=4; CL=3; tCK = tCKmin; continuous
read bursts; Iout = 0 mA; address inputs are SWITCHING;
50% data change each burst transfer
160
130
mA
Operating burst write
current
IDD4W
one bank active; tCK = tCKmin; continuous write bursts;
address inputs are SWITCHING; 50% data change each
burst transfer
130
105
mA
Auto-Refresh current
IDD5
tRC = tRFCmin; burst refresh; CKE is HIGH;
address and control inputs are SWITCHING; data bus
inputs are STABLE
120
120
mA
Self Refresh Current
IDD6
CKE is LOW, CK = LOW, CKB
= HIGH; Extended Mode Reg-
ister set to all 0s; address and
control inputs are STABLE;
data bus inputs are STABLE
TCSR Range
45*1
85
°C
Full Array
350
600
µA
1/2 of Full Array
250
500
1/4 of Full Array
200
450
Deep Power-Down
Current
IDD8
Address and Control inputs are STABLE;
data bus inputs are STABLE
10
10
µA


Similar Part No. - EMD12324P-75

ManufacturerPart #DatasheetDescription
logo
Emerging Memory & Logic...
EMD12324PV EMLSI-EMD12324PV Datasheet
938Kb / 46P
   512M: 16M x 32 Mobile DDR SDRAM
EMD12324PV-60 EMLSI-EMD12324PV-60 Datasheet
938Kb / 46P
   512M: 16M x 32 Mobile DDR SDRAM
EMD12324PV-75 EMLSI-EMD12324PV-75 Datasheet
938Kb / 46P
   512M: 16M x 32 Mobile DDR SDRAM
More results

Similar Description - EMD12324P-75

ManufacturerPart #DatasheetDescription
logo
Emerging Memory & Logic...
EMD12324PV EMLSI-EMD12324PV Datasheet
938Kb / 46P
   512M: 16M x 32 Mobile DDR SDRAM
logo
Etron Technology, Inc.
EM68B32DVKA ETRON-EM68B32DVKA Datasheet
328Kb / 40P
   16M x 32 Mobile DDR Synchronous DRAM (SDRAM)
logo
Emerging Memory & Logic...
EMD12164P EMLSI-EMD12164P Datasheet
2Mb / 45P
   512M: 32M x 16 Mobile DDR SDRAM
EMD56164P EMLSI-EMD56164P Datasheet
770Kb / 45P
   256M: 16M x 16 Mobile DDR SDRAM
logo
Hynix Semiconductor
H5MS5122DFR HYNIX-H5MS5122DFR Datasheet
2Mb / 62P
   Mobile DDR SDRAM 512Mbit (16M x 32bit)
logo
Integrated Silicon Solu...
IS43LR32640A ISSI-IS43LR32640A Datasheet
1Mb / 43P
   16M x 32Bits x 4Banks Mobile DDR SDRAM
logo
Samsung semiconductor
K4X56163PE SAMSUNG-K4X56163PE Datasheet
698Kb / 48P
   16M x16 Mobile DDR SDRAM
K4X51323PC-7E SAMSUNG-K4X51323PC-7E Datasheet
246Kb / 25P
   16M x32 Mobile-DDR SDRAM
K4X56163PG SAMSUNG-K4X56163PG Datasheet
217Kb / 23P
   16M x16 Mobile-DDR SDRAM
logo
Emerging Memory & Logic...
EMD56324P EMLSI-EMD56324P Datasheet
770Kb / 45P
   256M: 8M x 32 Mobile DDR SDRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com