Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RT3CLLM Datasheet(PDF) 3 Page - Isahaya Electronics Corporation

Part # RT3CLLM
Description  Compound Transistor
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISAHAYA [Isahaya Electronics Corporation]
Direct Link  http://www.idc-com.co.jp
Logo ISAHAYA - Isahaya Electronics Corporation

RT3CLLM Datasheet(HTML) 3 Page - Isahaya Electronics Corporation

  RT3CLLM Datasheet HTML 1Page - Isahaya Electronics Corporation RT3CLLM Datasheet HTML 2Page - Isahaya Electronics Corporation RT3CLLM Datasheet HTML 3Page - Isahaya Electronics Corporation RT3CLLM Datasheet HTML 4Page - Isahaya Electronics Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
COMMON EMITTER TRANSFER
0
10
20
30
40
50
0
0.2
0.4
0.6
0.8
1
BASE TO EMITTER VOLTAGE VBE(V)
Ta=25℃
VCE=6V
TYPICAL CHARACTERISTICS
PRELIMINARY
RT3CLLM
Compound Transistor
For Low Frequency Amplify Application
Silicon Npn Epitaxial Type
ISAHAYA ELECTRONICS CORPORATION
COMMON EMITTER OUTPUT
IB=0
0.02mA
0.04mA
0.06mA
0.08mA
0.10mA
0.12mA
0.14mA
0.16mA
0
10
20
30
40
50
012
345
COLLECTOR EMITTER VOLTAGE VCE(V)
Ta=25℃
DC FORWARD CURRENT GAIN
VS. COLLECTOR CURRENT
1
10
100
1000
10000
0.1
1
10
100
1000
COLLECTOR CURRENT IC(mA)
Ta=25℃
VCE=6V
100(@IC=1mA)
GAIN BAND WIDTH PRODUCT
VS. EMITTER CURRENT
0
50
100
150
200
250
-0.1
-1
-10
-100
EMITTER CURRENT IE(mA)
Ta=25℃
VCE=6V
COLLECTOR OUTPUT CAPACITANCE
VS. COLLECTOR TO BASE VOLTAGE
0.1
1
10
100
0.1
1
10
100
COLLECTOR TO BASE VOLTAGE VCB(V)
Ta=25℃
IE=0
f=1MHz


Similar Part No. - RT3CLLM

ManufacturerPart #DatasheetDescription
logo
Isahaya Electronics Cor...
RT3CLLM ISAHAYA-RT3CLLM Datasheet
141Kb / 4P
   2SC3052 chips in SC-88 package.
More results

Similar Description - RT3CLLM

ManufacturerPart #DatasheetDescription
logo
NEC
HQ1F3P NEC-HQ1F3P Datasheet
111Kb / 6P
   COMPOUND TRANSISTOR
BA1A3Q NEC-BA1A3Q Datasheet
103Kb / 4P
   COMPOUND TRANSISTOR
FB1A4M NEC-FB1A4M Datasheet
111Kb / 8P
   COMPOUND TRANSISTOR
logo
Renesas Technology Corp
BA1A4Z RENESAS-BA1A4Z Datasheet
229Kb / 6P
   COMPOUND TRANSISTOR
2002
logo
NEC
BN1L4Z NEC-BN1L4Z Datasheet
85Kb / 4P
   COMPOUND TRANSISTOR
AA1L4Z NEC-AA1L4Z Datasheet
81Kb / 4P
   COMPOUND TRANSISTOR
CE1A3Q NEC-CE1A3Q Datasheet
125Kb / 4P
   COMPOUND TRANSISTOR
AA1L3M NEC-AA1L3M Datasheet
83Kb / 4P
   COMPOUND TRANSISTOR
logo
Renesas Technology Corp
BA1F4Z RENESAS-BA1F4Z Datasheet
238Kb / 6P
   COMPOUND TRANSISTOR
2002
BN1A3Q RENESAS-BN1A3Q Datasheet
263Kb / 6P
   COMPOUND TRANSISTOR
2002
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com