Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EMD12324PV-75 Datasheet(PDF) 7 Page - Emerging Memory & Logic Solutions Inc

Part # EMD12324PV-75
Description  512M: 16M x 32 Mobile DDR SDRAM
Download  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMLSI [Emerging Memory & Logic Solutions Inc]
Direct Link  http://www.emlsi.com
Logo EMLSI - Emerging Memory & Logic Solutions Inc

EMD12324PV-75 Datasheet(HTML) 7 Page - Emerging Memory & Logic Solutions Inc

Back Button EMD12324PV-75 Datasheet HTML 3Page - Emerging Memory & Logic Solutions Inc EMD12324PV-75 Datasheet HTML 4Page - Emerging Memory & Logic Solutions Inc EMD12324PV-75 Datasheet HTML 5Page - Emerging Memory & Logic Solutions Inc EMD12324PV-75 Datasheet HTML 6Page - Emerging Memory & Logic Solutions Inc EMD12324PV-75 Datasheet HTML 7Page - Emerging Memory & Logic Solutions Inc EMD12324PV-75 Datasheet HTML 8Page - Emerging Memory & Logic Solutions Inc EMD12324PV-75 Datasheet HTML 9Page - Emerging Memory & Logic Solutions Inc EMD12324PV-75 Datasheet HTML 10Page - Emerging Memory & Logic Solutions Inc EMD12324PV-75 Datasheet HTML 11Page - Emerging Memory & Logic Solutions Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 46 page
background image
7
EMD12324PV
512M: 16M x 32 Mobile DDR SDRAM
Rev 0.0
Preliminary
Electrical Specifications
Table 3: ABSOLUTE MAXIMUM RATINGS
NOTE :
Permanent device damage may occur if ABSOLUTE MAXIMUM RATINGS are exceeded.
Functional operation should be restricted to recommended operating condition.
Exposure to higher than recommended voltage for extended periods of time could affect device reliability.
Table 4: DC OPERATING CONDITIONS
Recommended operating conditions (Voltage referenced to VSS = 0V, TA = -25
oC~ 85oC for Extended)
NOTE :
1. Under all conditions, VDDQ must be less than or equal to VDD.
2. These parameters should be tested at the pin on actual components and may be checked at either the pin or the pad in simulation.
Table 5: CAPACITANCE (V
DD = 1.8V, VDDQ = 1.8V, TA = 25℃, f=1㎒)
Parameter
Symbol
Value
Unit
Voltage on any pin relative to VSS
VIN,VOUT
-0.5 ~ 2.5
V
Voltage on VDD and VDDQ supply relative to VSS
VDD, VDDQ
-0.5 ~ 2.5
V
Storage temperature
TSTG
-55 ~ +150
Power dissipation
PD
1.0
W
Short circuit current
IOS
50
Parameter
Symbol
Min
Typ
Max
Unit
Note
Supply voltage
VDD
1.7
1.8
1.95
V
1
VDDQ
1.7
1.8
1.95
V
1
Input logic high voltage
VIH
0.8 x VDDQ
1.8
VDDQ + 0.3
V2
Input logic low voltage
VIL
-0.3
0
0.3
V
2
Output logic high voltage
VOH
0.9 x VDDQ
--
V
IOH = -0.1㎃
Output logic low voltage
VOL
--
0.1 x VDDQ
V
IOL = 0.1㎃
Input leakage current
ILI
-2
-
2
Output leakage current
ILO
-5
-
5
Pin
Symbol
Min
Max
Unit
Note
Input capacitance
(ADD, BA0~1, RASB, CASB, WEB, CSB, CKE)
CIN1
1.5
3.0
Input capacitance(CK, CKB)
CIN2
1.5
3.5
Data & DQS input/output capacitance
Cout
2.0
4.5
Input capacitance(DM)
CIN3
2.0
4.5


Similar Part No. - EMD12324PV-75

ManufacturerPart #DatasheetDescription
logo
Emerging Memory & Logic...
EMD12324P EMLSI-EMD12324P Datasheet
2Mb / 44P
   512M: 16M x 32 Mobile DDR SDRAM
EMD12324P-60 EMLSI-EMD12324P-60 Datasheet
2Mb / 44P
   512M: 16M x 32 Mobile DDR SDRAM
EMD12324P-75 EMLSI-EMD12324P-75 Datasheet
2Mb / 44P
   512M: 16M x 32 Mobile DDR SDRAM
More results

Similar Description - EMD12324PV-75

ManufacturerPart #DatasheetDescription
logo
Emerging Memory & Logic...
EMD12324P EMLSI-EMD12324P Datasheet
2Mb / 44P
   512M: 16M x 32 Mobile DDR SDRAM
logo
Etron Technology, Inc.
EM68B32DVKA ETRON-EM68B32DVKA Datasheet
328Kb / 40P
   16M x 32 Mobile DDR Synchronous DRAM (SDRAM)
logo
Emerging Memory & Logic...
EMD12164P EMLSI-EMD12164P Datasheet
2Mb / 45P
   512M: 32M x 16 Mobile DDR SDRAM
EMD56164P EMLSI-EMD56164P Datasheet
770Kb / 45P
   256M: 16M x 16 Mobile DDR SDRAM
logo
Hynix Semiconductor
H5MS5122DFR HYNIX-H5MS5122DFR Datasheet
2Mb / 62P
   Mobile DDR SDRAM 512Mbit (16M x 32bit)
logo
Integrated Silicon Solu...
IS43LR32640A ISSI-IS43LR32640A Datasheet
1Mb / 43P
   16M x 32Bits x 4Banks Mobile DDR SDRAM
logo
Samsung semiconductor
K4X56163PE SAMSUNG-K4X56163PE Datasheet
698Kb / 48P
   16M x16 Mobile DDR SDRAM
K4X51323PC-7E SAMSUNG-K4X51323PC-7E Datasheet
246Kb / 25P
   16M x32 Mobile-DDR SDRAM
K4X56163PG SAMSUNG-K4X56163PG Datasheet
217Kb / 23P
   16M x16 Mobile-DDR SDRAM
logo
Emerging Memory & Logic...
EMD56324P EMLSI-EMD56324P Datasheet
770Kb / 45P
   256M: 8M x 32 Mobile DDR SDRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com