Electronic Components Datasheet Search |
|
EMD28164PA-75 Datasheet(PDF) 7 Page - Emerging Memory & Logic Solutions Inc |
|
EMD28164PA-75 Datasheet(HTML) 7 Page - Emerging Memory & Logic Solutions Inc |
7 / 45 page 7 EMD28164PA 128M: 8M x 16 Mobile DDR SDRAM Rev 1.0 Table 6: DC CHARACTERISTICS Recommended operating conditions (Voltage referenced to VSS = 0V, TA = -25℃ to 85℃) Parameter Symbol Test Condition Version Unit -60 -75 -90 Operating one bank active-precharge current IDD0 tRC = tRCmin; tCK = tCKmin; CKE is HIGH; /CS is HIGH between valid commands; address inputs are SWITCH- ING; data bus inputs are STABLE 50 40 35 mA Precharge power-down standby current IDD2P all banks idle, CKE is LOW; /CS is HIGH, tCK = tCKmin; address and control inputs are SWITCHING; data bus inputs are STABLE 0.3 mA Precharge power-down standby current with clock stop IDD2PS all banks idle, CKE is LOW; /CS is HIGH, CK = LOW, /CK = HIGH; address and control inputs are SWITCH- ING; data bus inputs are STABLE 0.3 Precharge non power- down standby current IDD2N all banks idle, CKE is HIGH; /CS is HIGH, tCK = tCKmin; address and control inputs are SWITCHING; data bus inputs are STABLE 15 12 10 mA Precharge non power- down standby current with clock stop IDD2NS all banks idle, CKE is HIGH; /CS is HIGH, CK = LOW, / CK = HIGH; address and control inputs are SWITCHING; data bus inputs are STABLE 66 6 Active power-down standby current IDD3P one bank active, CKE is LOW; /CS is HIGH, tCK = tCKmin; address and control inputs are SWITCHING; data bus inputs are STABLE 2 mA Active power-down standby current with clock stop IDD3PS one bank active, CKE is LOW; /CS is HIGH, CK = LOW, /CK = HIGH; address and control inputs are SWITCH- ING; data bus inputs are STABLE 2 Active non power-down standby current IDD3N one bank active, CKE is HIGH; /CS is HIGH, tCK = tCKmin; address and control inputs are SWITCHING; data bus inputs are STABLE 25 20 15 mA Active non power-down standby current with clock stop IDD3NS one bank active, CKE is HIGH; /CS is HIGH, CK = LOW, /CK = HIGH; address and control inputs are SWITCH- ING; data bus inputs are STABLE 88 8 mA Operating burst read current IDD4R one bank active; BL=4; CL=3; tCK = tCKmin; continuous read bursts; Iout = 0 mA; address inputs are SWITCH- ING; 50% data change each burst transfer 90 80 70 mA Operating burst write current IDD4W one bank active; tCK = tCKmin; continuous write bursts; address inputs are SWITCHING; 50% data change each burst transfer 90 80 70 mA Auto-Refresh current IDD5 tRC = tRFCmin; burst refresh; CKE is HIGH; address and control inputs are SWITCHING; data bus inputs are STABLE 90 90 80 mA Self Refresh Current IDD6 CKE is LOW, CK = LOW, /CK = HIGH; Extended Mode Reg- ister set to all 0s; address and control inputs are STABLE; data bus inputs are STABLE TCSR Range 45*1 85 °C Full Array 150 200 µA 1/2 of Full Array 120 160 1/4 of Full Array 100 140 Deep Power-Down Current IDD8 Address and Control inputs are STABLE; data bus inputs are STABLE 10 10 10 µA |
Similar Part No. - EMD28164PA-75 |
|
Similar Description - EMD28164PA-75 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |