Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UNL10W10KS-F Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # UNL10W10KS-F
Description  ElectroFilm High Current Capacitors
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

UNL10W10KS-F Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  UNL10W10KS-F Datasheet HTML 1Page - List of Unclassifed Manufacturers UNL10W10KS-F Datasheet HTML 2Page - List of Unclassifed Manufacturers UNL10W10KS-F Datasheet HTML 3Page - List of Unclassifed Manufacturers UNL10W10KS-F Datasheet HTML 4Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Type UNL ElectroFilm High Current Capacitors
CDE Cornell Dubilier • 1605 E. Rodney French Blvd. • New Bedford, MA 02744 • Phone: (508)996-8561 • Fax: (508)996-3830 • www.cde.com
UNL
7
W20
K
S
–F
Type
Voltage
Capacitance
Tolerance
Leads
RoHS
UNL
4 = 400 Vdc
W80 = 80µF
K = ±10%
S = Short Pins
Compliant
5 = 500Vdc
W100 = 100µF
J = ±5%
Blank = Long Pins
6 = 600 Vdc
W30 = 30µF
7 = 750 Vdc
W50 = 50µF
8 = 800 Vdc
W40 = 40µF
9 = 900 Vdc
W13P5 = 13.5µF
10 = 1000 Vdc
W10 = 10µF
12 = 1200 Vdc
W7P5 = 7.5µF
15 = 1500 Vdc
W4P7 = 4.7µF
Part Numbering System
h*±0.5
(h*±0.02)
5.1±0.127
(0.2± 0.005)
12.7±0.8
(0.5±0.031)
D±0.8
(D±0.031)
2.54±0.8
(0.1±0.031)
0.8±0.076
(0.031±0.003)
H±0.5
(H±0.02)
Outline Drawing
12.7±0.8
(0.5±0.031)
5.1±0.127
(0.2±0.055)
1.5±0.1
(0.06±0.005)
Pins are tin plated brass - tapered
1.27 (0.05) - 1.14 (0.045)
*Standard Long Pins: h = 7.6 (0.3)
‘S’ Style Short Pins: h = 3.8 (0.15)
Dimensions: Millimeters (Inches)
PC Board Mounting Hole Pattern
D and H dimensions in Ratings Table
Optional


Similar Part No. - UNL10W10KS-F

ManufacturerPart #DatasheetDescription
logo
Cornell Dubilier Electr...
UNL10W10K-F CDE-UNL10W10K-F Datasheet
436Kb / 4P
   ElectroFilm High Current Capacitors
UNL10W10K-F CDE-UNL10W10K-F Datasheet
212Kb / 4P
   High Capacitance, High Current, Board Mount
More results

Similar Description - UNL10W10KS-F

ManufacturerPart #DatasheetDescription
logo
Cornell Dubilier Electr...
UNL4W30K-F CDE-UNL4W30K-F Datasheet
436Kb / 4P
   ElectroFilm High Current Capacitors
logo
AVX Corporation
W2H AVX-W2H Datasheet
91Kb / 4P
   High Current Feedthry Capacitors
W2H AVX-W2H_13 Datasheet
196Kb / 4P
   High Current Feedthru Capacitors
W2H13C1048AT AVX-W2H13C1048AT Datasheet
196Kb / 4P
   High Current Feedthru Capacitors
logo
Cornell Dubilier Electr...
DPFF2S12J-F CDE-DPFF2S12J-F Datasheet
133Kb / 3P
   High AC Current Polypropylene Film Capacitors
logo
Vishay Siliconix
120ATC VISHAY-120ATC_12 Datasheet
204Kb / 7P
   Aluminum Capacitors Axial High Temperature, High Ripple Current
Revision: 13-Dec-12
120ATC VISHAY-120ATC Datasheet
266Kb / 8P
   Aluminum Capacitors Axial High Temperature, High Ripple Current
Revision: 28-Oct-05
120ATC VISHAY-120ATC_08 Datasheet
112Kb / 8P
   Aluminum Capacitors Axial High Temperature, High Ripple Current
Revision: 21-Apr-08
logo
Cornell Dubilier Electr...
935C CDE-935C Datasheet
231Kb / 5P
   High Current Capacitors for Switching Power Supplies
logo
Vishay Siliconix
120ATC VISHAY-120ATC_V01 Datasheet
196Kb / 7P
   Aluminum Electrolytic Capacitors Axial High Temperature, High Ripple Current
01-Jan-2023
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com