Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SK34A Datasheet(PDF) 1 Page - GOOD-ARK Electronics

Part # SK34A
Description  Surface Mount Schottky Barrier Rectifiers Reverse Voltage 20 to 60 Volts Forward Current 3.0 Amperes
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GOOD-ARK [GOOD-ARK Electronics]
Direct Link  http://www.goodark.com
Logo GOOD-ARK - GOOD-ARK Electronics

SK34A Datasheet(HTML) 1 Page - GOOD-ARK Electronics

  SK34A Datasheet HTML 1Page - GOOD-ARK Electronics SK34A Datasheet HTML 2Page - GOOD-ARK Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Ratings at 25oC ambient temperature unless otherwise specified.
Single phase, half wave, 60Hz, resistive or inductive load.
For capacitive load, derate current by 20%
Notes:
1. Measured at 1.0MHz and applied reverse voltage of 4.0V DC.
2. Thermal Resistance Junction to Lead.
3. Thermal Resistance Junction to Ambient.
335
s
e
r
u
t
a
e
F
a
t
a
D
l
a
c
i
n
a
h
c
e
M
s
c
i
t
s
i
r
e
t
c
a
r
a
h
C
l
a
c
i
r
t
c
e
l
E
d
n
a
s
g
n
i
t
a
R
m
u
m
i
x
a
M
r
e
t
e
m
a
r
a
Ps
l
o
b
m
y
SA
2
3
K
SA
3
3
K
SA
4
3
K
SA
5
3
K
SA
6
3
K
Ss
t
i
n
U
e
g
a
t
l
o
v
e
s
r
e
v
e
r
k
a
e
p
e
v
i
t
i
t
e
p
e
r
m
u
m
i
x
a
MV
M
R
R
0
20
30
40
50
6s
t
l
o
V
e
g
a
t
l
o
v
S
M
R
m
u
m
i
x
a
MV
S
M
R
4
11
28
25
32
4s
t
l
o
V
e
g
a
t
l
o
v
g
n
i
k
c
o
l
b
C
D
m
u
m
i
x
a
MV
C
D
0
20
30
40
50
6s
t
l
o
V
d
r
a
w
r
o
f
e
g
a
r
e
v
a
m
u
m
i
x
a
M
t
n
e
r
r
u
c
d
e
i
f
i
t
c
e
rT
@
L
0
0
1
=
oC
I
)
V
A
(
0
.
3s
p
m
A
t
n
e
r
r
u
c
e
g
r
u
s
d
r
a
w
r
o
f
k
a
e
P
e
v
a
w
-
e
n
i
s
f
l
a
h
e
l
g
n
i
s
s
m
3
.
8
)
d
o
h
t
e
M
C
E
D
E
J
(
d
a
o
l
d
e
t
a
r
n
o
d
e
s
o
p
m
i
r
e
p
u
s
I
M
S
F
0
.
0
0
1s
p
m
A
C
D
A
0
.
3
t
a
e
g
a
t
l
o
v
d
r
a
w
r
o
f
m
u
m
i
x
a
MV
F
0
5
.
00
7
.
0s
t
l
o
V
t
n
e
r
r
u
c
e
s
r
e
v
e
r
C
D
m
u
m
i
x
a
M
e
g
a
t
l
o
v
g
n
i
k
c
o
l
b
C
D
d
e
t
a
r
t
a
T
@
J
5
2
=
oC
T
@
J
0
0
1
=
oC
I
R
5
.
0
0
2
A
m
e
c
n
a
t
i
c
a
p
a
c
n
o
i
t
c
n
u
j
l
a
c
i
p
y
T)
1
e
t
o
N
(C
J
0
5
2
pF
e
c
n
a
t
s
i
s
e
r
l
a
m
r
e
h
t
l
a
c
i
p
y
T)
2
e
t
o
N
(
)
3
e
t
o
N
(
R
θ L
J
R
θ A
J
0
1
0
5
o
W
/
C
e
g
n
a
r
e
r
u
t
a
r
e
p
m
e
t
n
o
i
t
c
n
u
j
g
n
i
t
a
r
e
p
OT
J
5
2
1
+
o
t
5
5
-
oC
e
g
n
a
r
e
r
u
t
a
r
e
p
m
e
t
e
g
a
r
o
t
ST
G
T
S
0
5
1
+
o
t
5
5
-
oC
For surface mounted applications
Metal-Semiconductor junction with guardring
Epitaxial construction
Very low forward voltage drop
High current capability
Plastic material has UL flammability classification 94V-0
For use in low voltage, high frequency inverters, free
wheeling, and polarity protection applications
Case : JEDEC DO-214AC(SMA) molded plastic
Polarity : Color band denotes cathode
Weight : 0.002 ounce, 0.064 gram
A
6
3
K
S
u
r
h
t
A
2
3
K
S
s
r
e
i
f
i
t
c
e
R
r
e
i
r
r
a
B
y
k
t
t
o
h
c
S
t
n
u
o
M
e
c
a
f
r
u
S
s
e
r
e
p
m
A
0
.
3
t
n
e
r
r
u
C
d
r
a
w
r
o
F
s
t
l
o
V
0
6
o
t
0
2
e
g
a
t
l
o
V
e
s
r
e
v
e
R


Similar Part No. - SK34A

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
SK34A MCC-SK34A Datasheet
620Kb / 3P
   3 Amp Schottky Rectifier 20 to 100 Volts
logo
Microsemi Corporation
SK34A MICROSEMI-SK34A Datasheet
272Kb / 4P
   Same Electrical Characteristics As The SMC Version
logo
Taiwan Semiconductor Co...
SK34A TSC-SK34A Datasheet
130Kb / 2P
   3.0 AMPS. Surface Mount Schottky Barrier Rectifiers
logo
Sangdest Microelectroni...
SK34A SMC-SK34A Datasheet
154Kb / 5P
   SCHOTTKY RECTIFIER
logo
SEMTECH ELECTRONICS LTD...
SK34A SEMTECH_ELEC-SK34A Datasheet
183Kb / 2P
   SCHOTTKY BARRIER RECTIFIER
More results

Similar Description - SK34A

ManufacturerPart #DatasheetDescription
logo
GOOD-ARK Electronics
SK32 GOOD-ARK-SK32_15 Datasheet
157Kb / 2P
   Surface Mount Schottky Barrier Rectifiers Reverse Voltage 20 to 60 Volts Forward Current 3.0 Amperes
SK32A GOOD-ARK-SK32A_15 Datasheet
152Kb / 2P
   Surface Mount Schottky Barrier Rectifiers Reverse Voltage 20 to 60 Volts Forward Current 3.0 Amperes
SB320 GOOD-ARK-SB320_15 Datasheet
170Kb / 2P
   Schottky Barrier Rectifiers Reverse Voltage 20 to 60 Volts Forward Current 3.0 Amperes
SK22 GOOD-ARK-SK22_15 Datasheet
157Kb / 2P
   Surface Mount Schottky Barrier Rectifiers Reverse Voltage 20 to 60 Volts Forward Current 2.0 Amperes
SK2XA GOOD-ARK-SK2XA_15 Datasheet
156Kb / 2P
   Surface Mount Schottky Barrier Rectifiers Reverse Voltage 20 to 60 Volts Forward Current 2.0 Amperes
SK22A GOOD-ARK-SK22A Datasheet
155Kb / 2P
   Surface Mount Schottky Barrier Rectifiers Reverse Voltage 20 to 60 Volts Forward Current 2.0 Amperes
1N5820 GOOD-ARK-1N5820_15 Datasheet
183Kb / 2P
   Schottky Barrier Rectifiers Reverse Voltage 20 to 40 Volts Forward Current 3.0 Amperes
SB220 GOOD-ARK-SB220_15 Datasheet
137Kb / 2P
   Schottky Barrier Rectifiers Reverse Voltage 20 to 60 Volts Forward Current 2.0 Amperes
SB520 GOOD-ARK-SB520_15 Datasheet
176Kb / 2P
   Schottky Barrier Rectifiers Reverse Voltage 20 to 60 Volts Forward Current 5.0 Amperes
SK37 GOOD-ARK-SK37_15 Datasheet
155Kb / 2P
   Surface Mount Schottky Barrier Rectifiers Reverse Voltage 70 to 100 Volts Forward Current 3.0 Amperes
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com