Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UNL6W80KS-F Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # UNL6W80KS-F
Description  ElectroFilm High Current Capacitors
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

UNL6W80KS-F Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  UNL6W80KS-F Datasheet HTML 1Page - List of Unclassifed Manufacturers UNL6W80KS-F Datasheet HTML 2Page - List of Unclassifed Manufacturers UNL6W80KS-F Datasheet HTML 3Page - List of Unclassifed Manufacturers UNL6W80KS-F Datasheet HTML 4Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Type UNL ElectroFilm High Current Capacitors
CDE Cornell Dubilier • 1605 E. Rodney French Blvd. • New Bedford, MA 02744 • Phone: (508)996-8561 • Fax: (508)996-3830 • www.cde.com
Typical Performance Curves
Expected Lifetime vs Applied Voltage and Core Temp
0.8
0.9
1
1.1
1.2
1.3
1.4
1.5
1.6
1.7
100
1000
10000
100000
1000000
Expected Lifetime (h)
50ºC
60ºC
70ºC
85ºC
Ripple Current Ratings vs Temperature and Frequency
UNL6W30K-F
0
5
10
15
20
25
10
100
1000
10000
100000
1000000
Frequency (Hz)
25ºC
50ºC
70ºC
85ºC


Similar Part No. - UNL6W80KS-F

ManufacturerPart #DatasheetDescription
logo
Cornell Dubilier Electr...
UNL6W80K-F CDE-UNL6W80K-F Datasheet
436Kb / 4P
   ElectroFilm High Current Capacitors
UNL6W80K-F CDE-UNL6W80K-F Datasheet
212Kb / 4P
   High Capacitance, High Current, Board Mount
More results

Similar Description - UNL6W80KS-F

ManufacturerPart #DatasheetDescription
logo
Cornell Dubilier Electr...
UNL4W30K-F CDE-UNL4W30K-F Datasheet
436Kb / 4P
   ElectroFilm High Current Capacitors
logo
AVX Corporation
W2H AVX-W2H Datasheet
91Kb / 4P
   High Current Feedthry Capacitors
W2H AVX-W2H_13 Datasheet
196Kb / 4P
   High Current Feedthru Capacitors
W2H13C1048AT AVX-W2H13C1048AT Datasheet
196Kb / 4P
   High Current Feedthru Capacitors
logo
Cornell Dubilier Electr...
DPFF2S12J-F CDE-DPFF2S12J-F Datasheet
133Kb / 3P
   High AC Current Polypropylene Film Capacitors
logo
Vishay Siliconix
120ATC VISHAY-120ATC_12 Datasheet
204Kb / 7P
   Aluminum Capacitors Axial High Temperature, High Ripple Current
Revision: 13-Dec-12
120ATC VISHAY-120ATC Datasheet
266Kb / 8P
   Aluminum Capacitors Axial High Temperature, High Ripple Current
Revision: 28-Oct-05
120ATC VISHAY-120ATC_08 Datasheet
112Kb / 8P
   Aluminum Capacitors Axial High Temperature, High Ripple Current
Revision: 21-Apr-08
logo
Cornell Dubilier Electr...
935C CDE-935C Datasheet
231Kb / 5P
   High Current Capacitors for Switching Power Supplies
logo
Vishay Siliconix
120ATC VISHAY-120ATC_V01 Datasheet
196Kb / 7P
   Aluminum Electrolytic Capacitors Axial High Temperature, High Ripple Current
01-Jan-2023
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com