Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RL107G Datasheet(PDF) 1 Page - GOOD-ARK Electronics

Part # RL107G
Description  Glass Passivated Junction Rectifiers Reverse Voltage 50 to 1000 Volts Forward Current 1.0 Ampere
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GOOD-ARK [GOOD-ARK Electronics]
Direct Link  http://www.goodark.com
Logo GOOD-ARK - GOOD-ARK Electronics

RL107G Datasheet(HTML) 1 Page - GOOD-ARK Electronics

  RL107G Datasheet HTML 1Page - GOOD-ARK Electronics RL107G Datasheet HTML 2Page - GOOD-ARK Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Notes:
1. Measured at 1 MHz and Applied Reverse Voltage of 4.0 V D.C.
a
t
a
D
l
a
c
i
n
a
h
c
e
M
s
e
r
u
t
a
e
F
17
s
c
i
t
s
i
r
e
t
c
a
r
a
h
C
l
a
c
i
r
t
c
e
l
E
d
n
a
s
g
n
i
t
a
R
m
u
m
i
x
a
M
Ratings at 25oC ambient temperature unless otherwise specified.
Single phase, half wave, 60Hz, resistive or inductive load.
For capacitive load, derate current by 20%
Low forward voltage drop
High current capability
High reliability
High surge current capability
Φ 0.6mm leads
Case: Molded plastic A-405
Epoxy: UL 94V-O rate flame retardant
Lead: Axial leads, solderable per MIL-STD-202, Method 208
guaranteed
Polarity: Color band denotes cathode end
High temperature soldering guaranteed:
250oC/10 seconds .375” (9.5mm) lead
lengths at 5 lbs., (2.3kg) tension
Weight: 0.008 ounce, 0.235 gram
G
7
0
1
L
R
u
r
h
t
G
1
0
1
L
R
s
r
e
i
f
i
t
c
e
R
n
o
i
t
c
n
u
J
d
e
t
a
v
i
s
s
a
P
s
s
a
l
G
e
r
e
p
m
A
0
.
1
t
n
e
r
r
u
C
d
r
a
w
r
o
F
s
t
l
o
V
0
0
0
1
o
t
0
5
e
g
a
t
l
o
V
e
s
r
e
v
e
R
r
e
t
e
m
a
r
a
Ps
l
o
b
m
y
SG
1
0
1
L
RG
2
0
1
L
RG
3
0
1
L
RG
4
0
1
L
RG
5
0
1
L
RG
6
0
1
L
RG
7
0
1
L
Rs
t
i
n
U
e
g
a
t
l
o
v
e
s
r
e
v
e
r
k
a
e
p
e
v
i
t
i
t
e
p
e
r
m
u
m
i
x
a
MV
M
R
R
0
50
0
10
0
20
0
40
0
60
0
80
0
0
1s
t
l
o
V
e
g
a
t
l
o
v
S
M
R
m
u
m
i
x
a
MV
S
M
R
5
30
70
4
10
8
20
2
40
6
50
0
7s
t
l
o
V
e
g
a
t
l
o
v
g
n
i
k
c
o
l
b
C
D
m
u
m
i
x
a
MV
C
D
0
50
0
10
0
20
0
40
0
60
0
80
0
0
1s
t
l
o
V
t
n
e
r
r
u
c
d
e
i
f
i
t
c
e
r
d
r
a
w
r
o
f
e
g
a
r
e
v
a
m
u
m
i
x
a
M
T
@
h
t
g
n
e
l
d
a
e
l
)
m
m
5
.
9
(
"
5
7
3
.
0
A
0
5
=
oC
I
)
V
A
(
0
.
1p
m
A
e
l
g
n
i
s
s
m
3
.
8
,
t
n
e
r
r
u
c
e
g
r
u
s
d
r
a
w
r
o
f
k
a
e
P
d
a
o
l
d
e
t
a
r
n
o
d
e
s
o
p
m
i
r
e
p
u
s
e
v
a
w
-
e
n
i
s
f
l
a
h
)
d
o
h
t
e
M
C
E
D
E
J
(
I
M
S
F
0
.
0
3s
p
m
A
C
D
A
0
.
1
@
e
g
a
t
l
o
v
d
r
a
w
r
o
f
s
u
o
e
n
a
t
n
a
t
s
n
i
m
u
m
i
x
a
MV
F
1
.
1s
t
l
o
V
t
n
e
r
r
u
c
e
s
r
e
v
e
r
C
D
m
u
m
i
x
a
M
e
g
a
t
l
o
v
g
n
i
k
c
o
l
b
C
D
d
e
t
a
r
t
a
T
@
A
5
2
=
oC
T
@
A
5
2
1
=
oC
I
R
0
.
5
0
0
1
uA
)
1
e
t
o
N
(
e
c
n
a
t
i
c
a
p
a
c
n
o
i
t
c
n
u
j
l
a
c
i
p
y
TC
J
0
1
pF
e
g
n
a
r
e
r
u
t
a
r
e
p
m
e
t
n
o
i
t
c
n
u
j
g
n
i
t
a
r
e
p
OT
J
0
5
1
+
o
t
5
5
-
oC
e
g
n
a
r
e
r
u
t
a
r
e
p
m
e
t
e
g
a
r
o
t
ST
G
T
S
0
5
1
+
o
t
5
5
-
oC


Similar Part No. - RL107G

ManufacturerPart #DatasheetDescription
logo
Dc Components
RL107G DCCOM-RL107G Datasheet
347Kb / 2P
   TECHNIAL SPECIFICATIONS OF GLASS PASSIVATED RECTIFIER
logo
GOOD-ARK Electronics
RL107G GOOD-ARK-RL107G Datasheet
182Kb / 2P
   MINIATURE GLASS PASSIVATED JUNCTION RECTIFIER
logo
TAITRON Components Inco...
RL107G TAITRON-RL107G Datasheet
188Kb / 5P
   1.0A Glass Passivated Rectifier
logo
Shenzhen Luguang Electr...
RL107G LUGUANG-RL107G Datasheet
268Kb / 2P
   Plastic Silicon Rectifiers
logo
Diode Semiconductor Kor...
RL107G DSK-RL107G Datasheet
239Kb / 2P
   PLASTIC SILICON RECTIFIERS
More results

Similar Description - RL107G

ManufacturerPart #DatasheetDescription
logo
GOOD-ARK Electronics
1N4001G GOOD-ARK-1N4001G_15 Datasheet
184Kb / 2P
   Glass Passivated Junction Rectifiers Reverse Voltage 50 to 1000 Volts Forward Current 1.0 Ampere
GN1A GOOD-ARK-GN1A_15 Datasheet
201Kb / 2P
   Surface Mount Glass Passivated Rectifiers Reverse Voltage 50 to 1000 Volts Forward Current 1.0 Ampere
SF11 GOOD-ARK-SF11_15 Datasheet
197Kb / 2P
   Glass Passivated Super Fast Rectifiers Reverse Voltage 50 to 1000 Volts Forward Current 1.0 Ampere
1F1G GOOD-ARK-1F1G_15 Datasheet
159Kb / 2P
   Glass Passivated Fast Recovery Rectifiers Reverse Voltage 50 to 1000 Volts Forward Current 1.0 Ampere
UF4001 GOOD-ARK-UF4001 Datasheet
156Kb / 2P
   Glass Passivated High Efficient Rectifiers Reverse Voltage 50 to 1000 Volts Forward Current 1.0 Ampere
HER101G GOOD-ARK-HER101G_15 Datasheet
195Kb / 2P
   Glass Passivated High Efficient Rectifiers Reverse Voltage 50 to 1000 Volts Forward Current 1.0 Ampere
RL101FG GOOD-ARK-RL101FG_15 Datasheet
156Kb / 2P
   Glass Passivated Fast Recovery Rectifiers Reverse Voltage 50 to 1000 Volts Forward Current 1.0 Ampere
HER1001G GOOD-ARK-HER1001G Datasheet
153Kb / 2P
   Glass Passivated High Efficient Rectifiers Reverse Voltage 50 to 1000 Volts Forward Current 1.0 Ampere
1S1G GOOD-ARK-1S1G_15 Datasheet
192Kb / 2P
   Glass Passivated Super Fast Rectifiers Reverse Voltage 50 to 1000 Volts Forward Current 1.0 Ampere
HER1001G GOOD-ARK-HER1001G_15 Datasheet
154Kb / 2P
   Glass Passivated High Efficient Rectifiers Reverse Voltage 50 to 1000 Volts Forward Current 1.0 Ampere
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com