Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

301123U010JL2 Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

Part # 301123U010JL2
Description  High Capacitance and Ultra-Low ESR
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

301123U010JL2 Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

  301123U010JL2 Datasheet HTML 1Page - List of Unclassifed Manufacturers 301123U010JL2 Datasheet HTML 2Page - List of Unclassifed Manufacturers 301123U010JL2 Datasheet HTML 3Page - List of Unclassifed Manufacturers 301123U010JL2 Datasheet HTML 4Page - List of Unclassifed Manufacturers 301123U010JL2 Datasheet HTML 5Page - List of Unclassifed Manufacturers 301123U010JL2 Datasheet HTML 6Page - List of Unclassifed Manufacturers 301123U010JL2 Datasheet HTML 7Page - List of Unclassifed Manufacturers 301123U010JL2 Datasheet HTML 8Page - List of Unclassifed Manufacturers 301123U010JL2 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
CDM Cornell Dubilier
140 Technology Place Liberty, SC 29657 Phone: (864)843-2277 Fax: (864)843-3800 www.cde.com
Type 300/301 –55 ºC to 105 ºC Long-Life, Switching Power Grade Radial
Typical Performance Curves
300 - 3 leads 152 = 1500 µF M = ±20%
6R3 =6.3 V
0 = bare can E = epoxy
Type
Capacitance Tolerance
Voltage Case Code Insulation
Epoxy
301R
333
U
6R3
JS
2
E
Part Numbering System
300R- 3 leads, 102 = 1000 µF T = 10% +50% 063 = 63 Vdc
1 = Polyester
endseal
low ESR
U = –10 +75% 100 = 100 Vdc
2 = PVC
Blank = no
epoxy
301- 2 leads
8 = PVC
9 = Polyester w/standoffs*
301R- 2 leads, low ESR
w/standoffs*
301A- Laydown 3 leads
*Not available in .77” diameter


Similar Part No. - 301123U010JL2

ManufacturerPart #DatasheetDescription
logo
Cornell Dubilier Electr...
301123U010JL2 CDE-301123U010JL2 Datasheet
487Kb / 11P
   Long-Life, Switching Power Grade Radial
301123U010JL2 CDE-301123U010JL2 Datasheet
764Kb / 12P
   High Capacitance and Ultra-Low ESR
More results

Similar Description - 301123U010JL2

ManufacturerPart #DatasheetDescription
logo
Cornell Dubilier Electr...
300 CDE-300_17 Datasheet
764Kb / 12P
   High Capacitance and Ultra-Low ESR
325 CDE-325_15 Datasheet
1Mb / 5P
   High Temperature and Ultra-Low ESR
logo
Kemet Corporation
T530D477M2R5AH4097 KEMET-T530D477M2R5AH4097 Datasheet
106Kb / 2P
   High Capacitance/Ultra-Low ESR Tantalum Surface Mount Capacitor
logo
EPCOS
B37923K5100B060 EPCOS-B37923K5100B060 Datasheet
126Kb / 14P
   Ultra-low ESR and high Q factor
logo
Nichicon corporation
RR5 NICHICON-RR5 Datasheet
660Kb / 2P
   Ultra-low ESR
logo
Stackpole Electronics, ...
ESD SEI-ESD Datasheet
205Kb / 3P
   Low and Ultra Low Capacitance ESD Suppressor
12/12/2019
logo
Illinois Capacitor, Inc...
ALG ILLINOISCAPACITOR-ALG Datasheet
176Kb / 2P
   Highest capacitance & Voltage, Low ESR
logo
M/A-COM Technology Solu...
MADS-002545-1307 MA-COM-MADS-002545-1307_15 Datasheet
608Kb / 4P
   Ultra Low Parasitic Capacitance and Inductance
logo
Illinois Capacitor, Inc...
PHC ILLINOISCAPACITOR-PHC Datasheet
214Kb / 3P
   Metallized polypropylene ??Low self inductance ??High capacitance ??Low ESR
logo
Nichicon corporation
RE5 NICHICON-RE5 Datasheet
668Kb / 2P
   Ultra-low ESR, Low Profile
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com