Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

WMC08D68K-F Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # WMC08D68K-F
Description  Polyester Film/Foil Capacitors
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

WMC08D68K-F Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  WMC08D68K-F Datasheet HTML 1Page - List of Unclassifed Manufacturers WMC08D68K-F Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Type WMC Polyester Film/Foil Capacitors
CDE Cornell Dubilier • 1605 E. Rodney French Blvd. • New Bedford, MA 02744 • Phone: (508)996-8561 • Fax: (508)996-3830 • www.cde.com
Ratings
Axial Lead, Miniature Size for Automatic Insertion
Type WMC axial-leaded polyester film/foil capacitors
are ideal for automatic insertion in printed circuit boards.
It is an ultraminiature version of Type WMF and the sec-
tions of these non-inductive capacitors are constructed
with extended foil, polyster film, with tinned copper-
clad steel leads.
Highlights
• Miniature Size
• Available on tape and reel
• Film/foil construction, non-inductive design
• High dV/dt ratings
• Good for high pulse applications
Specifications
Capacitance Range:
Voltage Range:
Capacitance Tolerance:
Temperature Range:
Dielectric Strength:
Dissipation Factor:
Insulation Resistance:
Life Test:
.001 µF to .47 µF
80 to 400 Vdc (50 to 200 Vac, 60 Hz)
±10% standard, ±5% optional
–55 to +125 ºC
(Full-rated voltage at 85 °C–Derate linearly to 50%-rated voltage at 125 °C)
250% of rated voltage for 1 minute
.75% Max. (25 ºC, 1 kHz)
30,000 MΩ x µF, 100,000 MΩ Min.
250 hours at 85 ºC at 125% rated voltage
Outline Drawing
Pulse Ratings
Lead Diameters:
No. 24 AWG to .282” (6.35mm) diameter
No. 22 AWG .283” (6.38mm) diameter and up
NOTE: Other capacitance values, sizes and performance specifications
are available. Contact us.
RoHS Compliant
Specifications
Pulse Capability
Body Length
Rated
.437
.531-.593 .656-.718
0.906
1.218
Voltage
dV/dt — volts per microsecond, maximum
80
5000
2100
1500
900
690
200
10800
5000
3000
1700
1260
400
30700
14500
9600
3600
2600
Cap
Catalog
D
L
d
(µF)
Part Number Inches (mm) Inches (mm) Inches (mm)
80 Vdc (50 Vac)
0.0010 WMC08D1K-F
.185 (4.7)
.406 (10.3)
.020 (.5)
0.0012 WMC08D12K-F .185 (4.7)
.406 (10.3)
.020 (.5)
0.0015 WMC08D15K-F .185 (4.7)
.406 (10.3)
.020 (.5)
0.0018 WMC08D18K-F .185 (4.7)
.406 (10.3)
.020 (.5)
0.0022 WMC08D22K-F .185 (4.7)
.406 (10.3)
.020 (.5)
0.0027 WMC08D27K-F .185 (4.7)
.406 (10.3)
.020 (.5)
Cap
Catalog
D
L
d
(µF)
Part Number Inches (mm) Inches (mm) Inches (mm)
80 Vdc (50 Vac)
0.0033 WMC08D33K-F .185 (4.7)
.406 (10.3)
.020 (.5)
0.0039 WMC08D39K-F .185 (4.7)
.406 (10.3)
.020 (.5)
0.0047 WMC08D47K-F .185 (4.7)
.406 (10.3)
.020 (.5)
0.0056 WMC08D56K-F .185 (4.7)
.406 (10.3)
.020 (.5)
0.0068 WMC08D68K-F .185 (4.7)
.406 (10.3)
.020 (.5)
0.0082 WMC08D82K-F .185 (4.7)
.406 (10.3)
.020 (.5)
Tinned Copper-Clad Steel Leads
d
1.5” Min.
(38 mm)
1.5” Min.
(38 mm)
D
Max.
L Max.


Similar Part No. - WMC08D68K-F

ManufacturerPart #DatasheetDescription
logo
Cornell Dubilier Electr...
WMC08D68K-F CDE-WMC08D68K-F Datasheet
137Kb / 2P
   Polyester Film/Foil Capacitors
WMC08D68K-F CDE-WMC08D68K-F Datasheet
106Kb / 3P
   Axial Lead, Miniature Size for Automatic Insertion
More results

Similar Description - WMC08D68K-F

ManufacturerPart #DatasheetDescription
logo
Cornell Dubilier Electr...
WMC08D1K-F CDE-WMC08D1K-F Datasheet
137Kb / 2P
   Polyester Film/Foil Capacitors
DLR1D1K-F CDE-DLR1D1K-F Datasheet
183Kb / 1P
   Film/Foil Polyester Film Capacitors
logo
RFE international
L104M2A RFE-L104M2A Datasheet
61Kb / 1P
   POLYESTER FILM CAPACITORS L Series: Radial, Polyester, Film Foil
LM472M2A RFE-LM472M2A Datasheet
60Kb / 1P
   POLYESTER FILM CAPACITORS LM Series: Radial, Polyester, Film Foil
logo
Cornell Dubilier Electr...
PVC1118 CDE-PVC1118 Datasheet
289Kb / 6P
   Polyester and Polypropylene Film/Foil Capacitors
logo
List of Unclassifed Man...
CQ92M ETC2-CQ92M Datasheet
52Kb / 3P
   ??Polyester film/foil capacitor
logo
RFE international
N103K1H RFE-N103K1H Datasheet
73Kb / 1P
   POLYESTER FILM CAPACITORS N Series: Non-Inductive, Film Foil
T102J2EAT1 RFE-T102J2EAT1 Datasheet
86Kb / 1P
   POLYESTER FILM CAPACITORS T Series: Axial Tubular, Film Foil
logo
Vishay Siliconix
192P222X9080 VISHAY-192P222X9080 Datasheet
96Kb / 5P
   Polyester Film/Foil Capacitors Sleeved, Miniature, Axial Lead
Revision 13-Nov-03
logo
List of Unclassifed Man...
225P10491WD3 ETC1-225P10491WD3 Datasheet
240Kb / 7P
   Type 225P, Orange Drop짰, Polyester Film/Foil Capacitors
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com