Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EM646FT16ET-45L Datasheet(PDF) 11 Page - Emerging Memory & Logic Solutions Inc

Part # EM646FT16ET-45L
Description  512K x8 bit Low Power Full CMOS Static RAM
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMLSI [Emerging Memory & Logic Solutions Inc]
Direct Link  http://www.emlsi.com
Logo EMLSI - Emerging Memory & Logic Solutions Inc

EM646FT16ET-45L Datasheet(HTML) 11 Page - Emerging Memory & Logic Solutions Inc

Back Button EM646FT16ET-45L Datasheet HTML 3Page - Emerging Memory & Logic Solutions Inc EM646FT16ET-45L Datasheet HTML 4Page - Emerging Memory & Logic Solutions Inc EM646FT16ET-45L Datasheet HTML 5Page - Emerging Memory & Logic Solutions Inc EM646FT16ET-45L Datasheet HTML 6Page - Emerging Memory & Logic Solutions Inc EM646FT16ET-45L Datasheet HTML 7Page - Emerging Memory & Logic Solutions Inc EM646FT16ET-45L Datasheet HTML 8Page - Emerging Memory & Logic Solutions Inc EM646FT16ET-45L Datasheet HTML 9Page - Emerging Memory & Logic Solutions Inc EM646FT16ET-45L Datasheet HTML 10Page - Emerging Memory & Logic Solutions Inc EM646FT16ET-45L Datasheet HTML 11Page - Emerging Memory & Logic Solutions Inc  
Zoom Inzoom in Zoom Outzoom out
 11 / 11 page
background image
EM641FT8T Series
Low Power, 512Kx8 SRAM
11
EM X XX X X X XX X X - XX XX
SRAM PART CODING SYSTEM
1. EMLSI Memory
2. Product Type
3. Density
5. Technology
6. Operating Voltage
8. Generation
9. Package
10. Speed
7. Organization
1. Memory Component
EM --------------------- Memory
2. Product Type
6 ------------------------ SRAM
3. Density
1 ------------------------- 1M
2 ------------------------- 2M
4 ------------------------- 4M
8 ------------------------- 8M
4. Function
0 ----------------------- Dual CS
1 ----------------------- Single CS
2 ----------------------- Multiplexed
3 ------------- Single CS / LBB, UBB(tBA=tOE)
4 ------------- Single CS / LBB, UBB(tBA=tCO)
5 ------------- Dual CS / LBB, UBB(tBA=tOE)
6 ------------- Dual CS / LBB, UBB(tBA=tCO)
5. Technology
F ------------------------- Full CMOS
6. Operating Voltage
T ------------------------- 5.0V
V ------------------------- 3.3V
U ------------------------- 3.0V
S ------------------------- 2.5V
R ------------------------- 2.0V
P ------------------------- 1.8V
7. Organization
8 ---------------------- x8 bit
16 ---------------------- x16 bit
8. Generation
Blank ----------------- 1st generation
A ----------------------- 2nd generation
B ----------------------- 3rd generation
C ----------------------- 4th generation
D ----------------------- 5th generation
E ----------------------- 6th generation
F ----------------------- 7th generation
G ---------------------- 8th generation
9. Package
Blank ---------------- KGD, 48&36FpBGA
S ---------------------- 32 sTSOP1
T ---------------------- 32 TSOP1
U ---------------------- 44 TSOP2
V --------------------- 32 SOP
10. Speed
45 ---------------------- 45ns
55 ---------------------- 55ns
70 ---------------------- 70ns
85 ---------------------- 85ns
10 ---------------------- 100ns
12 ---------------------- 120ns
11. Power
LL ---------------------- Low Low Power
LF ---------------------- Low Low Power(Pb-Free & Green)
L ---------------------- Low Power
S ---------------------- Standard Power
4. Function
11. Power


Similar Part No. - EM646FT16ET-45L

ManufacturerPart #DatasheetDescription
logo
Emerging Memory & Logic...
EM646FV16FU EMLSI-EM646FV16FU Datasheet
192Kb / 11P
   256K x16 bit Super Low Power and Low Voltage Full CMOS Static RAM
More results

Similar Description - EM646FT16ET-45L

ManufacturerPart #DatasheetDescription
logo
Emerging Memory & Logic...
EM641FT8 EMLSI-EM641FT8 Datasheet
387Kb / 10P
   512K x8 bit Low Power Full CMOS Static RAM
EM641FT8V EMLSI-EM641FT8V Datasheet
435Kb / 11P
   512K x8 bit Low Power Full CMOS Static RAM
EM641FT8S EMLSI-EM641FT8S Datasheet
863Kb / 11P
   512K x8 bit Low Power Full CMOS Static RAM
EM641FV8FS EMLSI-EM641FV8FS Datasheet
62Kb / 10P
   512K x8 bit Super Low Power and Low Voltage Full CMOS Static RAM
EM640FU8E EMLSI-EM640FU8E Datasheet
71Kb / 11P
   512K x8 bit Super Low Power and Low Voltage Full CMOS Static RAM
EM641FV8FT EMLSI-EM641FV8FT Datasheet
183Kb / 10P
   512K x8 bit Super Low Power and Low Voltage Full CMOS Static RAM
EM640FP8 EMLSI-EM640FP8 Datasheet
71Kb / 11P
   512K x8 bit Super Low Power and Low Voltage Full CMOS Static RAM
EM620FV8BS EMLSI-EM620FV8BS Datasheet
433Kb / 11P
   256K x8 bit Low Power and Low Voltage Full CMOS Static RAM
EM620FV8B EMLSI-EM620FV8B Datasheet
427Kb / 11P
   256K x8 bit Low Power and Low Voltage Full CMOS Static RAM
EM620FU8B EMLSI-EM620FU8B Datasheet
391Kb / 10P
   256K x8 bit Low Power and Low Voltage Full CMOS Static RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com