Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PESM10GM50RN Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # PESM10GM50RN
Description  5X7X1.6mm / PECL SMD Oscillator
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

PESM10GM50RN Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  PESM10GM50RN Datasheet HTML 1Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
TEL 949-366-8700
FAX 949-366-8707
WEB http://www.caliberelectronics.com
ELECTRICAL SPECIFICATIONS
Revision: 2005-A
Frequency Range
74.000MHz to 200.000MHz
Operating Temperature Range
0°C to 70°C / -20°C to 70°C / -40°C to 85°C
Storage Temperature Range
-55°C to 125°C
Supply Voltage
1.8V, 2.5V, 3.0V, 3.3V, 5.0V
Supply Current
70mA Maximum
Frequency Tolerance / Stability
Inclusive of Operating Temperature Range, Supply
Voltage and Load
±100ppm, ±50ppm, ±25ppm, ±20ppm, ±15ppm or
±10ppm
Rise / Fall Time
1.0 nSec Maximum (20% to 80% of Amplitude)
Duty Cycle
50 ±10% (Standard)
50±5% (Optional)
Load Drive Capability
50 ohms (Vcc to +2.0V)
Aging (@ 25°C)
±5ppm Maximum (first year)
Start Up Time
10mSeconds Maximum
RMS Clock Jitter
1pS Maximum
PART NUMBERING GUIDE
Environmental/Mechanical Specifications on page F5
PESM 00 HM 33 R T - 30.000MHz
Package
PESM = 5X7X1.6mm, PECL Oscillator, High Frequency
Pin One Connection
T = Tri State Enable High
N = No Connect
Output Symmetry
R = 40/60%
S = 45/55%
Operating Temperature Range
HM = 0°C to 70°C
GM = -10° to-20°C
FM = -20° to 70°C
CQ = -40°C to 85°C
Inclusive Stability
00 = 100ppm
50 = 50ppm
25 = 25ppm
15 = 15ppm
10 = 10ppm
MECHANICAL DIMENSIONS
Marking Guide on page F3-F4
TEL 949-366-8700
FAX 949-366-8707
WEB http://www.caliberelectronics.com
Pin
Connection
1
Enable / Disable
2
NC
3
Ground
4
Output
5
C - Output
6
Vcc
7.5 max.
5.0 ±0.2
1.7 Max.
2.20
±0.15
5.08
±0.15
1.0 ±0.2
(X6 plcs.)
1
3
4
6
Ceramic
Metal
1.4 ±0.2
(X6 plcs.)
2
5
Voltage
18 = 1.8V
25 = 2.5V
30 = 3.0V
33 = 3.3V
50 = 5.0V
PESM Series
5X7X1.6mm / PECL SMD Oscillator
CAL I BER
Electr on ics In c.
Lead-Free
RoHS Compliant


Similar Part No. - PESM10GM50RN

ManufacturerPart #DatasheetDescription
logo
Caliber Electronics Inc...
PESM10GM50RN CALIBER-PESM10GM50RN Datasheet
41Kb / 1P
   5X7X1.6mm / PECL SMD Oscillator
More results

Similar Description - PESM10GM50RN

ManufacturerPart #DatasheetDescription
logo
Caliber Electronics Inc...
PESM CALIBER-PESM Datasheet
41Kb / 1P
   5X7X1.6mm / PECL SMD Oscillator
logo
List of Unclassifed Man...
OCH ETC2-OCH Datasheet
31Kb / 1P
   5X7X1.6mm / SMD / HCMOS/TTL Oscillator
logo
Caliber Electronics Inc...
OCH CALIBER-OCH Datasheet
37Kb / 1P
   5X7X1.6mm / SMD / HCMOS/TTL Oscillator
logo
List of Unclassifed Man...
OC-33 ETC2-OC-33 Datasheet
37Kb / 1P
   5X7X1.6mm / 3.3V / SMD / HCMOS/TTL Oscillator
logo
Caliber Electronics Inc...
OC-3.3 CALIBER-OC-3.3 Datasheet
42Kb / 1P
   5X7X1.6mm / 3.3V / SMD / HCMOS/TTL Oscillator
logo
ECS, Inc.
ECS-PEC25 ECS-ECS-PEC25 Datasheet
243Kb / 2P
   SMD PECL OSCILLATOR
logo
Jauch Quartz Gmbh
JOE75-2.5V JAUCH-JOE75-2.5V Datasheet
166Kb / 2P
   SMD Oscillator Low Voltage PECL
JOE75-3.3V JAUCH-JOE75-3.3V Datasheet
166Kb / 2P
   SMD Oscillator Low Voltage PECL
logo
Fox Electronics
FCPAXT FOX-FCPAXT Datasheet
204Kb / 1P
   3.3V, SMD, LV-PECL Oscillator
VCP35AXT FOX-VCP35AXT Datasheet
143Kb / 1P
   3.3V SMD LV-PECL OSCILLATOR
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com