Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SFP95N03L Datasheet(PDF) 5 Page - SemiWell Semiconductor

Part # SFP95N03L
Description  Logic N-Channel MOSFET
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMIWELL [SemiWell Semiconductor]
Direct Link  http://www.semiwellsemi.co.kr
Logo SEMIWELL - SemiWell Semiconductor

SFP95N03L Datasheet(HTML) 5 Page - SemiWell Semiconductor

  SFP95N03L Datasheet HTML 1Page - SemiWell Semiconductor SFP95N03L Datasheet HTML 2Page - SemiWell Semiconductor SFP95N03L Datasheet HTML 3Page - SemiWell Semiconductor SFP95N03L Datasheet HTML 4Page - SemiWell Semiconductor SFP95N03L Datasheet HTML 5Page - SemiWell Semiconductor SFP95N03L Datasheet HTML 6Page - SemiWell Semiconductor SFP95N03L Datasheet HTML 7Page - SemiWell Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
Charge
VGS
5V
Qg
Qgs
Qgd
1mA
VGS
DUT
VDS
300nF
50KΩ
200nF
12V
Same Type
as DUT
Charge
VGS
V
Qg
Qgs
Qgd
Charge
VGS
V
Qg
Qgs
Qgd
1mA
VGS
DUT
VDS
300nF
50KΩ
200nF
12V
Same Type
as DUT
Charge
VGS
5V
Qg
Qgs
Qgd
Charge
VGS
5V
Qg
Qgs
Qgd
1mA
VGS
DUT
VDS
300nF
50KΩ
200nF
12V
Same Type
as DUT
Charge
VGS
V
Qg
Qgs
Qgd
Charge
VGS
V
Qg
Qgs
Qgd
1mA
VGS
DUT
VDS
300nF
50KΩ
200nF
12V
Same Type
as DUT
5/7
Fig 13. Switching Time Test Circuit & Waveforms
Fig 14. Unclamped Inductive Switching Test Circuit & Waveforms
SFP95N03L
Fig. 12. Gate Charge Test Circuit & Waveforms
EAS =LL IAS2
----
2
1
--------------------
BVDSS -- VDD
BVDSS
EAS =LL IAS2
----
2
1
EAS =LL IAS2
----
2
1
----
2
1
--------------------
BVDSS -- VDD
BVDSS
VDD
VDS
BVDSS
t
p
VDD
IAS
VDS (t)
ID (t)
Time
BVDSS
t
p
VDD
IAS
VDS (t)
ID (t)
Time
10V
DUT
RG
LL
I D
I D
Copyright@SemiWell Semiconductor Co., Ltd., All rights reserved.
Vin
VDS
10%
90%
t
d(on)
t
r
t
on
t
off
t
d(off)
t
f
VDD
( 0.5 rated VDS )
5V
VDS
RL
DUT
Pulse
Generator
Vin
VDS
10%
90%
t
d(on)
t
r
t
on
t
off
t
d(off)
t
f
Vin
VDS
10%
90%
t
d(on)
t
r
t
on
t
off
t
d(off)
t
f
VDD
( 0.5 rated VDS )
V
VDS
RL
DUT
Pulse
Generator
RG
Vin
VDS
10%
90%
t
d(on)
t
r
t
on
t
off
t
d(off)
t
f
Vin
VDS
10%
90%
t
d(on)
t
r
t
on
t
off
t
d(off)
t
f
VDD
( 0.5 rated VDS )
5V
VDS
RL
DUT
Pulse
Generator
Vin
VDS
10%
90%
t
d(on)
t
r
t
on
t
off
t
d(off)
t
f
Vin
VDS
10%
90%
t
d(on)
t
r
t
on
t
off
t
d(off)
t
f
VDD
( 0.5 rated VDS )
V
VDS
RL
DUT
Pulse
Generator
RG


Similar Part No. - SFP95N03L

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SFP95N03L ETC-SFP95N03L Datasheet
1Mb / 7P
   Logic N-Channel MOSFET
More results

Similar Description - SFP95N03L

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SFD3055 ETC1-SFD3055 Datasheet
971Kb / 7P
   Logic N-Channel MOSFET
logo
SemiWell Semiconductor
SFD3055L SEMIWELL-SFD3055L Datasheet
972Kb / 7P
   Logic N-Channel MOSFET
SFS4416 SEMIWELL-SFS4416 Datasheet
1Mb / 6P
   Logic N-Channel MOSFET
SFB95N03L SEMIWELL-SFB95N03L Datasheet
1Mb / 7P
   Logic N-Channel MOSFET
SFS4410 SEMIWELL-SFS4410 Datasheet
1,015Kb / 6P
   Logic N-Channel MOSFET
SFP60N03L SEMIWELL-SFP60N03L Datasheet
997Kb / 7P
   Logic N-Channel MOSFET
SFS9410 SEMIWELL-SFS9410 Datasheet
978Kb / 6P
   Logic N-Channel MOSFET
SFD45N03L SEMIWELL-SFD45N03L Datasheet
1Mb / 7P
   Logic N-Channel MOSFET
SFD60N03L SEMIWELL-SFD60N03L Datasheet
1Mb / 7P
   Logic N-Channel MOSFET
2N7000 SEMIWELL-2N7000 Datasheet
717Kb / 6P
   Logic N-Channel MOSFET
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com