Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

125134U005AC1B Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # 125134U005AC1B
Description  The Pace-Setter for Long Life and High Temperature
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

125134U005AC1B Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  125134U005AC1B Datasheet HTML 1Page - List of Unclassifed Manufacturers 125134U005AC1B Datasheet HTML 2Page - List of Unclassifed Manufacturers 125134U005AC1B Datasheet HTML 3Page - List of Unclassifed Manufacturers 125134U005AC1B Datasheet HTML 4Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
CDE Cornell Dubilier • 1605 E. Rodney French Blvd. • New Bedford, MA 02744 • Phone: (508)996-8561 • Fax: (508)996-3830 • www.cde.com
Type 125 –55 ºC to +125 ºC, Ultra-High Temperature, Military Grade
Outline Drawing
Terminal Dimensions
Uninsulated Case Dimensions
For insulated case, add 0.024" (0.610 mm) to “D” and 0.030" (0.762 mm) to height.
Case
Diam. (D)
Length (L)
Terminals (S)
Code
±.031
±.78
±.062
±1.57
±0.015
±.78
Typical Weight
Inches
mm
Inches
mm
Inches
mm
oz
g
AK
1.375
34.93
1.625
41.28
0.5
12.7
1.9
54
AA
1.375
34.93
2.125
53.98
0.5
12.7
2.0
57
AH
1.375
34.93
2.625
66.68
0.5
12.7
2.7
77
AB
1.375
34.93
3.125
79.38
0.5
12.7
3.3
94
AJ
1.375
34.93
3.625
92.08
0.5
12.7
3.8
108
AC
1.375
34.93
4.125
104.78
0.5
12.7
4.4
125
AD
1.375
34.93
4.625
117.48
0.5
12.7
5.1
145
AE
1.375
34.93
5.125
130.18
0.5
12.7
5.7
193
AF
1.375
34.93
5.625
142.88
0.5
12.7
6.4
230
Case Dimensions
Post Diameter
H max
Thread
min Full Thread
Torque
Terminal Style
Code
in
mm
in
mm
in
mm
in·lb N·m
Low Post
A
0.314 8.0
0.094 2.4
10–32 0.218
5.5
25
2.82
High Post
B
0.314 8.0
0.281 7.1
10–32 0.375
9.5
25
2.82


Similar Part No. - 125134U005AC1B

ManufacturerPart #DatasheetDescription
logo
Cornell Dubilier Electr...
125134U005AC1B CDE-125134U005AC1B Datasheet
277Kb / 4P
   Type 125 -55 쨘C to 125 쨘C, Ultra-High Temperature, Military Grade
125134U005AC1B CDE-125134U005AC1B Datasheet
178Kb / 5P
   Type 125 ??5 쨘C to 125 쨘C, Ultra-High Temperature, Military Grade
125134U005AC1B CDE-125134U005AC1B Datasheet
805Kb / 5P
   The Pace-Setter for Long Life and High Temperature
More results

Similar Description - 125134U005AC1B

ManufacturerPart #DatasheetDescription
logo
Cornell Dubilier Electr...
125 CDE-125_17 Datasheet
805Kb / 5P
   The Pace-Setter for Long Life and High Temperature
logo
Illinois Capacitor, Inc...
TXK ILLINOISCAPACITOR-TXK Datasheet
221Kb / 2P
   High Temperature - High Voltage ??Long Life
logo
Surge Components
SPK2S471MND3545 SURGE-SPK2S471MND3545 Datasheet
363Kb / 2P
   Long life and high temperature, down size and high ripple current
logo
Dubilier
CEAJ10016TR DUBILIER-CEAJ10016TR Datasheet
160Kb / 2P
   AXIAL LONG LIFE HIGH TEMPERATURE CEAJ
logo
Illinois Capacitor, Inc...
KBM ILLINOISCAPACITOR-KBM Datasheet
179Kb / 2P
   Long Life - High temperature ??RoHS Compliant
logo
RUBYCON CORPORATION
JGV RUBYCON-JGV Datasheet
61Kb / 2P
   105oC Long Life, High Temperature Reflow Soldering.
logo
Illinois Capacitor, Inc...
KFM ILLINOISCAPACITOR-KFM Datasheet
201Kb / 4P
   High temperature - High voltage ??Long Life (10k Hrs)
logo
Cornell Dubilier Electr...
330 CDE-330_15 Datasheet
470Kb / 6P
   High Ripple and Ultra-Long Life
logo
CSB Battery Co., Ltd.
EVX12300 CSB-BATTERY-EVX12300_16 Datasheet
817Kb / 2P
   It has high cycling life, high and long service life.
EVH12240 CSB-BATTERY-EVH12240_16 Datasheet
629Kb / 2P
   It has high cycling life, high and long service life.
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com