Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EM7323FV16BU-45L Datasheet(PDF) 7 Page - Emerging Memory & Logic Solutions Inc

Part # EM7323FV16BU-45L
Description  256K x16 bit Low Power and Low Voltage Full CMOS Static RAM
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMLSI [Emerging Memory & Logic Solutions Inc]
Direct Link  http://www.emlsi.com
Logo EMLSI - Emerging Memory & Logic Solutions Inc

EM7323FV16BU-45L Datasheet(HTML) 7 Page - Emerging Memory & Logic Solutions Inc

Back Button EM7323FV16BU-45L Datasheet HTML 3Page - Emerging Memory & Logic Solutions Inc EM7323FV16BU-45L Datasheet HTML 4Page - Emerging Memory & Logic Solutions Inc EM7323FV16BU-45L Datasheet HTML 5Page - Emerging Memory & Logic Solutions Inc EM7323FV16BU-45L Datasheet HTML 6Page - Emerging Memory & Logic Solutions Inc EM7323FV16BU-45L Datasheet HTML 7Page - Emerging Memory & Logic Solutions Inc EM7323FV16BU-45L Datasheet HTML 8Page - Emerging Memory & Logic Solutions Inc EM7323FV16BU-45L Datasheet HTML 9Page - Emerging Memory & Logic Solutions Inc EM7323FV16BU-45L Datasheet HTML 10Page - Emerging Memory & Logic Solutions Inc EM7323FV16BU-45L Datasheet HTML 11Page - Emerging Memory & Logic Solutions Inc  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
EM640FV16FW Series
Low Power, 256Kx16 SRAM
7
tRC
Address
CS1
CS2
UB,LB
OE
Data Out
tCO
tOH
tBA
tOE
High-Z
tBHZ
tOHZ
tWHZ
TIMING WAVEFORM OF READ CYCLE(2) (WE = VIH)
Data Valid
tOLZ
tBLZ
tLZ
tAA
tHZ
tRC
Address
tAA
Data Valid
tOH
Previous Data Valid
TIMING WAVEFORM OF READ CYCLE(1). (Address Controlled, CS1=OE=V
IL, CS2=WE=VIH, UB or/and LB=VIL)
Data Out
TIMING DIAGRAMS
NOTES (READ CYCLE)
1. tHZ and tOHZ are defined as the outputs achieve the open circuit conditions and are not referanced to output voltage levels.
2. At any given temperature and voltage condition, tHZ(Max.) is less than tLZ(Min.) both for a given device and from device to device
interconnection.


Similar Part No. - EM7323FV16BU-45L

ManufacturerPart #DatasheetDescription
logo
Emerging Memory & Logic...
EM7323SU16H EMLSI-EM7323SU16H Datasheet
129Kb / 11P
   2M x 16Bit Asynchronous / Page Mode StRAM
EM7323SU16H-10L EMLSI-EM7323SU16H-10L Datasheet
129Kb / 11P
   2M x 16Bit Asynchronous / Page Mode StRAM
EM7323SU16H-10LF EMLSI-EM7323SU16H-10LF Datasheet
129Kb / 11P
   2M x 16Bit Asynchronous / Page Mode StRAM
EM7323SU16H-10LL EMLSI-EM7323SU16H-10LL Datasheet
129Kb / 11P
   2M x 16Bit Asynchronous / Page Mode StRAM
EM7323SU16H-12L EMLSI-EM7323SU16H-12L Datasheet
129Kb / 11P
   2M x 16Bit Asynchronous / Page Mode StRAM
More results

Similar Description - EM7323FV16BU-45L

ManufacturerPart #DatasheetDescription
logo
Emerging Memory & Logic...
EM641FP16 EMLSI-EM641FP16 Datasheet
72Kb / 11P
   256K x16 bit Low Power and Low Voltage Full CMOS Static RAM
EM640FP16 EMLSI-EM640FP16 Datasheet
112Kb / 11P
   256K x16 bit Low Power and Low Voltage Full CMOS Static RAM
logo
Samsung semiconductor
K6F4016R4E SAMSUNG-K6F4016R4E Datasheet
119Kb / 9P
   256K x16 bit Super Low Power and Low Voltage Full CMOS Static RAM
logo
Emerging Memory & Logic...
EM640FU16E EMLSI-EM640FU16E Datasheet
75Kb / 11P
   256K x16 bit Super Low Power and Low Voltage Full CMOS Static RAM
EM645FV16FU EMLSI-EM645FV16FU Datasheet
193Kb / 11P
   256K x16 bit Super Low Power and Low Voltage Full CMOS Static RAM
EM641FU16E EMLSI-EM641FU16E Datasheet
72Kb / 11P
   256K x16 bit Super Low Power and Low Voltage Full CMOS Static RAM
EM646FV16FU EMLSI-EM646FV16FU Datasheet
192Kb / 11P
   256K x16 bit Super Low Power and Low Voltage Full CMOS Static RAM
EM643FV16FU EMLSI-EM643FV16FU Datasheet
189Kb / 11P
   256K x16 bit Super Low Power and Low Voltage Full CMOS Static RAM
EM644FV16FU EMLSI-EM644FV16FU Datasheet
189Kb / 11P
   256K x16 bit Super Low Power and Low Voltage Full CMOS Static RAM
EM620FV16B EMLSI-EM620FV16B Datasheet
434Kb / 11P
   128K x16 bit Low Power and Low Voltage Full CMOS Static RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com