Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EM6323FV16BU-45L Datasheet(PDF) 10 Page - Emerging Memory & Logic Solutions Inc

Part # EM6323FV16BU-45L
Description  256K x16 bit Low Power and Low Voltage Full CMOS Static RAM
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMLSI [Emerging Memory & Logic Solutions Inc]
Direct Link  http://www.emlsi.com
Logo EMLSI - Emerging Memory & Logic Solutions Inc

EM6323FV16BU-45L Datasheet(HTML) 10 Page - Emerging Memory & Logic Solutions Inc

Back Button EM6323FV16BU-45L Datasheet HTML 3Page - Emerging Memory & Logic Solutions Inc EM6323FV16BU-45L Datasheet HTML 4Page - Emerging Memory & Logic Solutions Inc EM6323FV16BU-45L Datasheet HTML 5Page - Emerging Memory & Logic Solutions Inc EM6323FV16BU-45L Datasheet HTML 6Page - Emerging Memory & Logic Solutions Inc EM6323FV16BU-45L Datasheet HTML 7Page - Emerging Memory & Logic Solutions Inc EM6323FV16BU-45L Datasheet HTML 8Page - Emerging Memory & Logic Solutions Inc EM6323FV16BU-45L Datasheet HTML 9Page - Emerging Memory & Logic Solutions Inc EM6323FV16BU-45L Datasheet HTML 10Page - Emerging Memory & Logic Solutions Inc EM6323FV16BU-45L Datasheet HTML 11Page - Emerging Memory & Logic Solutions Inc  
Zoom Inzoom in Zoom Outzoom out
 10 / 11 page
background image
EM640FV16FW Series
Low Power, 256Kx16 SRAM
10
DATA RETENTION CHARACTERISTICS
NOTES
1. See the ISB1 measurement condition of datasheet page 5.
Parameter
Symbol
Test Condition
Min
Typ
Max
Unit
VCC for Data Retention
VDR
ISB1 Test Condition
(Chip Disabled) 1)
1.5
-
3.6
V
Data Retention Current
IDR
VCC=1.5V, ISB1 Test Condition
(Chip Disabled) 1)
-0.5
-
uA
Chip Deselect to Data Retention Time
tSDR
See data retention wave form
0-
-
ns
Operation Recovery Time
tRDR
tRC
--
tSDR
tRDR
Data Retention Mode
CS1 > Vcc-0.2V
Vcc
2.7V
2.2V
VDR
CS1
GND
tSDR
tRDR
Data Retention Mode
Vcc
2.7V
CS2
VDR
0.4V
GND
CS2 < 0.2V
DATA RETENTION WAVE FORM


Similar Part No. - EM6323FV16BU-45L

ManufacturerPart #DatasheetDescription
logo
EM Microelectronic - MA...
EM6323 EMMICRO-EM6323 Datasheet
501Kb / 10P
   Reset Circuit with Manual Reset and Watchdog
EM6323LXSP5B1.3 EMMICRO-EM6323LXSP5B1.3 Datasheet
501Kb / 10P
   Reset Circuit with Manual Reset and Watchdog
EM6323LXSP5B1.4 EMMICRO-EM6323LXSP5B1.4 Datasheet
501Kb / 10P
   Reset Circuit with Manual Reset and Watchdog
EM6323LXSP5B1.6 EMMICRO-EM6323LXSP5B1.6 Datasheet
501Kb / 10P
   Reset Circuit with Manual Reset and Watchdog
EM6323LXSP5B1.7 EMMICRO-EM6323LXSP5B1.7 Datasheet
501Kb / 10P
   Reset Circuit with Manual Reset and Watchdog
More results

Similar Description - EM6323FV16BU-45L

ManufacturerPart #DatasheetDescription
logo
Emerging Memory & Logic...
EM641FP16 EMLSI-EM641FP16 Datasheet
72Kb / 11P
   256K x16 bit Low Power and Low Voltage Full CMOS Static RAM
EM640FP16 EMLSI-EM640FP16 Datasheet
112Kb / 11P
   256K x16 bit Low Power and Low Voltage Full CMOS Static RAM
logo
Samsung semiconductor
K6F4016R4E SAMSUNG-K6F4016R4E Datasheet
119Kb / 9P
   256K x16 bit Super Low Power and Low Voltage Full CMOS Static RAM
logo
Emerging Memory & Logic...
EM640FU16E EMLSI-EM640FU16E Datasheet
75Kb / 11P
   256K x16 bit Super Low Power and Low Voltage Full CMOS Static RAM
EM645FV16FU EMLSI-EM645FV16FU Datasheet
193Kb / 11P
   256K x16 bit Super Low Power and Low Voltage Full CMOS Static RAM
EM641FU16E EMLSI-EM641FU16E Datasheet
72Kb / 11P
   256K x16 bit Super Low Power and Low Voltage Full CMOS Static RAM
EM646FV16FU EMLSI-EM646FV16FU Datasheet
192Kb / 11P
   256K x16 bit Super Low Power and Low Voltage Full CMOS Static RAM
EM643FV16FU EMLSI-EM643FV16FU Datasheet
189Kb / 11P
   256K x16 bit Super Low Power and Low Voltage Full CMOS Static RAM
EM644FV16FU EMLSI-EM644FV16FU Datasheet
189Kb / 11P
   256K x16 bit Super Low Power and Low Voltage Full CMOS Static RAM
EM620FV16B EMLSI-EM620FV16B Datasheet
434Kb / 11P
   128K x16 bit Low Power and Low Voltage Full CMOS Static RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com