Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EM710FS32DW-55S Datasheet(PDF) 5 Page - Emerging Memory & Logic Solutions Inc

Part # EM710FS32DW-55S
Description  512K x8 bit Super Low Power and Low Voltage Full CMOS Static RAM
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMLSI [Emerging Memory & Logic Solutions Inc]
Direct Link  http://www.emlsi.com
Logo EMLSI - Emerging Memory & Logic Solutions Inc

EM710FS32DW-55S Datasheet(HTML) 5 Page - Emerging Memory & Logic Solutions Inc

  EM710FS32DW-55S Datasheet HTML 1Page - Emerging Memory & Logic Solutions Inc EM710FS32DW-55S Datasheet HTML 2Page - Emerging Memory & Logic Solutions Inc EM710FS32DW-55S Datasheet HTML 3Page - Emerging Memory & Logic Solutions Inc EM710FS32DW-55S Datasheet HTML 4Page - Emerging Memory & Logic Solutions Inc EM710FS32DW-55S Datasheet HTML 5Page - Emerging Memory & Logic Solutions Inc EM710FS32DW-55S Datasheet HTML 6Page - Emerging Memory & Logic Solutions Inc EM710FS32DW-55S Datasheet HTML 7Page - Emerging Memory & Logic Solutions Inc EM710FS32DW-55S Datasheet HTML 8Page - Emerging Memory & Logic Solutions Inc EM710FS32DW-55S Datasheet HTML 9Page - Emerging Memory & Logic Solutions Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
EM640FP8 Series
Low Power, 512Kx8 SRAM
5
merging Memory & Logic Solutions Inc.
merging Memory & Logic Solutions Inc.
Parameter
Symbol
70ns
Unit
Min
Max
Read cycle time
tRC
70
-
ns
Address access time
tAA
-
70
ns
Chip select to output
tco1, tco2
-
70
ns
Output enable to valid output
tOE
-
35
ns
Chip select to low-Z output
tLZ1, tLZ2
10
-
ns
Output enable to low-Z output
tOLZ
5
-
ns
Chip disable to high-Z output
tHZ1, tHZ2
0
25
ns
Output disable to high-Z output
tOHZ
0
25
ns
Output hold from address change
tOH
10
-
ns
Parameter
Symbol
70ns
Unit
Min
Max
Write cycle time
tWC
70
-
ns
Chip select to end of write
tCW1, tCW2
60
-
ns
Address setup time
tAs
0
-
ns
Address valid to end of write
tAW
60
-
ns
Write pulse width
tWP
55
-
ns
Write recovery time
tWR
0
-
ns
Write to ouput high-Z
tWHZ
0
25
ns
Data to write time overlap
tDW
30
ns
Data hold from write time
tDH
0
-
ns
End write to output low-Z
tOW
5
-
ns
READ CYCLE (Vcc =1.65 to 2.2V, Gnd = 0V, TA = -40
oC to +85oC)
WRITE CYCLE (Vcc =1.65 to 2.2V, Gnd = 0V, TA = -40
oC to +85oC)
AC OPERATING CONDITIONS
Test Conditions (Test Load and Test Input/Output Reference)
Input Pulse Level : 0.2V to VCC-0.2V
Input Rise and Fall Time : 5ns
Input and Output reference Voltage : 0.9V
Output Load (See right) : CL = 100pF+ 1 TTL
CL1) = 30pF + 1 TTL
1. Including scope and Jig capacitance
2. R1=3070Ω,
R2=3150Ω
3. VTM=1.8V
CL
1)
VTM
3)
R1
2)
R2
2)


Similar Part No. - EM710FS32DW-55S

ManufacturerPart #DatasheetDescription
logo
Emerging Memory & Logic...
EM710FR16BW-12L EMLSI-EM710FR16BW-12L Datasheet
188Kb / 11P
   64K x16 bit Super Low Power and Low Voltage Full CMOS Static RAM
EM710FR16BW-12S EMLSI-EM710FR16BW-12S Datasheet
188Kb / 11P
   64K x16 bit Super Low Power and Low Voltage Full CMOS Static RAM
EM710FR16BW-85L EMLSI-EM710FR16BW-85L Datasheet
188Kb / 11P
   64K x16 bit Super Low Power and Low Voltage Full CMOS Static RAM
EM710FR16BW-85S EMLSI-EM710FR16BW-85S Datasheet
188Kb / 11P
   64K x16 bit Super Low Power and Low Voltage Full CMOS Static RAM
EM710FR16CW-12L EMLSI-EM710FR16CW-12L Datasheet
188Kb / 11P
   64K x16 bit Super Low Power and Low Voltage Full CMOS Static RAM
More results

Similar Description - EM710FS32DW-55S

ManufacturerPart #DatasheetDescription
logo
Emerging Memory & Logic...
EM641FV8FS EMLSI-EM641FV8FS Datasheet
62Kb / 10P
   512K x8 bit Super Low Power and Low Voltage Full CMOS Static RAM
EM640FU8E EMLSI-EM640FU8E Datasheet
71Kb / 11P
   512K x8 bit Super Low Power and Low Voltage Full CMOS Static RAM
EM641FV8FT EMLSI-EM641FV8FT Datasheet
183Kb / 10P
   512K x8 bit Super Low Power and Low Voltage Full CMOS Static RAM
EM641FT8 EMLSI-EM641FT8 Datasheet
387Kb / 10P
   512K x8 bit Low Power Full CMOS Static RAM
EM641FT8V EMLSI-EM641FT8V Datasheet
435Kb / 11P
   512K x8 bit Low Power Full CMOS Static RAM
EM641FT8T EMLSI-EM641FT8T Datasheet
475Kb / 11P
   512K x8 bit Low Power Full CMOS Static RAM
EM641FT8S EMLSI-EM641FT8S Datasheet
863Kb / 11P
   512K x8 bit Low Power Full CMOS Static RAM
EM620FV8AT EMLSI-EM620FV8AT Datasheet
188Kb / 11P
   256K x8 bit Super Low Power and Low Voltage Full CMOS Static RAM
EM620FV8AS EMLSI-EM620FV8AS Datasheet
67Kb / 11P
   256K x8 bit Super Low Power and Low Voltage Full CMOS Static RAM
EM680FU8 EMLSI-EM680FU8 Datasheet
70Kb / 11P
   1M x8 bit Super Low Power and Low Voltage Full CMOS Static RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com