Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

185103M50AHA-F Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # 185103M50AHA-F
Description  Metallized Polyester Radial Lead Capacitors
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

185103M50AHA-F Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  185103M50AHA-F Datasheet HTML 1Page - List of Unclassifed Manufacturers 185103M50AHA-F Datasheet HTML 2Page - List of Unclassifed Manufacturers 185103M50AHA-F Datasheet HTML 3Page - List of Unclassifed Manufacturers 185103M50AHA-F Datasheet HTML 4Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Type 168/185 Metallized Polyester Radial Lead Capacitors
Capacitor Outline Drawing
Test Method and Performance
L
T
Max
Max
H
Max
.217 ±.039
(5.5 ±1.0 mm)
Ød ±.002
S
(±0.05)
±.015
(±0.4 mm)
Lead length shown is as supplied on the 168 Series
Soldering
Test Conditions
Soldering Temperature: 260 ºC ±5 ºC
Soldering Duration: 10 sec ±1 sec
Performance
Capacitance Change ∆C/C: ≤ ±2%
DF Change ∆tgδ: ≤30 x 10–4 at 10 kHz
Insulation Resistance: ≥ limit value
Insulation Resistance
Test Conditions
Temperature: 25 ºC ±5 ºC
Voltage Charge Time: 1 minute
Voltage Charge: 10 Vdc for Vn < 100 Vdc
100 Vdc for Vn ≥ 100 Vdc
Performance
For Vn > 100 Vdc: C ≤ 0.33 µF, ≥15,000 MΩ
C > 0.33 µF, ≥ 5,000 S
For Vn ≤100 Vdc: C ≤ 0.33 µF, 30,000 MΩ
C > 0.33 µF, ≥ 10,000 S
Damp Heat Test
Test Conditions
Temperature: +40 ºC
Relative Humidity: 95%
Test Duration: 21 days
Performance
Capacitance Change ∆C/C: ±5%
DF Change ∆tgδ: ≤ 0.005 (10 KHz)
Insulation Resistance: ≥ 50% of limit value
Life Test
Test Conditions
REF
Temperature: +85 ºC
Test Duration: 2000 hrs
Voltage Applied: 1.25 x Vn
Performance
Capacitance Change ∆C/C: ≤ ±2%
DF Change ∆tgδ: ≤30 x 10–4 at 10 kHz
Insulation Resistance: ≥ 50% of limit value
Ratings
RoHS
Compliant
Catalog
Part Number
Tape & Reel
Ammo Pack
Cap
(µF)
Inches
Millimeters
L
T
H
S
Ød
L
T
H
S Ød
50 Vdc / 30 Vac
168104*50A-F
185104*50#A>-F
0.10
0.283 0.098 0.256 0.197 0.020 7.2 2.5 6.5 5.0 0.5
168154*50A-F
185154*50#A>-F
0.15
0.283 0.098 0.256 0.197 0.020 7.2 2.5 6.5 5.0 0.5
168224*50C-F
185224*50#C>-F
0.22
0.283 0.138 0.295 0.197 0.020 7.2 3.5 7.5 5.0 0.5
168334*50C-F
185334*50#C>-F
0.33
0.283 0.138 0.295 0.197 0.020 7.2 3.5 7.5 5.0 0.5
168474*50H-F
185474*50#H>-F
0.47
0.283 0.138 0.295 0.197 0.020 7.2 3.5 7.5 5.0 0.5
168684*50F-F
185684*50#F>-F
0.68
0.283 0.236 0.433 0.197 0.024 7.2 6.0 11.0 5.0 0.6
168824*50G-F
185824*50#G>-F
0.82
0.283 0.236 0.433 0.197 0.024 7.2 6.0 11.0 5.0 0.6
168105*50G-F
185105*50#G>-F
1.00
0.283 0.236 0.433 0.197 0.024 7.2 6.0 11.0 5.0 0.6
63 Vdc / 40 Vac
168473*63A-F
185473*63#A>-F
0.047 0.283 0.098 0.256 0.197 0.020 7.2 2.5 6.5 5.0 0.5
168563*63A-F
185563*63#A>-F
0.056 0.283 0.098 0.256 0.197 0.020 7.2 2.5 6.5 5.0 0.5
168683*63A-F
185683*63#A>-F
0.068 0.283 0.098 0.256 0.197 0.020 7.2 2.5 6.5 5.0 0.5
168823*63A-F
185823*63#A>-F
0.082 0.283 0.098 0.256 0.197 0.020 7.2 2.5 6.5 5.0 0.5
168104*63A-F
185104*63#A>-F
0.10
0.283 0.098 0.256 0.197 0.020 7.2 2.5 6.5 5.0 0.5
168154*63C-F
185154*63#C>-F
0.15
0.283 0.138 0.295 0.197 0.020 7.2 3.5 7.5 5.0 0.5
168184*63C-F
185184*63#C>-F
0.18
0.283 0.138 0.295 0.197 0.020 7.2 3.5 7.5 5.0 0.5
168224*63C-F
185224*63#C>-F
0.22
0.283 0.138 0.295 0.197 0.020 7.2 3.5 7.5 5.0 0.5
168274*63C-F
185274*63#C>-F
0.27
0.283 0.098 0.256 0.197 0.020 7.2 2.5 6.5 5.0 0.5
168334*63H-F
185334*63#H>-F
0.33
0.283 0.138 0.295 0.197 0.020 7.2 3.5 7.5 5.0 0.5
168474*63H-F
185474*63#H>-F
0.47
0.283 0.138 0.295 0.197 0.020 7.2 3.5 7.5 5.0 0.5
168684*63F-F
185684*63#F>-F
0.68
0.283 0.177 0.374 0.197 0.024 7.2 4.5 9.5 5.0 0.6
168105*63G-F
185105*63#G>-F
1.00
0.283 0.236 0.433 0.197 0.024 7.2 6.0 11.0 5.0 0.6
* Indicates capacitance tolerance: J = ±5%, K = ±10%, M = ±20%
# Indicates packaging type: R = Tape and Reel, A = Ammo Pack
> Indicates tooling code: A = 16.5 mm, B = 18.5 mm (See H dimension in taping specifications)
CDE Cornell Dubilier • 1605 E. Rodney French Blvd. • New Bedford, MA 02744 • Phone: (508)996-8561 • Fax: (508)996-3830 • www.cde.com


Similar Part No. - 185103M50AHA-F

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1851038 PHOENIX-1851038 Datasheet
139Kb / 5P
   FRONT-MC 1,5/20-STF-3,81
More results

Similar Description - 185103M50AHA-F

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
16022463C-F ETC2-16022463C-F Datasheet
779Kb / 5P
   Metallized Polyester Radial Lead Capacitors
logo
Cornell Dubilier Electr...
160224J63C-F CDE-160224J63C-F Datasheet
779Kb / 5P
   Type 160 Metallized Polyester Radial Lead Capacitors
168104J50A-F CDE-168104J50A-F Datasheet
584Kb / 4P
   Type 168/185 Metallized Polyester Radial Lead Capacitors
logo
Illinois Capacitor, Inc...
103MSR400K ILLINOISCAPACITOR-103MSR400K Datasheet
380Kb / 3P
   Epoxy Dipped Radial Lead Metallized Polyester Film Capacitors
logo
Cornell Dubilier Electr...
167683J63A-F CDE-167683J63A-F Datasheet
373Kb / 4P
   Type 167/184 Metallized Polyester Radial Lead Capacitors
160 CDE-160_17 Datasheet
442Kb / 6P
   Radial Box Metallized Polyester Capacitors
DMMAAS47K-F CDE-DMMAAS47K-F Datasheet
184Kb / 2P
   Polyester Film Capacitors Metallized Radial Leads
DME1P56K-F CDE-DME1P56K-F Datasheet
210Kb / 4P
   Polyester Film Capacitors Metallized Radial Leads
logo
Illinois Capacitor, Inc...
103MSR400K ILLINOISCAPACITOR-103MSR400K_13 Datasheet
238Kb / 2P
   Radial leaded metallized polyester film capacitors
logo
Cornell Dubilier Electr...
DMM1P15K-F CDE-DMM1P15K-F Datasheet
205Kb / 2P
   Polyester Film Capacitors Metallized Radial Leads
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com