Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EM681FR32AW-70S Datasheet(PDF) 3 Page - Emerging Memory & Logic Solutions Inc

Part # EM681FR32AW-70S
Description  512K x8 bit Super Low Power and Low Voltage Full CMOS Static RAM
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMLSI [Emerging Memory & Logic Solutions Inc]
Direct Link  http://www.emlsi.com
Logo EMLSI - Emerging Memory & Logic Solutions Inc

EM681FR32AW-70S Datasheet(HTML) 3 Page - Emerging Memory & Logic Solutions Inc

  EM681FR32AW-70S Datasheet HTML 1Page - Emerging Memory & Logic Solutions Inc EM681FR32AW-70S Datasheet HTML 2Page - Emerging Memory & Logic Solutions Inc EM681FR32AW-70S Datasheet HTML 3Page - Emerging Memory & Logic Solutions Inc EM681FR32AW-70S Datasheet HTML 4Page - Emerging Memory & Logic Solutions Inc EM681FR32AW-70S Datasheet HTML 5Page - Emerging Memory & Logic Solutions Inc EM681FR32AW-70S Datasheet HTML 6Page - Emerging Memory & Logic Solutions Inc EM681FR32AW-70S Datasheet HTML 7Page - Emerging Memory & Logic Solutions Inc EM681FR32AW-70S Datasheet HTML 8Page - Emerging Memory & Logic Solutions Inc EM681FR32AW-70S Datasheet HTML 9Page - Emerging Memory & Logic Solutions Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
EM640FU8E Series
Low Power, 512Kx8 SRAM
3
merging Memory & Logic Solutions Inc.
merging Memory & Logic Solutions Inc.
ABSOLUTE MAXIMUM RATINGS *
* Stresses greater than those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. Functional
operation should be restricted to recommended operating condition. Exposure to absolute maximum rating conditions for extended
periods may affect reliability.
Parameter
Symbol
Ratings
Unit
Voltage on Any Pin Relative to Vss
VIN, VOUT
-0.2 to Vcc+0.3 (Max. 4.0V)
V
Voltage on Vcc supply relative to Vss
VCC
-0.2 to 4.0V
V
Power Dissipation
P
D
1.0
W
Operating Temperature
T
A
-40 to 85
oC
FUNCTIONAL DESCRIPTION
Note: X means don’t care. (Must be low or high state)
CS
1
CS
2
OE
WE
I/O
Mode
Power
H
X
X
X
High-Z
Deselected
Stand by
X
L
X
X
High-Z
Deselected
Stand by
L
H
H
H
High-Z
Output Disabled
Active
L
H
L
H
Data Out
Read
Active
L
H
X
L
Data In
Write
Active


Similar Part No. - EM681FR32AW-70S

ManufacturerPart #DatasheetDescription
logo
Emerging Memory & Logic...
EM681FR16AU-55L EMLSI-EM681FR16AU-55L Datasheet
435Kb / 11P
   512K x8 bit Low Power Full CMOS Static RAM
EM681FR16AU-55LL EMLSI-EM681FR16AU-55LL Datasheet
435Kb / 11P
   512K x8 bit Low Power Full CMOS Static RAM
EM681FR16AU-85L EMLSI-EM681FR16AU-85L Datasheet
435Kb / 11P
   512K x8 bit Low Power Full CMOS Static RAM
EM681FR16AU-85LL EMLSI-EM681FR16AU-85LL Datasheet
435Kb / 11P
   512K x8 bit Low Power Full CMOS Static RAM
EM681FR16AV-55L EMLSI-EM681FR16AV-55L Datasheet
435Kb / 11P
   512K x8 bit Low Power Full CMOS Static RAM
More results

Similar Description - EM681FR32AW-70S

ManufacturerPart #DatasheetDescription
logo
Emerging Memory & Logic...
EM641FV8FS EMLSI-EM641FV8FS Datasheet
62Kb / 10P
   512K x8 bit Super Low Power and Low Voltage Full CMOS Static RAM
EM641FV8FT EMLSI-EM641FV8FT Datasheet
183Kb / 10P
   512K x8 bit Super Low Power and Low Voltage Full CMOS Static RAM
EM640FP8 EMLSI-EM640FP8 Datasheet
71Kb / 11P
   512K x8 bit Super Low Power and Low Voltage Full CMOS Static RAM
EM641FT8 EMLSI-EM641FT8 Datasheet
387Kb / 10P
   512K x8 bit Low Power Full CMOS Static RAM
EM641FT8V EMLSI-EM641FT8V Datasheet
435Kb / 11P
   512K x8 bit Low Power Full CMOS Static RAM
EM641FT8T EMLSI-EM641FT8T Datasheet
475Kb / 11P
   512K x8 bit Low Power Full CMOS Static RAM
EM641FT8S EMLSI-EM641FT8S Datasheet
863Kb / 11P
   512K x8 bit Low Power Full CMOS Static RAM
EM620FV8AT EMLSI-EM620FV8AT Datasheet
188Kb / 11P
   256K x8 bit Super Low Power and Low Voltage Full CMOS Static RAM
EM620FV8AS EMLSI-EM620FV8AS Datasheet
67Kb / 11P
   256K x8 bit Super Low Power and Low Voltage Full CMOS Static RAM
EM680FU8 EMLSI-EM680FU8 Datasheet
70Kb / 11P
   1M x8 bit Super Low Power and Low Voltage Full CMOS Static RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com