Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EM622FS16GT-70LF Datasheet(PDF) 2 Page - Emerging Memory & Logic Solutions Inc

Part # EM622FS16GT-70LF
Description  512K x8 bit Low Power Full CMOS Static RAM
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMLSI [Emerging Memory & Logic Solutions Inc]
Direct Link  http://www.emlsi.com
Logo EMLSI - Emerging Memory & Logic Solutions Inc

EM622FS16GT-70LF Datasheet(HTML) 2 Page - Emerging Memory & Logic Solutions Inc

  EM622FS16GT-70LF Datasheet HTML 1Page - Emerging Memory & Logic Solutions Inc EM622FS16GT-70LF Datasheet HTML 2Page - Emerging Memory & Logic Solutions Inc EM622FS16GT-70LF Datasheet HTML 3Page - Emerging Memory & Logic Solutions Inc EM622FS16GT-70LF Datasheet HTML 4Page - Emerging Memory & Logic Solutions Inc EM622FS16GT-70LF Datasheet HTML 5Page - Emerging Memory & Logic Solutions Inc EM622FS16GT-70LF Datasheet HTML 6Page - Emerging Memory & Logic Solutions Inc EM622FS16GT-70LF Datasheet HTML 7Page - Emerging Memory & Logic Solutions Inc EM622FS16GT-70LF Datasheet HTML 8Page - Emerging Memory & Logic Solutions Inc EM622FS16GT-70LF Datasheet HTML 9Page - Emerging Memory & Logic Solutions Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
EM641FT8
Low Power, 512Kx8 SRAM
2
FEATURES
- Very high speed : 45ns
- Process Technology : 0.15um Full CMOS
- Organization : 512K x8
- Power Supply Voltage
=> EM641FT8V : 4.5V~5.5V
- Low Data Retention Voltage :1.5V (MIN)
- Three state output and TTL Compatible
- Packaged product designed for 45/55/70ns
- KGD based on SOP package structure
512K x8 Bit Low Power CMOS Static RAM
I/O Circuit
Column Select
Data
Cont
Pre-charge Circuit
Memory Array
512K x 8
A1
A2
A3
A4
A5
A6
A7
A0
A8
A9
A13 A14 A15 A16 A17
WE
OE
CS
I/O0 ~ I/O7
VCC
VSS
Control Logic
A18
GENERAL PHYSICAL SPECIFICATIONS
-
Backside die surface of polished bare silicon
-
Typical Die Thickness = 725um +/-15um
-
Typical top-level metallization :
=> Metal (Ti/AlCu/TiN/ARC SiON/SiO2) : 5.2K Angstroms
-
Topside Passivation :
=> Passivation (HDP/pNIT/PIQ) : 5.4K Angstroms
-
Typical Pad Size : 76.0um x 80.0um
-
Wafer diameter : 8 inch
FUNCTIONAL BLOCK DIAGRAM
Name
Function
Name
Function
CS
Chip select input
VCC
Power Supply
OE
Output Enable input
VSS
Ground
WE
Write Enable input
A0~A18
Address Inputs
I/O0~I/O7
Data Inputs/Outputs
A10
A12
A11


Similar Part No. - EM622FS16GT-70LF

ManufacturerPart #DatasheetDescription
logo
Emerging Memory & Logic...
EM622FR16ES-45LF EMLSI-EM622FR16ES-45LF Datasheet
379Kb / 11P
   128K x16 bit Low Power and Low Voltage Full CMOS Static RAM
EM622FR16ES-45S EMLSI-EM622FR16ES-45S Datasheet
379Kb / 11P
   128K x16 bit Low Power and Low Voltage Full CMOS Static RAM
EM622FR16ES-55LF EMLSI-EM622FR16ES-55LF Datasheet
379Kb / 11P
   128K x16 bit Low Power and Low Voltage Full CMOS Static RAM
EM622FR16ES-55S EMLSI-EM622FR16ES-55S Datasheet
379Kb / 11P
   128K x16 bit Low Power and Low Voltage Full CMOS Static RAM
EM622FR16EU-45LF EMLSI-EM622FR16EU-45LF Datasheet
379Kb / 11P
   128K x16 bit Low Power and Low Voltage Full CMOS Static RAM
More results

Similar Description - EM622FS16GT-70LF

ManufacturerPart #DatasheetDescription
logo
Emerging Memory & Logic...
EM641FT8V EMLSI-EM641FT8V Datasheet
435Kb / 11P
   512K x8 bit Low Power Full CMOS Static RAM
EM641FT8T EMLSI-EM641FT8T Datasheet
475Kb / 11P
   512K x8 bit Low Power Full CMOS Static RAM
EM641FT8S EMLSI-EM641FT8S Datasheet
863Kb / 11P
   512K x8 bit Low Power Full CMOS Static RAM
EM641FV8FS EMLSI-EM641FV8FS Datasheet
62Kb / 10P
   512K x8 bit Super Low Power and Low Voltage Full CMOS Static RAM
EM640FU8E EMLSI-EM640FU8E Datasheet
71Kb / 11P
   512K x8 bit Super Low Power and Low Voltage Full CMOS Static RAM
EM641FV8FT EMLSI-EM641FV8FT Datasheet
183Kb / 10P
   512K x8 bit Super Low Power and Low Voltage Full CMOS Static RAM
EM640FP8 EMLSI-EM640FP8 Datasheet
71Kb / 11P
   512K x8 bit Super Low Power and Low Voltage Full CMOS Static RAM
EM620FV8BS EMLSI-EM620FV8BS Datasheet
433Kb / 11P
   256K x8 bit Low Power and Low Voltage Full CMOS Static RAM
EM620FV8B EMLSI-EM620FV8B Datasheet
427Kb / 11P
   256K x8 bit Low Power and Low Voltage Full CMOS Static RAM
EM620FU8B EMLSI-EM620FU8B Datasheet
391Kb / 10P
   256K x8 bit Low Power and Low Voltage Full CMOS Static RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com