Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EM7323FR16ES-45L Datasheet(PDF) 11 Page - Emerging Memory & Logic Solutions Inc

Part # EM7323FR16ES-45L
Description  256K x16 bit Low Power and Low Voltage Full CMOS Static RAM
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMLSI [Emerging Memory & Logic Solutions Inc]
Direct Link  http://www.emlsi.com
Logo EMLSI - Emerging Memory & Logic Solutions Inc

EM7323FR16ES-45L Datasheet(HTML) 11 Page - Emerging Memory & Logic Solutions Inc

Back Button EM7323FR16ES-45L Datasheet HTML 3Page - Emerging Memory & Logic Solutions Inc EM7323FR16ES-45L Datasheet HTML 4Page - Emerging Memory & Logic Solutions Inc EM7323FR16ES-45L Datasheet HTML 5Page - Emerging Memory & Logic Solutions Inc EM7323FR16ES-45L Datasheet HTML 6Page - Emerging Memory & Logic Solutions Inc EM7323FR16ES-45L Datasheet HTML 7Page - Emerging Memory & Logic Solutions Inc EM7323FR16ES-45L Datasheet HTML 8Page - Emerging Memory & Logic Solutions Inc EM7323FR16ES-45L Datasheet HTML 9Page - Emerging Memory & Logic Solutions Inc EM7323FR16ES-45L Datasheet HTML 10Page - Emerging Memory & Logic Solutions Inc EM7323FR16ES-45L Datasheet HTML 11Page - Emerging Memory & Logic Solutions Inc  
Zoom Inzoom in Zoom Outzoom out
 11 / 11 page
background image
EM640FV16FW Series
Low Power, 256Kx16 SRAM
11
EM X XX X X X XX X X - XX XX
MEMORY FUNCTION GUIDE
1. EMLSI Memory
2. Device Type
3. Density
5. Technology
6. Operating Voltage
8. Version
9. Packages
10. Speed
7. Orgainzation
1. Memory Component
2. Device Type
6 ------------------------ Low Power SRAM
7 ------------------------ STRAM
3. Density
1 ------------------------- 1M
2 ------------------------- 2M
4 ------------------------- 4M
8 ------------------------- 8M
16 ----------------------- 16M
32 ----------------------- 32M
64 ----------------------- 64M
4. Mode Option
0 -------- Dual CS
1 -------- Single CS
2 -------- Multiplexed Address
3 -------- Single CS with LB,UB (tBA=tOE)
4 -------- Single CS with LB,UB (tBA=tCO)
5 -------- Dual CS with LB,UB (tBA=tOE)
6 -------- Dual CS with LB,UB (tBA=tCO)
5. Technology
Blank ------------------ CMOS
F ------------------------ Full CMOS
6. Operating Voltage
Blank ------------------- 5V
V ------------------------- 2.7V~3.6V
U ------------------------- 3.0V
S ------------------------- 2.5V
R ------------------------- 2.0V
P ------------------------- 1.8V
4. Option
11. Power
7. Orginzation
8 ---------------------- x8 bit
16 ---------------------- x16 bit
32 ---------------------- x32 bit
8. Version
Blank ----------------- Mother Die
A ----------------------- First revision
B ----------------------- Second revision
C ----------------------- Third revision
D ----------------------- Fourth revision
E ----------------------- Fifth revision
F ----------------------- Sixth revision
9. Package
Blank ---------------------- FPBGA
S ---------------------------- 32 sTSOP1
T ---------------------------- 32 TSOP1
U ---------------------------- 44 TSOP2
W ---------------------------- Wafer
10. Speed
45 ---------------------- 45ns
55 ---------------------- 55ns
70 ---------------------- 70ns
85 ---------------------- 85ns
10 --------------------- 100ns
12 --------------------- 120ns
11. Power
LL ---------------------- Low Low Power
L ---------------------- Low Power
S ---------------------- Standard Power


Similar Part No. - EM7323FR16ES-45L

ManufacturerPart #DatasheetDescription
logo
Emerging Memory & Logic...
EM7323SU16H EMLSI-EM7323SU16H Datasheet
129Kb / 11P
   2M x 16Bit Asynchronous / Page Mode StRAM
EM7323SU16H-10L EMLSI-EM7323SU16H-10L Datasheet
129Kb / 11P
   2M x 16Bit Asynchronous / Page Mode StRAM
EM7323SU16H-10LF EMLSI-EM7323SU16H-10LF Datasheet
129Kb / 11P
   2M x 16Bit Asynchronous / Page Mode StRAM
EM7323SU16H-10LL EMLSI-EM7323SU16H-10LL Datasheet
129Kb / 11P
   2M x 16Bit Asynchronous / Page Mode StRAM
EM7323SU16H-12L EMLSI-EM7323SU16H-12L Datasheet
129Kb / 11P
   2M x 16Bit Asynchronous / Page Mode StRAM
More results

Similar Description - EM7323FR16ES-45L

ManufacturerPart #DatasheetDescription
logo
Emerging Memory & Logic...
EM641FP16 EMLSI-EM641FP16 Datasheet
72Kb / 11P
   256K x16 bit Low Power and Low Voltage Full CMOS Static RAM
EM640FP16 EMLSI-EM640FP16 Datasheet
112Kb / 11P
   256K x16 bit Low Power and Low Voltage Full CMOS Static RAM
logo
Samsung semiconductor
K6F4016R4E SAMSUNG-K6F4016R4E Datasheet
119Kb / 9P
   256K x16 bit Super Low Power and Low Voltage Full CMOS Static RAM
logo
Emerging Memory & Logic...
EM640FU16E EMLSI-EM640FU16E Datasheet
75Kb / 11P
   256K x16 bit Super Low Power and Low Voltage Full CMOS Static RAM
EM645FV16FU EMLSI-EM645FV16FU Datasheet
193Kb / 11P
   256K x16 bit Super Low Power and Low Voltage Full CMOS Static RAM
EM641FU16E EMLSI-EM641FU16E Datasheet
72Kb / 11P
   256K x16 bit Super Low Power and Low Voltage Full CMOS Static RAM
EM646FV16FU EMLSI-EM646FV16FU Datasheet
192Kb / 11P
   256K x16 bit Super Low Power and Low Voltage Full CMOS Static RAM
EM643FV16FU EMLSI-EM643FV16FU Datasheet
189Kb / 11P
   256K x16 bit Super Low Power and Low Voltage Full CMOS Static RAM
EM644FV16FU EMLSI-EM644FV16FU Datasheet
189Kb / 11P
   256K x16 bit Super Low Power and Low Voltage Full CMOS Static RAM
EM620FV16B EMLSI-EM620FV16B Datasheet
434Kb / 11P
   128K x16 bit Low Power and Low Voltage Full CMOS Static RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com