Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EM7645FV16ES-45L Datasheet(PDF) 4 Page - Emerging Memory & Logic Solutions Inc

Part # EM7645FV16ES-45L
Description  256K x16 bit Low Power and Low Voltage Full CMOS Static RAM
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMLSI [Emerging Memory & Logic Solutions Inc]
Direct Link  http://www.emlsi.com
Logo EMLSI - Emerging Memory & Logic Solutions Inc

EM7645FV16ES-45L Datasheet(HTML) 4 Page - Emerging Memory & Logic Solutions Inc

  EM7645FV16ES-45L Datasheet HTML 1Page - Emerging Memory & Logic Solutions Inc EM7645FV16ES-45L Datasheet HTML 2Page - Emerging Memory & Logic Solutions Inc EM7645FV16ES-45L Datasheet HTML 3Page - Emerging Memory & Logic Solutions Inc EM7645FV16ES-45L Datasheet HTML 4Page - Emerging Memory & Logic Solutions Inc EM7645FV16ES-45L Datasheet HTML 5Page - Emerging Memory & Logic Solutions Inc EM7645FV16ES-45L Datasheet HTML 6Page - Emerging Memory & Logic Solutions Inc EM7645FV16ES-45L Datasheet HTML 7Page - Emerging Memory & Logic Solutions Inc EM7645FV16ES-45L Datasheet HTML 8Page - Emerging Memory & Logic Solutions Inc EM7645FV16ES-45L Datasheet HTML 9Page - Emerging Memory & Logic Solutions Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
EM640FV16FW Series
Low Power, 256Kx16 SRAM
4
FUNCTIONAL DESCRIPTION
Note: X means don’t care. (Must be low or high state)
CS1
CS2
OE
WE
LB
UB
I/O1-8
I/O9-16
Mode
Power
H
X
X
X
X
X
High-Z
High-Z
Deselected
Stand by
X
L
X
X
X
X
High-Z
High-Z
Deselected
Stand by
X
X
X
X
H
H
High-Z
High-Z
Deselected
Stand by
L
H
H
H
L
X
High-Z
High-Z
Output Disabled
Active
L
H
H
H
X
L
High-Z
High-Z
Output Disabled
Active
L
H
L
H
L
H
Data Out
High-Z
Lower Byte Read
Active
L
H
L
H
H
L
High-Z
Data Out
Upper Byte Read
Active
L
H
L
H
L
L
Data Out
Data Out
Word Read
Active
L
H
X
L
L
H
Data In
High-Z
Lower Byte Write
Active
L
H
X
L
H
L
High-Z
Data In
Upper Byte Write
Active
L
H
X
L
L
L
Data In
Data In
Word Write
Active
ABSOLUTE MAXIMUM RATINGS *
* Stresses greater than those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. Functional
operation should be restricted to recommended operating condition. Exposure to absolute maximum rating conditions for extended
periods may affect reliability.
Parameter
Symbol
Ratings
Unit
Voltage on Any Pin Relative to Vss
VIN, VOUT
-0.2 to Vcc+0.3(Max.4.0V)
V
Voltage on Vcc supply relative to Vss
VCC
-0.2 to 4.0V
V
Power Dissipation
PD
1.0
W
Operating Temperature
TA
-40 to 85
oC


Similar Part No. - EM7645FV16ES-45L

ManufacturerPart #DatasheetDescription
logo
Emerging Memory & Logic...
EM7640FP32BT-12LL EMLSI-EM7640FP32BT-12LL Datasheet
188Kb / 11P
   256K x8 bit Super Low Power and Low Voltage Full CMOS Static RAM
EM7640FP32BT-12S EMLSI-EM7640FP32BT-12S Datasheet
188Kb / 11P
   256K x8 bit Super Low Power and Low Voltage Full CMOS Static RAM
EM7640FP32BT-55LL EMLSI-EM7640FP32BT-55LL Datasheet
188Kb / 11P
   256K x8 bit Super Low Power and Low Voltage Full CMOS Static RAM
EM7640FP32BT-55S EMLSI-EM7640FP32BT-55S Datasheet
188Kb / 11P
   256K x8 bit Super Low Power and Low Voltage Full CMOS Static RAM
EM7640FP32BW-12LL EMLSI-EM7640FP32BW-12LL Datasheet
188Kb / 11P
   256K x8 bit Super Low Power and Low Voltage Full CMOS Static RAM
More results

Similar Description - EM7645FV16ES-45L

ManufacturerPart #DatasheetDescription
logo
Emerging Memory & Logic...
EM641FP16 EMLSI-EM641FP16 Datasheet
72Kb / 11P
   256K x16 bit Low Power and Low Voltage Full CMOS Static RAM
EM640FP16 EMLSI-EM640FP16 Datasheet
112Kb / 11P
   256K x16 bit Low Power and Low Voltage Full CMOS Static RAM
logo
Samsung semiconductor
K6F4016R4E SAMSUNG-K6F4016R4E Datasheet
119Kb / 9P
   256K x16 bit Super Low Power and Low Voltage Full CMOS Static RAM
logo
Emerging Memory & Logic...
EM640FU16E EMLSI-EM640FU16E Datasheet
75Kb / 11P
   256K x16 bit Super Low Power and Low Voltage Full CMOS Static RAM
EM645FV16FU EMLSI-EM645FV16FU Datasheet
193Kb / 11P
   256K x16 bit Super Low Power and Low Voltage Full CMOS Static RAM
EM641FU16E EMLSI-EM641FU16E Datasheet
72Kb / 11P
   256K x16 bit Super Low Power and Low Voltage Full CMOS Static RAM
EM646FV16FU EMLSI-EM646FV16FU Datasheet
192Kb / 11P
   256K x16 bit Super Low Power and Low Voltage Full CMOS Static RAM
EM643FV16FU EMLSI-EM643FV16FU Datasheet
189Kb / 11P
   256K x16 bit Super Low Power and Low Voltage Full CMOS Static RAM
EM644FV16FU EMLSI-EM644FV16FU Datasheet
189Kb / 11P
   256K x16 bit Super Low Power and Low Voltage Full CMOS Static RAM
EM620FV16B EMLSI-EM620FV16B Datasheet
434Kb / 11P
   128K x16 bit Low Power and Low Voltage Full CMOS Static RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com