Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

V53C8129H35 Datasheet(PDF) 6 Page - Mosel Vitelic, Corp

Part # V53C8129H35
Description  ULTRA-HIGH PERFORMANCE, 128K X 8EDO PAGE MODE CMOS DYNAMIC RAM
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOSEL [Mosel Vitelic, Corp]
Direct Link  http://www.moselvitelic.com
Logo MOSEL - Mosel Vitelic, Corp

V53C8129H35 Datasheet(HTML) 6 Page - Mosel Vitelic, Corp

Back Button V53C8129H35 Datasheet HTML 2Page - Mosel Vitelic, Corp V53C8129H35 Datasheet HTML 3Page - Mosel Vitelic, Corp V53C8129H35 Datasheet HTML 4Page - Mosel Vitelic, Corp V53C8129H35 Datasheet HTML 5Page - Mosel Vitelic, Corp V53C8129H35 Datasheet HTML 6Page - Mosel Vitelic, Corp V53C8129H35 Datasheet HTML 7Page - Mosel Vitelic, Corp V53C8129H35 Datasheet HTML 8Page - Mosel Vitelic, Corp V53C8129H35 Datasheet HTML 9Page - Mosel Vitelic, Corp V53C8129H35 Datasheet HTML 10Page - Mosel Vitelic, Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 18 page
background image
6
V53C8129H Rev. 1.3 July 1997
MOSEL VITELIC
V53C8129H
32
tDVWL2
tDS
Data in Setup Time
0000
ns
14
33
tWL1DX
tDH
Data in Hold Time
4567
ns
14
34
tWL1GL2
tWOH
Write to OE Hold Time
5678
ns
14
35
tGH2DX
tOED
OE to Data Delay Time
5678
ns
14
36
tRL2RL2
(RMW)
tRWC
Read-Modify-Write Cycle Time
105
110
115
130
ns
37
tRL1RH1
(RMW)
tRRW
Read-Modify-Write Cycle RAS Pulse
Width
70
75
80
87
ns
38
tCL1WL2
tCWD
CAS to WE Delay
28
30
32
34
ns
12
39
tRL1WL2
tRWD
RAS to WE Delay in Read-Modify-Write
Cycle
54
58
62
68
ns
12
40
tCL1CH1
tCRW
CAS Pulse Width (RMW)
46
48
50
52
ns
41
tAVWL2
tAWD
Col. Address to WE Delay
35
38
41
42
ns
12
42
tCL2CL2
tPC
EDO Page Mode Read or Write Cycle
Time
14
15
17
19
ns
43
tCH2CL2
tCP
CAS Precharge Time
4567
ns
44
tAVRH1
tCAR
Column Address to RAS Setup Time
18
20
22
24
ns
45
tCH2QV
tCAP
Access Time from Column Precharge
21
23
25
27
ns
7
46
tRL1DX
tDHR
Data in Hold Time Referenced to RAS
28
30
35
40
ns
47
tCL1RL2
tCSR
CAS Setup Time CAS-before-RAS
Refresh
10
10
10
10
ns
48
tRH2CL2
tRPC
RAS to CAS Precharge Time
0000
ns
49
tRL1CH1
tCHR
CAS Hold Time CAS-before-RAS Refresh
8
8
10
12
ns
50
tCL2CL2
(RMW)
tPCM
EDO Page Mode Read-Modify-Write
Cycle Time
58
60
65
70
ns
51
tT
tT
Transition Time (Rise and Fall)
3
50
3
50
3
50
3
50
ns
15
52
tREF
Refresh Interval (512 Cycles)
8888
ms
53
tCOH
Output Hold After CAS Low
5555
ns
#
JEDEC
Symbol
Symbol Parameter
35
40
45
50
Unit
Notes
Min. Max. Min. Max. Min. Max. Min. Max.
AC Characteristics (Cont’d)


Similar Part No. - V53C8129H35

ManufacturerPart #DatasheetDescription
logo
Mosel Vitelic, Corp
V53C8125H MOSEL-V53C8125H Datasheet
1Mb / 17P
   ULTRA-HIGH PERFORMANCE, 128K X 8 FAST PAGE MODE CMOS DYNAMIC RAM
V53C8125H30 MOSEL-V53C8125H30 Datasheet
1Mb / 17P
   ULTRA-HIGH PERFORMANCE, 128K X 8 FAST PAGE MODE CMOS DYNAMIC RAM
V53C8125H35 MOSEL-V53C8125H35 Datasheet
1Mb / 17P
   ULTRA-HIGH PERFORMANCE, 128K X 8 FAST PAGE MODE CMOS DYNAMIC RAM
V53C8125H40 MOSEL-V53C8125H40 Datasheet
1Mb / 17P
   ULTRA-HIGH PERFORMANCE, 128K X 8 FAST PAGE MODE CMOS DYNAMIC RAM
V53C8125H45 MOSEL-V53C8125H45 Datasheet
1Mb / 17P
   ULTRA-HIGH PERFORMANCE, 128K X 8 FAST PAGE MODE CMOS DYNAMIC RAM
More results

Similar Description - V53C8129H35

ManufacturerPart #DatasheetDescription
logo
Mosel Vitelic, Corp
V53C8125H MOSEL-V53C8125H Datasheet
1Mb / 17P
   ULTRA-HIGH PERFORMANCE, 128K X 8 FAST PAGE MODE CMOS DYNAMIC RAM
V53C8126H MOSEL-V53C8126H Datasheet
209Kb / 18P
   ULTRA-HIGH PERFORMANCE, 128K X 8 BIT FAST PAGE MODE CMOS DYNAMIC RAM
V53C8128H MOSEL-V53C8128H Datasheet
222Kb / 20P
   ULTRA-HIGH PERFORMANCE, 128K X 8 BIT EDO PAGE MODE CMOS DYNAMIC RAM
V53C16125H MOSEL-V53C16125H Datasheet
139Kb / 18P
   HIGH PERFORMANCE 128K X 16 BIT FAST PAGE MODE CMOS DYNAMIC RAM
V53C16129H MOSEL-V53C16129H Datasheet
223Kb / 20P
   HIGH PERFORMANCE 128K X 16 BIT FAST PAGE MODE CMOS DYNAMIC RAM
V53C16126H MOSEL-V53C16126H Datasheet
136Kb / 18P
   HIGH PERFORMANCE 128K X 16 BIT FAST PAGE MODE CMOS DYNAMIC RAM
V53C818H MOSEL-V53C818H Datasheet
231Kb / 18P
   HIGH PERFORMANCE 512K X 16 EDO PAGE MODE CMOS DYNAMIC RAM
V53C8258H MOSEL-V53C8258H Datasheet
219Kb / 18P
   HIGH PERFORMANCE 256K X 8 EDO PAGE MODE CMOS DYNAMIC RAM
V53C806H MOSEL-V53C806H Datasheet
135Kb / 18P
   HIGH PERFORMANCE 1M x 8 BIT FAST PAGE MODE CMOS DYNAMIC RAM
V53C104H MOSEL-V53C104H Datasheet
926Kb / 16P
   ULTRA-HIGH PERFORMANCE, LOW POWER 256K X 4 BIT FAST PAGE MODE CMOS DYNAMIC RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com