Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

V53C16258SHT40 Datasheet(PDF) 5 Page - Mosel Vitelic, Corp

Part # V53C16258SHT40
Description  HIGH PERFORMANCE 256K X 16 EDO PAGE MODE CMOS DYNAMIC RAM OPTIONAL SELF REFRESH
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOSEL [Mosel Vitelic, Corp]
Direct Link  http://www.moselvitelic.com
Logo MOSEL - Mosel Vitelic, Corp

V53C16258SHT40 Datasheet(HTML) 5 Page - Mosel Vitelic, Corp

  V53C16258SHT40 Datasheet HTML 1Page - Mosel Vitelic, Corp V53C16258SHT40 Datasheet HTML 2Page - Mosel Vitelic, Corp V53C16258SHT40 Datasheet HTML 3Page - Mosel Vitelic, Corp V53C16258SHT40 Datasheet HTML 4Page - Mosel Vitelic, Corp V53C16258SHT40 Datasheet HTML 5Page - Mosel Vitelic, Corp V53C16258SHT40 Datasheet HTML 6Page - Mosel Vitelic, Corp V53C16258SHT40 Datasheet HTML 7Page - Mosel Vitelic, Corp V53C16258SHT40 Datasheet HTML 8Page - Mosel Vitelic, Corp V53C16258SHT40 Datasheet HTML 9Page - Mosel Vitelic, Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 20 page
background image
5
MOSEL VITELIC
V53C16258H
V53C16258H Rev. 3.8 November 1999
AC Characteristics
TA = 0°C to 70°C, VCC = 5 V ± 10%, VSS = 0V unless otherwise noted
AC Test conditions, input pulse levels 0 to 3V
#
Symbol
Parameter
25
(100 MHz)
30
35
40
45
50
Unit Notes
Min. Max. Min. Max. Min. Max. Min. Max. Min. Max. Min. Max.
1
tRAS
RAS Pulse Width
25
75K
30
75K
35
75K
40
75K
45
75K
50
75K
ns
2
tRC
Read or Write Cycle Time
45
60
70
75
80
90
ns
3
tRP
RAS Precharge Time
15
20
25
25
25
30
ns
4
tCSH
CAS Hold Time
25
30
35
40
45
50
ns
5
tCAS
CAS Pulse Width
4
5
6
7
8
9
ns
6
tRCD
RAS to CAS Delay
10
17
12
20
13
24
15
28
18
32
19
36
ns
4
7
tRCS
Read Command Setup Time
0
0
0
0
0
0
ns
8
tASR
Row Address Setup Time
0
0
0
0
0
0
ns
9
tRAH
Row Address Hold Time
4
5
6
7
8
9
ns
10
tASC
Column Address Setup Time
0
0
0
0
0
0
ns
11
tCAH
Column Address Hold Time
4
5
5
5
6
7
ns
12
tRSH (R)
RAS Hold Time (Read Cycle)
7
9
10
10
10
10
ns
13
tCRP
CAS to RAS Precharge Time
5
5
5
5
5
5
ns
14
tRCH
Read Command Hold Time
Referenced to CAS
0
0
0
0
0
0
ns
5
15
tRRH
Read Command Hold Time
Referenced to RAS
0
0
0
0
0
0
ns
5
16
tROH
RAS Hold Time Referenced
to OE
4
6
7
8
9
10
ns
17
tOAC
Access Time from OE
8
10
11
12
13
14
ns
12
18
tCAC
Access Time from CAS
8
10
11
12
13
14
ns 6, 7, 14
19
tRAC
Access Time from RAS
25
30
35
40
45
50
ns
6, 8, 9
20
tCAA
Access Time from Column
Address
13
16
18
20
22
24
ns 6, 7, 10
21
tLZ
OE or CAS to Low-Z Output
0
0
0
0
0
0
ns
16
22
tHZ
OE or CAS to High-Z Output
0
5
0
5
0
6
0
6
0
7
0
8
ns
16
23
tAR
Column Address Hold Time
from RAS
19
23
25
30
35
40
ns
24
tRAD
RAS to Column Address
Delay Time
8
13
9
14
10
17
12
20
13
23
14
26
ns
11
25
tRSH (W) RAS or CAS Hold Time in
Write Cycle
7
9
10
10
10
10
ns
26
tCWL
Write Command to CAS
Lead Time
5
7
8
10
13
14
ns
27
tWCS
Write Command Setup Time
0
0
0
0
0
0
ns
12, 13
28
tWCH
Write Command Hold Time
4
5
5
5
6
7
ns


Similar Part No. - V53C16258SHT40

ManufacturerPart #DatasheetDescription
logo
Mosel Vitelic, Corp
V53C16258SHT50 MOSEL-V53C16258SHT50 Datasheet
154Kb / 20P
   HIGH PERFORMANCE 256K X 16 EDO PAGE MODE CMOS DYNAMIC RAM SELF REFRESH
More results

Similar Description - V53C16258SHT40

ManufacturerPart #DatasheetDescription
logo
Mosel Vitelic, Corp
V53C16258SH MOSEL-V53C16258SH Datasheet
154Kb / 20P
   HIGH PERFORMANCE 256K X 16 EDO PAGE MODE CMOS DYNAMIC RAM SELF REFRESH
V53C16258L MOSEL-V53C16258L Datasheet
154Kb / 20P
   HIGH PERFORMANCE 3.3 VOLT 256K X 16 EDO PAGE MODE CMOS DYNAMIC RAM OPTIONAL SELF REFRESH
V53C518165A MOSEL-V53C518165A Datasheet
193Kb / 28P
   1M x 16 EDO PAGE MODE CMOS DYNAMIC RAM OPTIONAL SELF REFRESH
V53C808H MOSEL-V53C808H Datasheet
136Kb / 18P
   HIGH PERFORMANCE 1M x 8 BIT EDO PAGE MODE CMOS DYNAMIC RAM OPTIONAL SELF REFRESH
V53C16256SH MOSEL-V53C16256SH Datasheet
145Kb / 19P
   256K X 16 FAST PAGE MODE CMOS DYNAMIC RAM WITH SELF REFRESH
V53C8258H MOSEL-V53C8258H Datasheet
219Kb / 18P
   HIGH PERFORMANCE 256K X 8 EDO PAGE MODE CMOS DYNAMIC RAM
logo
AMIC Technology
A42L8316 AMICC-A42L8316 Datasheet
264Kb / 23P
   256K X 16 CMOS DYNAMIC RAM WITH EDO PAGE MODE
A428316 AMICC-A428316 Datasheet
268Kb / 25P
   256K X 16 CMOS DYNAMIC RAM WITH EDO PAGE MODE
A42L8316 AMICC-A42L8316 Datasheet
273Kb / 25P
   256K X 16 CMOS DYNAMIC RAM WITH EDO PAGE MODE
A428316 AMICC-A428316_15 Datasheet
265Kb / 23P
   256K X 16 CMOS DYNAMIC RAM WITH EDO PAGE MODE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com