Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

97SD3240 Datasheet(PDF) 7 Page - Maxwell Technologies

Part # 97SD3240
Description  1.25Gb SDRAM 8-Meg X 40-Bit X 4-Banks
Download  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXWELL [Maxwell Technologies]
Direct Link  http://www.maxwell.com
Logo MAXWELL - Maxwell Technologies

97SD3240 Datasheet(HTML) 7 Page - Maxwell Technologies

Back Button 97SD3240 Datasheet HTML 3Page - Maxwell Technologies 97SD3240 Datasheet HTML 4Page - Maxwell Technologies 97SD3240 Datasheet HTML 5Page - Maxwell Technologies 97SD3240 Datasheet HTML 6Page - Maxwell Technologies 97SD3240 Datasheet HTML 7Page - Maxwell Technologies 97SD3240 Datasheet HTML 8Page - Maxwell Technologies 97SD3240 Datasheet HTML 9Page - Maxwell Technologies 97SD3240 Datasheet HTML 10Page - Maxwell Technologies 97SD3240 Datasheet HTML 11Page - Maxwell Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 39 page
background image
97SD3240
7
All data sheets are subject to change without notice
©2006 Maxwell Technologies
All rights reserved.
1.25Gb (8-Meg X 40-Bit X 4-Banks) SDRAM
05.10.06 Rev 4
Pin Functions:
CLK (INPUT PIN): CLK is the master clock input to this pin. The other input signals are referred at CLK rising
edge.
CS 1-5 (INPUT PINS): When CS 1-5 are low, the command input cycle becomes valid. When CS 1-5 are High,
all inputs are ignored. However, internal operations (bank active, burst operations, etc.) are held.
RAS, CAS AND WE (INPUT PINS): Although these pin names are the same as those of conventional DRAMs,
they function in a different way. These pins define operation commands (read, write, etc.) depending on the
combination of their voltage levels.
A0 TO A12 (INPUT PINS): Row address (AX0 to AX12) is determined by A0 to A12 level at the bank active
command cycle CLK rising edge. Column address (AY0 to AY9) is determined by A0 to A9 level at the read
or write command cycle CLK rising edge. And this column address becomes burst access start address.
A10 defines the precharge mode. When A10 = High at the precharge command cycle, all banks are pre-
charged. But when A10 = Low at the precharge command cycle, only the bank that is selected by BA0/BA1
(BS) is pre charged.
BA0/BA1 (INPUT PINS): BA0/BA1 are bank select signals (BS). The memory array of the 97SD3240 is divided
into bank 0, bank 1, bank 2 and bank 3. The 97SD3240 contains 8192-row X 1024-column X 40-bit. If BA0
and BA1 is Low, bank 0 is selected. If BA0 is Low and BA1 is High, bank 1 is selected. If BA0 is High and
BA1 is Low, bank 2 is selected. If BAO is High and BA1 is High, bank 3 is selected.
CKE 1-5 (INPUT PIN): This pin determines whether or not the next CLK is valid. If CKE 1-5 is High, the next
CLK rising edge is valid. If CKE 1-5 is Low, the next CLK rising edge is invalid. This pin is used for power-
down mode, clock suspend mode and self refresh mode1.
DQM 1-5 (INPUT PINS): DQM 1-5 control input/output buffers
Read operation: If DQM 1-5 are High, the output buffer becomes High-Z. If the DQM 1-5 are Low, the output
buffer becomes Low-Z. ( The latency of DQM 1-5 during reading is 2 clock cycles.)
Write operation: If DQM 1-5 are High, the previous data is held ( the new data is not written). If the DQM 1-5
areLow, the data is written. ( The latency of DQM 1-5 during writing is 0 clock cycles.)
DQ0 TO DQ39 (DQ PINS): Data is input to and output from these pins ( DQ0 to DQ39).
V
CC AND VCCQ (POWER SUPPLY PINS): 3.3V is applied. ( VCC is for the internal circuit and VCCQ is for the output
buffer.)
V
SS AND VSSQ (POWER SUPPLY PINS): Ground is connected. (VSS is for the internal circuit and VSSQ is for the
output buffer.)
1. Self refresh mode should only be used at temperatures below 70°C.


Similar Part No. - 97SD3240

ManufacturerPart #DatasheetDescription
logo
Maxwell Technologies
97SD3240 MAXWELL-97SD3240 Datasheet
760Kb / 39P
   1.25Gb SDRAM 8-Meg X 40-Bit X 4-Banks
97SD3240RPQE MAXWELL-97SD3240RPQE Datasheet
760Kb / 39P
   1.25Gb SDRAM 8-Meg X 40-Bit X 4-Banks
97SD3240RPQH MAXWELL-97SD3240RPQH Datasheet
760Kb / 39P
   1.25Gb SDRAM 8-Meg X 40-Bit X 4-Banks
97SD3240RPQI MAXWELL-97SD3240RPQI Datasheet
760Kb / 39P
   1.25Gb SDRAM 8-Meg X 40-Bit X 4-Banks
97SD3240RPQK MAXWELL-97SD3240RPQK Datasheet
760Kb / 39P
   1.25Gb SDRAM 8-Meg X 40-Bit X 4-Banks
More results

Similar Description - 97SD3240

ManufacturerPart #DatasheetDescription
logo
Maxwell Technologies
97SD3240 MAXWELL-97SD3240 Datasheet
760Kb / 39P
   1.25Gb SDRAM 8-Meg X 40-Bit X 4-Banks
97SD3248 MAXWELL-97SD3248 Datasheet
584Kb / 40P
   1.5Gb SDRAM 8-Meg X 48-Bit X 4-Banks
97SD3248 MAXWELL-97SD3248_06 Datasheet
583Kb / 40P
   1.5Gb SDRAM 8-Meg X 48-Bit X 4-Banks
48SD3208 MAXWELL-48SD3208 Datasheet
589Kb / 39P
   256 Mb SDRAM 8-Meg X 8-Bit X 4-Banks
logo
Micron Technology
MT48LC16M16A2P-75DTR MICRON-MT48LC16M16A2P-75DTR Datasheet
3Mb / 86P
   SDR SDRAM MT48LC64M4A2 ??16 Meg x 4 x 4 banks MT48LC32M8A2 ??8 Meg x 8 x 4 banks MT48LC16M16A2 ??4 Meg x 16 x 4 banks
MT41J64M16JT-125G MICRON-MT41J64M16JT-125G Datasheet
2Mb / 214P
   DDR3 SDRAM MT41J256M4 ??32 Meg x 4 x 8 banks MT41J128M8 ??16 Meg x 8 x 8 banks MT41J64M16 ??8 Meg x 16 x 8 banks
MT47H64M16HR-25EITH MICRON-MT47H64M16HR-25EITH Datasheet
9Mb / 134P
   DDR2 SDRAM MT47H256M4 ??32 Meg x 4 x 8 banks MT47H128M8 ??16 Meg x 8 x 8 banks MT47H64M16 ??8 Meg x 16 x 8 banks
MT48LC32M16A2P-75ITC MICRON-MT48LC32M16A2P-75ITC Datasheet
3Mb / 77P
   SDR SDRAM MT48LC128M4A2 ??32 Meg x 4 x 4 banks MT48LC64M8A2 ??16 Meg x 8 x 4 banks MT48LC32M16A2 ??8 Meg x 16 x 4 banks
MT47H64M8CF-25EG MICRON-MT47H64M8CF-25EG Datasheet
9Mb / 132P
   DDR2 SDRAM MT47H128M4 ??32 Meg x 4 x 4 banks MT47H64M8 ??16 Meg x 8 x 4 banks MT47H32M16 ??8 Meg x 16 x 4 banks
logo
Maxwell Technologies
97SD3232 MAXWELL-97SD3232 Datasheet
764Kb / 39P
   1 Gb SDRAM 8-Meg X 32 Bit X 4-Banks
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com