Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MM5451BV Datasheet(PDF) 3 Page - Micrel Semiconductor

Part # MM5451BV
Description  LED Display Driver
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MM5451BV Datasheet(HTML) 3 Page - Micrel Semiconductor

  MM5451BV Datasheet HTML 1Page - Micrel Semiconductor MM5451BV Datasheet HTML 2Page - Micrel Semiconductor MM5451BV Datasheet HTML 3Page - Micrel Semiconductor MM5451BV Datasheet HTML 4Page - Micrel Semiconductor MM5451BV Datasheet HTML 5Page - Micrel Semiconductor MM5451BV Datasheet HTML 6Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
0.2
0.4
0.6
0.8
1.0
1.2
1.4
10
-1
10
0
150℃
Notes :
1. V
GS = 0V
2. 250µ s Pulse Test
25℃
V
SD, Source-Drain voltage [V]
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
2.0
1.0
1.5
2.0
2.5
3.0
V
GS = 4.5V
V
GS = 10V
Note : T
J = 25℃
I
D, Drain Current [A]
02468
10
10
-1
10
0
150
oC
25
oC
-55
oC
Notes :
1. V
DS = 10V
2. 250µ s Pulse Test
V
GS, Gate-Source Voltage [V]
10
0
10
1
10
0
V
GS
Top :
10.0 V
8.0 V
6.0 V
5.0 V
4.5 V
4.0 V
3.5 V
Bottom :
3.0 V
Notes :
1. 250µ s Pulse Test
2. T
C = 25℃
V
DS, Drain-Source Voltage [V]
0.0
0.2
0.4
0.6
0.8
1.0
1.2
0
2
4
6
8
10
12
V
DS = 30V
V
DS = 48V
Note : I
D = 200 mA
Q
G, Total Gate Charge [nC]
0
5
10
15
20
25
30
0
10
20
30
40
50
C
rss
C
oss
C
iss
Notes :
1. V
GS = 0V
2. f=1MHz
C
iss=Cgs+Cgd(Cds=shorted)
C
oss=Cds+Cgd
C
rss=Cgd
V
DS, Drain-Source Voltage [V]
3/6
Fig 3. On Resistance Variation vs.
Drain Current and Gate Voltage
Fig 4. On State Current vs.
Allowable Case Temperature
Fig 5. Capacitance Characteristics
Fig 6. Gate Charge Characteristics
2N7000
Fig 1. On-State Characteristics
Fig 2. Transfer Characteristics
Copyright@SemiWell Semiconductor Co., Ltd., All rights reserved.


Similar Part No. - MM5451BV

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MM5451BV MICREL-MM5451BV Datasheet
81Kb / 8P
   LED Display Driver
MM5451BV MICREL-MM5451BV Datasheet
283Kb / 9P
   LED Display Driver
More results

Similar Description - MM5451BV

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M5482 STMICROELECTRONICS-M5482_04 Datasheet
131Kb / 10P
   LED DISPLAY DRIVER
M5480 STMICROELECTRONICS-M5480_04 Datasheet
112Kb / 10P
   LED DISPLAY DRIVER
logo
National Semiconductor ...
MM5481 NSC-MM5481 Datasheet
122Kb / 6P
   LED Display Driver
logo
STMicroelectronics
M5480 STMICROELECTRONICS-M5480 Datasheet
97Kb / 6P
   LED DISPLAY DRIVER
May 1993
M5481 STMICROELECTRONICS-M5481 Datasheet
76Kb / 8P
   LED DISPLAY DRIVER
April 2000
logo
National Semiconductor ...
MM5480 NSC-MM5480 Datasheet
107Kb / 6P
   LED Display Driver
February 1995
logo
STMicroelectronics
M5481 STMICROELECTRONICS-M5481_04 Datasheet
162Kb / 10P
   LED DISPLAY DRIVER
logo
Micrel Semiconductor
MM5450 MICREL-MM5450_11 Datasheet
283Kb / 9P
   LED Display Driver
logo
STMicroelectronics
M5482 STMICROELECTRONICS-M5482 Datasheet
97Kb / 6P
   LED DISPLAY DRIVER
May 1993
logo
Micrel Semiconductor
MM5450 MICREL-MM5450 Datasheet
81Kb / 8P
   LED Display Driver
logo
Microchip Technology
MM5450 MICROCHIP-MM5450 Datasheet
267Kb / 20P
   LED Display Driver
06/23/16
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com