Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RT1P14HC Datasheet(PDF) 1 Page - Isahaya Electronics Corporation

Part # RT1P14HC
Description  Transistor With Resistor For Switching Application Silicon NPN Epitaxial Type
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISAHAYA [Isahaya Electronics Corporation]
Direct Link  http://www.idc-com.co.jp
Logo ISAHAYA - Isahaya Electronics Corporation

RT1P14HC Datasheet(HTML) 1 Page - Isahaya Electronics Corporation

  RT1P14HC Datasheet HTML 1Page - Isahaya Electronics Corporation RT1P14HC Datasheet HTML 2Page - Isahaya Electronics Corporation RT1P14HC Datasheet HTML 3Page - Isahaya Electronics Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
〈Transistor〉
RT1P14HX SERIES
Transistor With Resistor
For Switching Application
Silicon PNP Epitaxial Type
DESCRIPTION
OUTLINE DRAWING       UNIT:mm
RT1P14HU
RT1P14HC
RT1P14HX
is
a
one chip transistor
with built-in bias resistor,NPN type is RT1N14HX.
FEATURE
・Built-in bias resistor (R1=10kΩ,R2=4.7kΩ).
APPLICATION
Inverted circuit,switching circuit,interface circuit,
driver circuit.
Equivalent circuit
JEITA:−
JEDEC:−
    JEITA:SC-59
JEDEC:Similar to TO-236
Terminal Connector
①:Base
②:Emitter
③:Collector
Terminal Connector
①:Base
②:Emitter
③:Collector
RT1P14HM
RT1P14HS
JEITA:SC-70
JEDEC:−
JEITA:−
JEDEC:−
Terminal Connector
①:Base
②:Emitter
③:Collector
Terminal Connector
①:Emitter
②:Collector
③:Base
0.4
0.8
0.4
1.6
0.5
1.5
0.5
2.5
1.25
0.425
2.1
0.425
4.0
1.27 1.27
0.45
0.1
C
(OUT)
E
(GND)
B
(IN)
R1
R2
ISAHAYA ELECTRONICS CORPORATION


Similar Part No. - RT1P14HC

ManufacturerPart #DatasheetDescription
logo
Isahaya Electronics Cor...
RT1P140C ISAHAYA-RT1P140C Datasheet
115Kb / 3P
   Transistor With Resistor For Switching Application Silicon NPN Epitaxial Type
RT1P140M ISAHAYA-RT1P140M Datasheet
115Kb / 3P
   Transistor With Resistor For Switching Application Silicon NPN Epitaxial Type
RT1P140S ISAHAYA-RT1P140S Datasheet
115Kb / 3P
   Transistor With Resistor For Switching Application Silicon NPN Epitaxial Type
RT1P140T ISAHAYA-RT1P140T Datasheet
115Kb / 3P
   Transistor With Resistor For Switching Application Silicon NPN Epitaxial Type
RT1P140U ISAHAYA-RT1P140U Datasheet
115Kb / 3P
   Transistor With Resistor For Switching Application Silicon NPN Epitaxial Type
More results

Similar Description - RT1P14HC

ManufacturerPart #DatasheetDescription
logo
Isahaya Electronics Cor...
RT1N234X ISAHAYA-RT1N234X Datasheet
827Kb / 3P
   Transistor With Resistor For Switching Application Silicon NPN Epitaxial Type
RT1N231X ISAHAYA-RT1N231X Datasheet
72Kb / 3P
   Transistor With Resistor For Switching Application Silicon NPN Epitaxial Type
RT1N230X ISAHAYA-RT1N230X Datasheet
496Kb / 3P
   Transistor With Resistor For Switching Application Silicon NPN Epitaxial Type
RT1N140X ISAHAYA-RT1N140X Datasheet
577Kb / 3P
   Transistor With Resistor For Switching Application Silicon NPN Epitaxial Type
RT1N44QX ISAHAYA-RT1N44QX Datasheet
827Kb / 3P
   Transistor With Resistor For Switching Application Silicon NPN Epitaxial Type
RT1P24BX ISAHAYA-RT1P24BX Datasheet
61Kb / 3P
   Transistor With Resistor For Switching Application Silicon NPN Epitaxial Type
RT1P14BX ISAHAYA-RT1P14BX Datasheet
114Kb / 3P
   Transistor With Resistor For Switching Application Silicon NPN Epitaxial Type
RT1N440X ISAHAYA-RT1N440X Datasheet
303Kb / 3P
   Transistor With Resistor For Switching Application Silicon NPN Epitaxial Type
RT1N436X ISAHAYA-RT1N436X Datasheet
886Kb / 3P
   Transistor With Resistor For Switching Application Silicon NPN Epitaxial Type
RT1N432X ISAHAYA-RT1N432X Datasheet
324Kb / 3P
   Transistor With Resistor For Switching Application Silicon NPN Epitaxial Type
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com