Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MIC9131BM Datasheet(PDF) 9 Page - Micrel Semiconductor

Part # MIC9131BM
Description  High-Voltage, High-Speed Telecom
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC9131BM Datasheet(HTML) 9 Page - Micrel Semiconductor

Back Button MIC9131BM Datasheet HTML 5Page - Micrel Semiconductor MIC9131BM Datasheet HTML 6Page - Micrel Semiconductor MIC9131BM Datasheet HTML 7Page - Micrel Semiconductor MIC9131BM Datasheet HTML 8Page - Micrel Semiconductor MIC9131BM Datasheet HTML 9Page - Micrel Semiconductor MIC9131BM Datasheet HTML 10Page - Micrel Semiconductor MIC9131BM Datasheet HTML 11Page - Micrel Semiconductor MIC9131BM Datasheet HTML 12Page - Micrel Semiconductor MIC9131BM Datasheet HTML 13Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 19 page
background image
August 2006
9
M9999-080206
MIC9131
Micrel, Inc.
Functional Description
Micrel’s MIC9131 is a high voltage, high speed current mode
switching power supply controller. It uses a BiC/DMOS pro-
cess to achieve a high voltage input, low quiescent current
and very fast internal delay times. The MIC9131 is designed
to drive an external low side N-channel MOSFET, which
makes it suitable for controlling Boost, Flyback and Forward
converter topologies. The high voltage startup pin eliminates
the requirement for an external start up circuit. This makes
it ideal for use with Telecom converters.
Ablock diagram of the MIC9131 is shown in Figure 1. The de-
scription of the controller is divided into 6 basic functions:
• Power and bias circuitry
• High voltage start-up circuit
• VCC and Bias supplies
• Enable and Undervoltage monitoring circuits
• VCC and VIN UVLO
• Enable
• Oscillator and sync circuitry
• Soft-start and soft-start reset circuits
• MOSFET gate drive circuits
• Control loop operation
• Current sensing & overcurrent protection
• Slope compensation
• Error amplifier
High Voltage Start Up Circuit
Many conventional Off-Line and Telecom power supplies
use an external bias resistor and zener diode to supply the
initial start-up voltage for the control IC. The control IC gets
its supply voltage from a bias winding once the power sup-
ply is running. This method has the disadvantages of extra
components (diode and power resistor), continuous power
dissipation in the resistor and a large bias capacitor, used to
supply the IC until the bias winding takes over.
The MIC9131 eliminates these problems by using an internal
depletion mode MOSFET as a pre-regulator to provide the
start-up bias voltage from the high voltage input of the power
supply. This approach eliminates the need for external start
up components and reduces the size of the controller’s bias
supply capacitor.The MOSFETis turned off once the external
bias winding takes over, which eliminates power dissipation
in the start-up circuit. In some cases, the MIC9131 may be
run directly from the input voltage rail, eliminating the need
for an external bias winding.
Start-up circuit operation is illustrated in Figure 2. VIN is ap-
Transformer
Bias
Winding
VIN
180V
DEPLETION
FET
Internal
Circuitry
MIC9131
VCC
2
Line
1
THERMAL
SHUTDOWN
1.21V
VCC
UVLO
VPR
VPR(OFF) Depletion FET Pre-Regultor turn-off threshold
Depletion FET turn-on threshold
VGLO VCC Gate Lockout Hysteresis
VCC voltage when powered from VLINE
VGLO(ON) VCC gate lockout turn on threshold
Figure 2


Similar Part No. - MIC9131BM

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC9131BM MICREL-MIC9131BM Datasheet
142Kb / 20P
   High-Voltage, High-Speed Telecom DC-to-DC Controller
More results

Similar Description - MIC9131BM

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC9130 MICREL-MIC9130 Datasheet
395Kb / 19P
   High-Voltage, High-Speed Telecom DC-to-DC Controller
MIC9130 MICREL-MIC9130_08 Datasheet
257Kb / 19P
   High-Voltage, High-Speed Telecom DC-to-DC Controller
MIC9131 MICREL-MIC9131 Datasheet
142Kb / 20P
   High-Voltage, High-Speed Telecom DC-to-DC Controller
logo
Unisonic Technologies
MJE13011 UTC-MJE13011 Datasheet
104Kb / 4P
   HIGH VOLTAGE HIGH SPEED SWITCHING
logo
List of Unclassifed Man...
2SC3865 ETC-2SC3865 Datasheet
158Kb / 4P
   HIGH VOLTAGE, HIGH SPEED SWITCHING
logo
Unisonic Technologies
2SC2625 UTC-2SC2625_15 Datasheet
103Kb / 3P
   HIGH VOLTAGE HIGH SPEED SWITCHING
logo
List of Unclassifed Man...
2SC4419 ETC-2SC4419 Datasheet
158Kb / 4P
   HIGH VOLTAGE, HIGH SPEED SWITCHING
logo
Fairchild Semiconductor
KSA1010 FAIRCHILD-KSA1010 Datasheet
50Kb / 5P
   High Speed High Voltage Switching
logo
Inchange Semiconductor ...
2SC3738 ISC-2SC3738 Datasheet
196Kb / 2P
   High Voltage, High Speed Switching
BU4508AF ISC-BU4508AF Datasheet
190Kb / 2P
   High-voltage high-speed switching
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com