Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

5962-8764001WA Datasheet(PDF) 8 Page - Micrel Semiconductor

Part # 5962-8764001WA
Description  4/8-Bit Parallel-Input Latched Drivers
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

5962-8764001WA Datasheet(HTML) 8 Page - Micrel Semiconductor

  5962-8764001WA Datasheet HTML 1Page - Micrel Semiconductor 5962-8764001WA Datasheet HTML 2Page - Micrel Semiconductor 5962-8764001WA Datasheet HTML 3Page - Micrel Semiconductor 5962-8764001WA Datasheet HTML 4Page - Micrel Semiconductor 5962-8764001WA Datasheet HTML 5Page - Micrel Semiconductor 5962-8764001WA Datasheet HTML 6Page - Micrel Semiconductor 5962-8764001WA Datasheet HTML 7Page - Micrel Semiconductor 5962-8764001WA Datasheet HTML 8Page - Micrel Semiconductor 5962-8764001WA Datasheet HTML 9Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
Micrel, Inc.
MIC5800/5801
MIC5800/5801
8
March 2005
.015
MIN
.023
.015
12
11
1.050
1.120
0.390
0.300
.065
.035
.200
MAX
.100
MIN
.100 ±.010
22
1
INDEX AREA
.014
.008
SEATING PLANE
.410
Max
22-Pin Plastic DIP (N)
1.074
1.066
.020
.012
.008
0.25 R
NOMINAL
SEATING
PLANE
.020
.016
.100
REF
.150
.125
.065
.055
.383
.377
15°
.414
.408
.200
.155
.170
.140
.037
.033
.504
.474
PIN 1
DIMENSIONS:
INCHES
22-Pin Ceramic DIP (J)


Similar Part No. - 5962-8764001WA

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
5962-8764001WA1 MICREL-5962-8764001WA1 Datasheet
114Kb / 6P
   4/8-Bit Parallel-Input Latched Drivers
More results

Similar Description - 5962-8764001WA

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC5800 MICREL-MIC5800 Datasheet
114Kb / 6P
   4/8-Bit Parallel-Input Latched Drivers
MIC5800 MICREL-MIC5800_15 Datasheet
560Kb / 11P
   4/8-Bit Parallel-Input Latched Drivers
logo
Microchip Technology
MIC5800 MICROCHIP-MIC5800 Datasheet
948Kb / 22P
   4/8-Bit Parallel-Input Latched Drivers
09/14/21
logo
Micrel Semiconductor
MIC5841 MICREL-MIC5841 Datasheet
162Kb / 7P
   8-Bit Serial-Input Latched Drivers
MIC5821 MICREL-MIC5821_05 Datasheet
84Kb / 8P
   8-Bit Serial-Input Latched Drivers
MIC5821 MICREL-MIC5821 Datasheet
79Kb / 5P
   8-Bit Serial-Input Latched Drivers
MIC5841 MICREL-MIC5841_06 Datasheet
163Kb / 8P
   8-Bit Serial-Input Latched Drivers
MIC58P01 MICREL-MIC58P01 Datasheet
101Kb / 5P
   8-Bit Parallel-Input Protected Latched Driver
MIC58P01 MICREL-MIC58P01_15 Datasheet
783Kb / 11P
   8-Bit Parallel-Input Protected Latched Driver
MIC59P50 MICREL-MIC59P50_15 Datasheet
688Kb / 12P
   8-Bit Parallel-Input Protected Latched Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com