Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

STB19NB20 Datasheet(PDF) 8 Page - STMicroelectronics

Part # STB19NB20
Description  N - CHANNEL ENHANCEMENT MODE PowerMESH] MOSFET
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STB19NB20 Datasheet(HTML) 8 Page - STMicroelectronics

  STB19NB20 Datasheet HTML 1Page - STMicroelectronics STB19NB20 Datasheet HTML 2Page - STMicroelectronics STB19NB20 Datasheet HTML 3Page - STMicroelectronics STB19NB20 Datasheet HTML 4Page - STMicroelectronics STB19NB20 Datasheet HTML 5Page - STMicroelectronics STB19NB20 Datasheet HTML 6Page - STMicroelectronics STB19NB20 Datasheet HTML 7Page - STMicroelectronics STB19NB20 Datasheet HTML 8Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
Information furnished is believ ed to be accurate and reliable. However, STMicroelectronics assumes no responsibil ity for the consequences
of use of such information nor for any infringement of patents or other rights of third parties which may result from its use. No license is
granted by implication or otherwise under any patent or patent rights of STMicroelectronics. Specific ation mentioned in this publication are
subjec t to change without notice. This publication supersedes and replaces all information previously supplied. STMicroelectronics products
are not authorized for use as critical components in life support devices or systems without express written approval of STMicroelectronics.
The ST logo is a trademark of STMicroelectronics
© 1999 STMicroelectronics – Printed in Italy – All Rights Reserved
STMicroelectronics GROUP OF COMPANIES
Australia - Brazil - Canada - China - France - Germany - Italy - Japan - Korea - Malaysia - Malta - Mexico - Morocco - The Netherlands -
Singapore - Spain - Sweden - Switzerland - Taiwan - Thailand - United Kingdom - U.S.A.
http://www.st.com
.
STB19NB20
8/8


Similar Part No. - STB19NB20

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STB19NB20-1 STMICROELECTRONICS-STB19NB20-1 Datasheet
546Kb / 12P
   N-CHANNEL 200V - 0.15ohm - 19A - TO-220/TO-220FP/I2PAK PowerMESH??MOSFET
More results

Similar Description - STB19NB20

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STU36NB20 STMICROELECTRONICS-STU36NB20 Datasheet
57Kb / 6P
   N-CHANNEL ENHANCEMENT MODE PowerMESH MOSFET
STB7NB40 STMICROELECTRONICS-STB7NB40 Datasheet
61Kb / 6P
   N - CHANNEL ENHANCEMENT MODE PowerMESH MOSFET
STP7NB40 STMICROELECTRONICS-STP7NB40 Datasheet
73Kb / 4P
   N - CHANNEL ENHANCEMENT MODE PowerMESH MOSFET
STP7NB60 STMICROELECTRONICS-STP7NB60 Datasheet
115Kb / 9P
   N - CHANNEL ENHANCEMENT MODE PowerMESH MOSFET
STD2NB60 STMICROELECTRONICS-STD2NB60 Datasheet
291Kb / 9P
   N - CHANNEL ENHANCEMENT MODE PowerMESH MOSFET
STP12NB30 STMICROELECTRONICS-STP12NB30 Datasheet
56Kb / 6P
   N - CHANNEL ENHANCEMENT MODE PowerMESH MOSFET
STP10NB20 STMICROELECTRONICS-STP10NB20 Datasheet
122Kb / 9P
   N - CHANNEL ENHANCEMENT MODE PowerMESH MOSFET
STU13NB60 STMICROELECTRONICS-STU13NB60 Datasheet
61Kb / 6P
   N-CHANNEL ENHANCEMENT MODE PowerMESH MOSFET
STB11NB40 STMICROELECTRONICS-STB11NB40 Datasheet
102Kb / 9P
   N - CHANNEL ENHANCEMENT MODE PowerMESH MOSFET
STP5NB40 STMICROELECTRONICS-STP5NB40 Datasheet
71Kb / 7P
   N - CHANNEL ENHANCEMENT MODE PowerMESH MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com