Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MIC6315-29D2U Datasheet(PDF) 3 Page - Micrel Semiconductor

Part # MIC6315-29D2U
Description  Open-Drain 關P Reset Circuit
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC6315-29D2U Datasheet(HTML) 3 Page - Micrel Semiconductor

  MIC6315-29D2U Datasheet HTML 1Page - Micrel Semiconductor MIC6315-29D2U Datasheet HTML 2Page - Micrel Semiconductor MIC6315-29D2U Datasheet HTML 3Page - Micrel Semiconductor MIC6315-29D2U Datasheet HTML 4Page - Micrel Semiconductor MIC6315-29D2U Datasheet HTML 5Page - Micrel Semiconductor MIC6315-29D2U Datasheet HTML 6Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
October 2005
3
M9999-102005
MIC6315
Micrel
Electrical Characteristics
For typical values, VCC = 2.5V to 5.5V, TA = 25°C; bold values indicate –40°C ≤ TA ≤ +85°C; unless noted
Symbol
Parameter
Condition
Min
Typ
Max
Units
VCC
Operating Voltage Range
1
5.5
V
ICC
Supply Current
VCC = 5.5V, no load
5
15
µA
VCC = 3.6V, no load
5
10
µA
VTH
Reset Voltage Threshold
Note 4
VTH–2.5% VTH VTH+2.5% V
tRST
Reset Timeout Period
D2U
20
28
44
ms
D3U
140
200
320
ms
D4U
1100
1500
2500
ms
VOL
/RESET Output Voltage
VCC ≥ 4.0V, ISINK = 3.2mA
0.4
V
VCC > 2.5V, ISINK = 1.2mA
0.3
V
VCC ≥ 1.0V, ISINK = 50µA
0.3
V
/RESET Output Leakage
/RESET deasserted
1
µA
/MR Minimum Pulse Width
10
µs
/MR to Reset Delay
0.5
µs
VIH
/MR Input Threshold
VTH > 4.0V
2.3
V
VTH < 4.0V
0.7×VCC
V
VIL
/MR Input Threshold
VTH > 4.0V
0.8
V
VTH < 4.0V
0.25×VCC
V
/MR Pull-Up Resistance
10
20
30
/MR Glitch Immunity
100
ns
Notes:
1. Exceeding the absolute maximum rating may damage the device.
2. The device is not guaranteed to function outside its operating rating.
3. Devices are ESD sensitive. Handling precautions recommended. Human body model, 1.5k in series with 100pF.
4. Various reset thresholds available. See ordering information or contact factory.
Absolute Maximum Ratings(1)
Terminal Voltage
(VCC, /RESET)........................................–0.3V to 6.0V
(/MR)..........................................–0.3V to (VCC + 0.3V)
Rate of Rise (VCC).................................................. 100V/µs
Input Current (VCC, /MR)............................................ 20mA
Output Current (/RESET) ........................................... 20mA
Lead Temperature (soldering, 10 sec.)...................... 300°C
Storage Temperature (TS) ......................... –65°C to 150°C
ESD Rating(3) ............................................................... 3kV
Operating Ratings(2)
Operating Temperature Range................... –40°C to +85°C
Input Voltage (/RESET) .................................... GND – 5.5V
Power Dissipation (TA = +70°C) ..............................320mW


Similar Part No. - MIC6315-29D2U

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC6315-29D2U MICREL-MIC6315-29D2U Datasheet
349Kb / 6P
   Open-Drain 關P Reset Circuit
MIC6315-29D2UY MICREL-MIC6315-29D2UY Datasheet
349Kb / 6P
   Open-Drain 關P Reset Circuit
MIC6315-29D2UY MICREL-MIC6315-29D2UY Datasheet
523Kb / 8P
   Open-Drain 關P Reset Circuit
logo
Microchip Technology
MIC6315-29D2UY-TR MICROCHIP-MIC6315-29D2UY-TR Datasheet
847Kb / 15P
   Open-Drain Microprocessor Reset Circuit
09/14/21
More results

Similar Description - MIC6315-29D2U

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC6315 MICREL-MIC6315_08 Datasheet
349Kb / 6P
   Open-Drain 關P Reset Circuit
MIC6315 MICREL-MIC6315_14 Datasheet
523Kb / 8P
   Open-Drain 關P Reset Circuit
logo
Maxim Integrated Produc...
MAX6315 MAXIM-MAX6315_V01 Datasheet
139Kb / 7P
   Open-Drain SOT 關P Reset Circuit
2015
MAX6315 MAXIM-MAX6315 Datasheet
113Kb / 8P
   Open-Drain SOT 關P Reset Circuit
logo
Micrel Semiconductor
MIC6315 MICREL-MIC6315 Datasheet
66Kb / 6P
   Open-Drain UP Reset Circuit
logo
Microchip Technology
MIC6315 MICROCHIP-MIC6315 Datasheet
847Kb / 15P
   Open-Drain Microprocessor Reset Circuit
09/14/21
logo
Maxim Integrated Produc...
MAX6315US30D3 MAXIM-MAX6315US30D3 Datasheet
536Kb / 7P
   Open-Drain SOT muP Reset Circuit
Rev 3; 12/05
MAX6315US31D2 MAXIM-MAX6315US31D2 Datasheet
536Kb / 7P
   Open-Drain SOT μP Reset Circuit
Rev 3; 12/05
logo
STMicroelectronics
STM6315 STMICROELECTRONICS-STM6315_07 Datasheet
185Kb / 21P
   Open drain microprocessor reset
STM6315 STMICROELECTRONICS-STM6315 Datasheet
172Kb / 21P
   Open Drain Microprocessor Reset
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com