Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MIC4420CT Datasheet(PDF) 5 Page - Micrel Semiconductor

Part # MIC4420CT
Description  6A-Peak Low-Side MOSFET Driver
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC4420CT Datasheet(HTML) 5 Page - Micrel Semiconductor

  MIC4420CT Datasheet HTML 1Page - Micrel Semiconductor MIC4420CT Datasheet HTML 2Page - Micrel Semiconductor MIC4420CT Datasheet HTML 3Page - Micrel Semiconductor MIC4420CT Datasheet HTML 4Page - Micrel Semiconductor MIC4420CT Datasheet HTML 5Page - Micrel Semiconductor MIC4420CT Datasheet HTML 6Page - Micrel Semiconductor MIC4420CT Datasheet HTML 7Page - Micrel Semiconductor MIC4420CT Datasheet HTML 8Page - Micrel Semiconductor MIC4420CT Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
July 2005
5
M9999-072205
MIC4420/4429
Micrel, Inc.
Typical Characteristic Curves
30
20
10
5
1000
10,000
CAPACITIVE LOAD (pF)
V = 18V
S
Fall Time vs. Capacitive Load
40
50
V = 12V
S
V = 5V
S
60
50
40
30
20
10
–60
–20
20
60
100
140
TEMPERATURE (°C)
D1
t
D2
t
Propagation Delay Time
vs. Temperature
0
100
1000
10,000
CAPACITIVE LOAD (pF)
Supply Current vs. Capacitive Load
C = 2200 pF
L
V = 18V
S
84
70
56
42
28
14
0
500 kHz
200 kHz
20 kHz
V = 15V
S
60
50
40
30
20
10
0
4
6
8
10
12
14
16 18
SUPPLY VOLTAGE (V)
Delay Time vs. Supply Voltage
tD2
tD1
V = 12V
S
V = 5V
S
30
20
10
5
1000
10,000
CAPACITIVE LOAD (pF)
V = 18V
S
Rise Time vs. Capacitive Load
40
50
100
0
0
100
1000
10,000
FREQUENCY (kHz)
Supply Current vs. Frequency
10
1000
18V
10V
5V
C = 2200 pF
L
–60
–20
20
60
100
140
TEMPERATURE (°C)
5
7
9
11
13
15
V (V)
S
5
7
9
11
13
15
t
RISE
t
25
20
15
10
5
0
Rise and Fall Times vs. Temperature
C = 2200 pF
V = 18V
S
FALL
C = 2200 pF
L
60
50
40
30
20
10
0
Rise Time vs. Supply Voltage
C = 4700 pF
L
C = 10,000 pF
L
C = 2200 pF
L
Fall Time vs. Supply Voltage
C = 4700 pF
L
C = 10,000 pF
L
50
40
30
20
10
0
L
V (V)
S
3000
3000


Similar Part No. - MIC4420CT

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC4420CT MICREL-MIC4420CT Datasheet
96Kb / 10P
   6A-Peak Low-Side MOSFET Driver Bipolar/CMOS/DMOS Process
logo
MIC GROUP RECTIFIERS
MIC4420CT MIC-MIC4420CT Datasheet
231Kb / 12P
   6A-Peak Low-Side MOSFET Driver Bipolar/CMOS/DMOS Process
logo
Micrel Semiconductor
MIC4420CT MICREL-MIC4420CT Datasheet
231Kb / 12P
   6A-Peak Low-Side MOSFET Driver
More results

Similar Description - MIC4420CT

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC4120 MICREL-MIC4120 Datasheet
209Kb / 11P
   6A-Peak Low-Side MOSFET Driver
MIC4420YM MICREL-MIC4420YM Datasheet
231Kb / 12P
   6A-Peak Low-Side MOSFET Driver
MIC4420ZN MICREL-MIC4420ZN Datasheet
231Kb / 12P
   6A-Peak Low-Side MOSFET Driver
MIC4120 MICREL-MIC4120_05 Datasheet
196Kb / 10P
   6A-Peak Low-Side MOSFET Driver
logo
Sensitron
SHD850001 SENSITRON-SHD850001 Datasheet
43Kb / 3P
   6A-Peak Low Side MOSFET Driver Bipolar/CMOS/DMOS Process
logo
Micrel Semiconductor
MIC4120 MICREL-MIC4120_10 Datasheet
458Kb / 10P
   6A-Peak Low-Side Mosfet Driver Bipolar/CMOS/DMOS Process
logo
MIC GROUP RECTIFIERS
MIC4420 MIC-MIC4420_11 Datasheet
231Kb / 12P
   6A-Peak Low-Side MOSFET Driver Bipolar/CMOS/DMOS Process
logo
Micrel Semiconductor
MIC4420 MICREL-MIC4420 Datasheet
96Kb / 10P
   6A-Peak Low-Side MOSFET Driver Bipolar/CMOS/DMOS Process
logo
Microchip Technology
MIC4420 MICROCHIP-MIC4420 Datasheet
2Mb / 26P
   6A Peak Low-Side MOSFET Driver Bipolar/CMOS/DMOS Process
09/14/21
logo
Sensitron
SHD852002 SENSITRON-SHD852002 Datasheet
43Kb / 3P
   12A-Peak Low Side Dual MOSFET Driver 12A-Peak Low Side Dual MOSFET Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com