Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MIC4420BN Datasheet(PDF) 6 Page - Micrel Semiconductor

Part # MIC4420BN
Description  6A-Peak Low-Side MOSFET Driver
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC4420BN Datasheet(HTML) 6 Page - Micrel Semiconductor

Back Button MIC4420BN Datasheet HTML 2Page - Micrel Semiconductor MIC4420BN Datasheet HTML 3Page - Micrel Semiconductor MIC4420BN Datasheet HTML 4Page - Micrel Semiconductor MIC4420BN Datasheet HTML 5Page - Micrel Semiconductor MIC4420BN Datasheet HTML 6Page - Micrel Semiconductor MIC4420BN Datasheet HTML 7Page - Micrel Semiconductor MIC4420BN Datasheet HTML 8Page - Micrel Semiconductor MIC4420BN Datasheet HTML 9Page - Micrel Semiconductor MIC4420BN Datasheet HTML 10Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
M9999-072205
6
July 2005
MIC4420/4429
Micrel, Inc.
Typical Characteristic Curves (Cont.)
2.5
2
1.5
1
5
9
13
V (V)
S
Low-State Output Resistance
100 mA
50 mA
10 mA
7
11
15
1000
800
600
400
200
0
SUPPLY VOLTAGE (V)
900
800
700
600
500
400
–60
–20
20
60
100
140
TEMPERATURE (°C)
Quiescent Power Supply
Current vs. Temperature
LOGIC “1” INPUT
V = 18V
S
0
4
8
12
16
20
Quiescent Power Supply
Voltage vs. Supply Current
LOGIC “1” INPUT
5
4
3
2
5
9
13
V (V)
S
High-State Output Resistance
100 mA
50 mA
10 mA
7
11
15
200
160
120
80
40
0
5 6 7
11
13
15
Effect of Input Amplitude
on Propagation Delay
LOAD = 2200 pF
INPUT 2.4V
INPUT 3.0V
INPUT 5.0V
INPUT 8V AND 10V
8
9 10
12
14
V (V)
S
2.0
1.5
1.0
0.5
0
5 6 7
11
13
15
Crossover Area vs. Supply Voltage
8
9 10
12
14
SUPPLY VOLTAGE V (V)
LOGIC “0” INPUT
PER TRANSITION
S


Similar Part No. - MIC4420BN

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC4420BN MICREL-MIC4420BN Datasheet
96Kb / 10P
   6A-Peak Low-Side MOSFET Driver Bipolar/CMOS/DMOS Process
logo
MIC GROUP RECTIFIERS
MIC4420BN MIC-MIC4420BN Datasheet
231Kb / 12P
   6A-Peak Low-Side MOSFET Driver Bipolar/CMOS/DMOS Process
logo
Micrel Semiconductor
MIC4420BN MICREL-MIC4420BN Datasheet
231Kb / 12P
   6A-Peak Low-Side MOSFET Driver
More results

Similar Description - MIC4420BN

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC4120 MICREL-MIC4120 Datasheet
209Kb / 11P
   6A-Peak Low-Side MOSFET Driver
MIC4420YM MICREL-MIC4420YM Datasheet
231Kb / 12P
   6A-Peak Low-Side MOSFET Driver
MIC4420ZN MICREL-MIC4420ZN Datasheet
231Kb / 12P
   6A-Peak Low-Side MOSFET Driver
MIC4120 MICREL-MIC4120_05 Datasheet
196Kb / 10P
   6A-Peak Low-Side MOSFET Driver
logo
Sensitron
SHD850001 SENSITRON-SHD850001 Datasheet
43Kb / 3P
   6A-Peak Low Side MOSFET Driver Bipolar/CMOS/DMOS Process
logo
Micrel Semiconductor
MIC4120 MICREL-MIC4120_10 Datasheet
458Kb / 10P
   6A-Peak Low-Side Mosfet Driver Bipolar/CMOS/DMOS Process
logo
MIC GROUP RECTIFIERS
MIC4420 MIC-MIC4420_11 Datasheet
231Kb / 12P
   6A-Peak Low-Side MOSFET Driver Bipolar/CMOS/DMOS Process
logo
Micrel Semiconductor
MIC4420 MICREL-MIC4420 Datasheet
96Kb / 10P
   6A-Peak Low-Side MOSFET Driver Bipolar/CMOS/DMOS Process
logo
Microchip Technology
MIC4420 MICROCHIP-MIC4420 Datasheet
2Mb / 26P
   6A Peak Low-Side MOSFET Driver Bipolar/CMOS/DMOS Process
09/14/21
logo
Sensitron
SHD852002 SENSITRON-SHD852002 Datasheet
43Kb / 3P
   12A-Peak Low Side Dual MOSFET Driver 12A-Peak Low Side Dual MOSFET Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com