Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MIC4421 Datasheet(PDF) 9 Page - Micrel Semiconductor

Part # MIC4421
Description  9A-Peak Low-Side MOSFET Driver
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC4421 Datasheet(HTML) 9 Page - Micrel Semiconductor

Back Button MIC4421_05 Datasheet HTML 4Page - Micrel Semiconductor MIC4421_05 Datasheet HTML 5Page - Micrel Semiconductor MIC4421_05 Datasheet HTML 6Page - Micrel Semiconductor MIC4421_05 Datasheet HTML 7Page - Micrel Semiconductor MIC4421_05 Datasheet HTML 8Page - Micrel Semiconductor MIC4421_05 Datasheet HTML 9Page - Micrel Semiconductor MIC4421_05 Datasheet HTML 10Page - Micrel Semiconductor MIC4421_05 Datasheet HTML 11Page - Micrel Semiconductor MIC4421_05 Datasheet HTML 12Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
MIC4421/4422
Micrel, Inc.
August 2005
9
M9999-081005
Transition Power Dissipation
Transition power is dissipated in the driver each time its
output changes state, because during the transition, for a
very brief interval, both the N- and P-channel MOSFETs in
the output totem-pole are ON simultaneously, and a current
is conducted through them from V
S to ground. The transition
power dissipation is approximately:
P
T = 2 f VS (A•s)
where (A•s) is a time-current factor derived from the typical
characteristic curve “Crossover Energy vs. Supply Volt-
age.”
Total power (P
D) then, as previously described is just
P
D = PL + PQ + PT
Definitions
C
L =
Load Capacitance in Farads.
D = Duty Cycle expressed as the fraction of time the
input to the driver is high.
f = Operating Frequency of the driver in Hertz
I
H =
Power supply current drawn by a driver when both
inputs are high and neither output is loaded.
I
L =
Power supply current drawn by a driver when both
inputs are low and neither output is loaded.
I
D =
Output current from a driver in Amps.
P
D =
Total power dissipated in a driver in Watts.
P
L =
Power dissipated in the driver due to the driver’s
load in Watts.
P
Q =
Power dissipated in a quiescent driver in Watts.
P
T =
Power dissipated in a driver when the output
changes states (“shoot-through current”) in Watts.
NOTE: The “shoot-through” current from a dual
transition (once up, once down) for both drivers is
stated in Figure 7 in ampere-nanoseconds. This
figure must be multiplied by the number of repeti-
tions per second (frequency) to find Watts.
R
O =
Output resistance of a driver in Ohms.
V
S =
Power supply voltage to the IC in Volts.
Capacitive Load Power Dissipation
Dissipation caused by a capacitive load is simply the energy
placed in, or removed from, the load capacitance by the
driver. The energy stored in a capacitor is described by the
equation:
E = 1/2 C V2
As this energy is lost in the driver each time the load is charged
or discharged, for power dissipation calculations the 1/2 is
removed. This equation also shows that it is good practice
not to place more voltage in the capacitor than is necessary,
as dissipation increases as the square of the voltage applied
to the capacitor. For a driver with a capacitive load:
P
L = f C (VS)
2
where:
f = Operating Frequency
C = Load Capacitance
V
S =Driver Supply Voltage
Inductive Load Power Dissipation
For inductive loads the situation is more complicated. For
the part of the cycle in which the driver is actively forcing
current into the inductor, the situation is the same as it is in
the resistive case:
P
L1 = I
2
R
O D
However, in this instance the R
O required may be either
the on resistance of the driver when its output is in the high
state, or its on resistance when the driver is in the low state,
depending on how the inductor is connected, and this is still
only half the story. For the part of the cycle when the induc-
tor is forcing current through the driver, dissipation is best
described as
P
L2 = I VD (1 – D)
where V
D is the forward drop of the clamp diode in the driver
(generally around 0.7V). The two parts of the load dissipation
must be summed in to produce P
L
P
L = PL1 + PL2
Quiescent Power Dissipation
Quiescent power dissipation (P
Q, as described in the input
section) depends on whether the input is high or low. A low
input will result in a maximum current drain (per driver) of
≤0.2mA; a logic high will result in a current drain of ≤ 3.0mA.
Quiescent power can therefore be found from:
P
Q = VS [D IH + (1 – D) IL]
where:
I
H =
quiescent current with input high
I
L =
quiescent current with input low
D = fraction of time input is high (duty cycle)
V
S =
power supply voltage


Similar Part No. - MIC4421_05

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC4421A MICREL-MIC4421A Datasheet
393Kb / 13P
   9A Peak Low-Side MOSFET Driver Bipolar/CMOS/DMOS Process
logo
MIC GROUP RECTIFIERS
MIC4421A MIC-MIC4421A Datasheet
399Kb / 13P
   High peak-output current: 9A Peak (typ.)
logo
Micrel Semiconductor
MIC4421AAM MICREL-MIC4421AAM Datasheet
393Kb / 13P
   9A Peak Low-Side MOSFET Driver Bipolar/CMOS/DMOS Process
logo
MIC GROUP RECTIFIERS
MIC4421AAM MIC-MIC4421AAM Datasheet
399Kb / 13P
   High peak-output current: 9A Peak (typ.)
logo
Micrel Semiconductor
MIC4421ABM MICREL-MIC4421ABM Datasheet
393Kb / 13P
   9A Peak Low-Side MOSFET Driver Bipolar/CMOS/DMOS Process
More results

Similar Description - MIC4421_05

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC4422YN MICREL-MIC4422YN Datasheet
241Kb / 12P
   9A-Peak Low-Side MOSFET Driver
MIC4421 MICREL-MIC4421 Datasheet
110Kb / 10P
   9A-Peak Low-Side MOSFET Driver Bipolar/CMOS/DMOS Process
logo
MIC GROUP RECTIFIERS
MIC4421 MIC-MIC4421_11 Datasheet
241Kb / 12P
   9A-Peak Low-Side MOSFET Driver Bipolar/CMOS/DMOS Process
logo
Micrel Semiconductor
MIC4421A MICREL-MIC4421A Datasheet
393Kb / 13P
   9A Peak Low-Side MOSFET Driver Bipolar/CMOS/DMOS Process
logo
Sensitron
SHD852002 SENSITRON-SHD852002 Datasheet
43Kb / 3P
   12A-Peak Low Side Dual MOSFET Driver 12A-Peak Low Side Dual MOSFET Driver
logo
IXYS Corporation
IX4351NE IXYS-IX4351NE Datasheet
284Kb / 10P
   9A Low Side SiC MOSFET & IGBT Driver
logo
Micrel Semiconductor
MIC4120 MICREL-MIC4120 Datasheet
209Kb / 11P
   6A-Peak Low-Side MOSFET Driver
MIC4420YM MICREL-MIC4420YM Datasheet
231Kb / 12P
   6A-Peak Low-Side MOSFET Driver
MIC4420 MICREL-MIC4420_05 Datasheet
228Kb / 12P
   6A-Peak Low-Side MOSFET Driver
MIC4420ZN MICREL-MIC4420ZN Datasheet
231Kb / 12P
   6A-Peak Low-Side MOSFET Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com