Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MIC4124 Datasheet(PDF) 3 Page - Micrel Semiconductor

Part # MIC4124
Description  Dual 3A-Peak Low-Side MOSFET Driver
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC4124 Datasheet(HTML) 3 Page - Micrel Semiconductor

  MIC4124 Datasheet HTML 1Page - Micrel Semiconductor MIC4124 Datasheet HTML 2Page - Micrel Semiconductor MIC4124 Datasheet HTML 3Page - Micrel Semiconductor MIC4124 Datasheet HTML 4Page - Micrel Semiconductor MIC4124 Datasheet HTML 5Page - Micrel Semiconductor MIC4124 Datasheet HTML 6Page - Micrel Semiconductor MIC4124 Datasheet HTML 7Page - Micrel Semiconductor MIC4124 Datasheet HTML 8Page - Micrel Semiconductor MIC4124 Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
May 2005
3
M9999-052405
MIC4123/4124/4125
Micrel, Inc.
MIC4123/4124/4125 Electrical Characteristics (Note 4)
4.5V ≤ V
S ≤ 20V; TA = 25°C, bold values indicate –40°C ≤ TJ ≤ +125°C; unless noted. Input Voltage slew rate >2.5V/µs.
Symbol
Parameter
Conditions
Min
Typ
Max
Units
Input
V
IH
Logic 1 Input Voltage
2.4
1.5
V
V
IL
Logic 0 Input Voltage
1.3
0.8
V
I
IN
Input Current
0V ≤ V
IN ≤ VS
–1
1
µA
–10
10
µA
Output
V
OH
High Output Voltage
IOUT = 100µA
V
S–0.025
V
V
OL
Low Output Voltage
IOUT = –100µA
0.025
V
R
O
Output Resistance HI State
I
OUT = 10mA, VS = 20V
2.3
5
Ω
8
Ω
Output Resistance LO State
I
OUT = 10mA, VS = 20V
2.2
5
Ω
8
Ω
I
PK
Peak Output Current
3
A
I
Latch-Up Protection
>200
mA
Withstand Reverse Current
Switching Time
t
R
Rise Time
test Figure 1, C
L = 1800pF
11
35
ns
60
ns
t
F
Fall Time
test Figure 1, C
L = 1800pF
11
35
ns
60
ns
t
D1
Delay Tlme
test Ffigure 1, C
L = 1800pF
44
75
ns
100
ns
t
D2
Delay Time
test Figure 1, C
L = 1800pF
59
75
ns
100
ns
Power Supply
I
S
Power Supply Current
V
IN = 3.0V (both inputs)
1.5
2.5
mA
3.5
mA
I
S
Power Supply Current
V
IN = 0.0V (both inputs)
0.15
0.25
mA
0.3
mA
Note 1. Exceeding the absolute maximum rating may damage the device.
Note 2. The device is not guaranteed to function outside its operating rating.
Note 3. Devices are ESD sensitive. Handling precautions recommended. ESD tested to human body model, 1.5k in series with 100pF.
Note 4. Specification for packaged product only.
Absolute Maximum Ratings (Note 1)
Supply Voltage ........................................................... +24V
Input Voltage .................................. V
S + 0.3V to GND – 5V
Junction Temperature................................................150°C
Storage Temperature Range ......................–65°C to 150°C
Lead Temperature (10 sec.) ......................................300°C
ESD Susceptability,
Note 3
Operating Ratings (Note 2)
Supply Voltage (V
S) ......................................+4.5V to +20V
Junction Temperature Range .....................–40°C to 125°C
Package Thermal Resistance
4mm X 4mm MLF θ
JA ......................................... 45°C/W
EPAD SOIC-8L θ
JA ............................................. 58°C/W


Similar Part No. - MIC4124

ManufacturerPart #DatasheetDescription
logo
MIC GROUP RECTIFIERS
MIC4124 MIC-MIC4124 Datasheet
364Kb / 11P
   Dual 3A-Peak Low-Side MOSFET Driver Bipolar/CMOS/DMOS Process
MIC4124YME MIC-MIC4124YME Datasheet
364Kb / 11P
   Dual 3A-Peak Low-Side MOSFET Driver Bipolar/CMOS/DMOS Process
MIC4124YML MIC-MIC4124YML Datasheet
364Kb / 11P
   Dual 3A-Peak Low-Side MOSFET Driver Bipolar/CMOS/DMOS Process
More results

Similar Description - MIC4124

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC4423 MICREL-MIC4423_05 Datasheet
218Kb / 13P
   Dual 3A-Peak Low-Side MOSFET Driver
MIC4423ZN MICREL-MIC4423ZN Datasheet
221Kb / 13P
   Dual 3A-Peak Low-Side MOSFET Driver
MIC4424YM MICREL-MIC4424YM Datasheet
221Kb / 13P
   Dual 3A-Peak Low-Side MOSFET Driver
MIC4423YM MICREL-MIC4423YM Datasheet
221Kb / 13P
   Dual 3A-Peak Low-Side MOSFET Driver
MIC4425YN MICREL-MIC4425YN Datasheet
221Kb / 13P
   Dual 3A-Peak Low-Side MOSFET Driver
MIC4424YM-TR MICREL-MIC4424YM-TR Datasheet
221Kb / 13P
   Dual 3A-Peak Low-Side MOSFET Driver
logo
Microchip Technology
MIC4423 MICROCHIP-MIC4423 Datasheet
2Mb / 26P
   Dual 3A Peak Low-Side MOSFET Drivers
Revision A (May 2022)
logo
Sensitron
SHD852002 SENSITRON-SHD852002 Datasheet
43Kb / 3P
   12A-Peak Low Side Dual MOSFET Driver 12A-Peak Low Side Dual MOSFET Driver
logo
Micrel Semiconductor
MAQ4123 MICREL-MAQ4123 Datasheet
489Kb / 18P
   Automotive AEC-Q100 Qualified Dual 3A Peak Low-Side MOSFET Driver
MIC4423 MICREL-MIC4423 Datasheet
117Kb / 12P
   Dual 3A-Peak Low-Side MOSFET Driver Bipolar/CMOS/DMOS Process
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com