Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MIC4124 Datasheet(PDF) 11 Page - Micrel Semiconductor

Part # MIC4124
Description  Dual 3A-Peak Low-Side MOSFET Driver
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC4124 Datasheet(HTML) 11 Page - Micrel Semiconductor

Back Button MIC4124 Datasheet HTML 3Page - Micrel Semiconductor MIC4124 Datasheet HTML 4Page - Micrel Semiconductor MIC4124 Datasheet HTML 5Page - Micrel Semiconductor MIC4124 Datasheet HTML 6Page - Micrel Semiconductor MIC4124 Datasheet HTML 7Page - Micrel Semiconductor MIC4124 Datasheet HTML 8Page - Micrel Semiconductor MIC4124 Datasheet HTML 9Page - Micrel Semiconductor MIC4124 Datasheet HTML 10Page - Micrel Semiconductor MIC4124 Datasheet HTML 11Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 11 / 11 page
background image
MIC4123/4124/4125
Micrel, Inc.
M9999-052405
11
May 2005
Package Information
0.20 R.
PIN1 ID
E
4X P
3
D2
E1
2
1
N
D
D1
0
PLANE
SEATING
A3
A2
A
A1
1
b
L
e
3
E2
2
4X P
N
5
MAX.
NOM.
MIN.
E2
3.05
b
0.23
N
e
L
0
P
0.30
0.24
D
E
E1
D1
D2
2.25
A3
A2
A
A1
-
0.00
-
3.35
3.20
0.28
8
0.45
0.65 BSC
0.42
0.35
0.60
12°
0.60
4.00 BSC
3.75 BSC
4.00 BSC
3.75 BSC
2.40
0.85
0.65
0.01
0.20 REF.
2.55
0.80
1.00
0.05
(mm)
DIMENSION
TOP VIEW
BOTTOM VIEW
3. THE PIN#1 IDENTIFIRE MUST BE EXISTED ON THE TOP SURFACE
OF PACKAGE BY USING IDENTIFI CATION MARK OR OTHER
FEATURE OF PACKAGE BODY.
4. PACKAGE WARPAGE MAX 0.05mm.
2. N IS THE NUMBER OF TERMINALS .
THE NUMBER OF TERMINALS PER SIDE IS N/4.
NOTE:
1. ALL DIMENSIONS ARE IN MILLIMETERS .
5. APPLIED FOR EXPOSED PAD AND TERMINALS.
8-Pin 4x4 MLF (ML)
8-Pin Exposed Pad SOIC (ME)
MICREL INC. 2180 FORTUNE DRIVE SAN JOSE, CA 95131 USA
TEL
+ 1 (408) 944-0800 FAX + 1 (408) 474-1000 WEB http://www.micrel.com
This information furnished by Micrel in this data sheet is believed to be accurate and reliable. However no responsibility is assumed by Micrel for its use.
Micrel reserves the right to change circuitry and specifications at any time without notification to the customer.
Micrel Products are not designed or authorized for use as components in life support appliances, devices or systems where malfunction of a product can
reasonably be expected to result in personal injury. Life support devices or systems are devices or systems that (a) are intended for surgical implant into
the body or (b) support or sustain life, and whose failure to perform can be reasonably expected to result in a significant injury to the user. A Purchaser's
use or sale of Micrel Products for use in life support appliances, devices or systems is a Purchaser's own risk and Purchaser agrees to fully indemnify
Micrel for any damages resulting from such use or sale.
© 2004 Micrel Incorporated


Similar Part No. - MIC4124

ManufacturerPart #DatasheetDescription
logo
MIC GROUP RECTIFIERS
MIC4124 MIC-MIC4124 Datasheet
364Kb / 11P
   Dual 3A-Peak Low-Side MOSFET Driver Bipolar/CMOS/DMOS Process
MIC4124YME MIC-MIC4124YME Datasheet
364Kb / 11P
   Dual 3A-Peak Low-Side MOSFET Driver Bipolar/CMOS/DMOS Process
MIC4124YML MIC-MIC4124YML Datasheet
364Kb / 11P
   Dual 3A-Peak Low-Side MOSFET Driver Bipolar/CMOS/DMOS Process
More results

Similar Description - MIC4124

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC4423 MICREL-MIC4423_05 Datasheet
218Kb / 13P
   Dual 3A-Peak Low-Side MOSFET Driver
MIC4423ZN MICREL-MIC4423ZN Datasheet
221Kb / 13P
   Dual 3A-Peak Low-Side MOSFET Driver
MIC4424YM MICREL-MIC4424YM Datasheet
221Kb / 13P
   Dual 3A-Peak Low-Side MOSFET Driver
MIC4423YM MICREL-MIC4423YM Datasheet
221Kb / 13P
   Dual 3A-Peak Low-Side MOSFET Driver
MIC4425YN MICREL-MIC4425YN Datasheet
221Kb / 13P
   Dual 3A-Peak Low-Side MOSFET Driver
MIC4424YM-TR MICREL-MIC4424YM-TR Datasheet
221Kb / 13P
   Dual 3A-Peak Low-Side MOSFET Driver
logo
Microchip Technology
MIC4423 MICROCHIP-MIC4423 Datasheet
2Mb / 26P
   Dual 3A Peak Low-Side MOSFET Drivers
Revision A (May 2022)
logo
Sensitron
SHD852002 SENSITRON-SHD852002 Datasheet
43Kb / 3P
   12A-Peak Low Side Dual MOSFET Driver 12A-Peak Low Side Dual MOSFET Driver
logo
Micrel Semiconductor
MAQ4123 MICREL-MAQ4123 Datasheet
489Kb / 18P
   Automotive AEC-Q100 Qualified Dual 3A Peak Low-Side MOSFET Driver
MIC4423 MICREL-MIC4423 Datasheet
117Kb / 12P
   Dual 3A-Peak Low-Side MOSFET Driver Bipolar/CMOS/DMOS Process
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com