Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EM7323FR16BU-45LL Datasheet(PDF) 9 Page - Emerging Memory & Logic Solutions Inc

Part # EM7323FR16BU-45LL
Description  256K x16 bit Low Power and Low Voltage Full CMOS Static RAM
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMLSI [Emerging Memory & Logic Solutions Inc]
Direct Link  http://www.emlsi.com
Logo EMLSI - Emerging Memory & Logic Solutions Inc

EM7323FR16BU-45LL Datasheet(HTML) 9 Page - Emerging Memory & Logic Solutions Inc

Back Button EM7323FR16BU-45LL Datasheet HTML 3Page - Emerging Memory & Logic Solutions Inc EM7323FR16BU-45LL Datasheet HTML 4Page - Emerging Memory & Logic Solutions Inc EM7323FR16BU-45LL Datasheet HTML 5Page - Emerging Memory & Logic Solutions Inc EM7323FR16BU-45LL Datasheet HTML 6Page - Emerging Memory & Logic Solutions Inc EM7323FR16BU-45LL Datasheet HTML 7Page - Emerging Memory & Logic Solutions Inc EM7323FR16BU-45LL Datasheet HTML 8Page - Emerging Memory & Logic Solutions Inc EM7323FR16BU-45LL Datasheet HTML 9Page - Emerging Memory & Logic Solutions Inc EM7323FR16BU-45LL Datasheet HTML 10Page - Emerging Memory & Logic Solutions Inc EM7323FR16BU-45LL Datasheet HTML 11Page - Emerging Memory & Logic Solutions Inc  
Zoom Inzoom in Zoom Outzoom out
 9 / 11 page
background image
EM640FV16FW Series
Low Power, 256Kx16 SRAM
9
tWC
Address
CS1
CS2
UB,LB
WE
Data in
Data out
tCW(2)
tWR(4)
tAW
tBW
tWP(1)
tDW
tDH
TIMING WAVEFORM OF WRITE CYCLE(3) (UB, LB CONTROLLED)
High-Z
High-Z
Data Valid
tAS(3)
NOTES (WRITE CYCLE)
1. A write occurs during the overlap(tWP) of low CS1 and low WE. A write begins when CS1 goes low and WE
goes low with asserting UB or LB for single byte operation or simultaneously asserting UB and LB for double
byte operation. A write ends at the earliest transition when CS1 goes high and WE goes high. The tWP is
measured from the beginning of write to the end of write.
2. tCW is measured from the CS1 going low to end of write.
3. tAS is measured from the address valid to the beginning of write.
4. tWR is measured from the end or write to the address change. tWR applied in case a write ends as CS1
or WE going high.


Similar Part No. - EM7323FR16BU-45LL

ManufacturerPart #DatasheetDescription
logo
Emerging Memory & Logic...
EM7323SU16H EMLSI-EM7323SU16H Datasheet
129Kb / 11P
   2M x 16Bit Asynchronous / Page Mode StRAM
EM7323SU16H-10L EMLSI-EM7323SU16H-10L Datasheet
129Kb / 11P
   2M x 16Bit Asynchronous / Page Mode StRAM
EM7323SU16H-10LF EMLSI-EM7323SU16H-10LF Datasheet
129Kb / 11P
   2M x 16Bit Asynchronous / Page Mode StRAM
EM7323SU16H-10LL EMLSI-EM7323SU16H-10LL Datasheet
129Kb / 11P
   2M x 16Bit Asynchronous / Page Mode StRAM
EM7323SU16H-12L EMLSI-EM7323SU16H-12L Datasheet
129Kb / 11P
   2M x 16Bit Asynchronous / Page Mode StRAM
More results

Similar Description - EM7323FR16BU-45LL

ManufacturerPart #DatasheetDescription
logo
Emerging Memory & Logic...
EM641FP16 EMLSI-EM641FP16 Datasheet
72Kb / 11P
   256K x16 bit Low Power and Low Voltage Full CMOS Static RAM
EM640FP16 EMLSI-EM640FP16 Datasheet
112Kb / 11P
   256K x16 bit Low Power and Low Voltage Full CMOS Static RAM
logo
Samsung semiconductor
K6F4016R4E SAMSUNG-K6F4016R4E Datasheet
119Kb / 9P
   256K x16 bit Super Low Power and Low Voltage Full CMOS Static RAM
logo
Emerging Memory & Logic...
EM640FU16E EMLSI-EM640FU16E Datasheet
75Kb / 11P
   256K x16 bit Super Low Power and Low Voltage Full CMOS Static RAM
EM645FV16FU EMLSI-EM645FV16FU Datasheet
193Kb / 11P
   256K x16 bit Super Low Power and Low Voltage Full CMOS Static RAM
EM641FU16E EMLSI-EM641FU16E Datasheet
72Kb / 11P
   256K x16 bit Super Low Power and Low Voltage Full CMOS Static RAM
EM646FV16FU EMLSI-EM646FV16FU Datasheet
192Kb / 11P
   256K x16 bit Super Low Power and Low Voltage Full CMOS Static RAM
EM643FV16FU EMLSI-EM643FV16FU Datasheet
189Kb / 11P
   256K x16 bit Super Low Power and Low Voltage Full CMOS Static RAM
EM644FV16FU EMLSI-EM644FV16FU Datasheet
189Kb / 11P
   256K x16 bit Super Low Power and Low Voltage Full CMOS Static RAM
EM620FV16B EMLSI-EM620FV16B Datasheet
434Kb / 11P
   128K x16 bit Low Power and Low Voltage Full CMOS Static RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com