Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MIC4102 Datasheet(PDF) 4 Page - Micrel Semiconductor

Part # MIC4102
Description  100V Half Bridge MOSFET Driver with Anti-Shoot Through Protection
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC4102 Datasheet(HTML) 4 Page - Micrel Semiconductor

  MIC4102 Datasheet HTML 1Page - Micrel Semiconductor MIC4102 Datasheet HTML 2Page - Micrel Semiconductor MIC4102 Datasheet HTML 3Page - Micrel Semiconductor MIC4102 Datasheet HTML 4Page - Micrel Semiconductor MIC4102 Datasheet HTML 5Page - Micrel Semiconductor MIC4102 Datasheet HTML 6Page - Micrel Semiconductor MIC4102 Datasheet HTML 7Page - Micrel Semiconductor MIC4102 Datasheet HTML 8Page - Micrel Semiconductor MIC4102 Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 17 page
background image
Micrel, Inc.
MIC4102
November 2006
4
M9999-112806
Electrical Characteristics
Symbol
Parameter
Condition
Min
Typ
Max
Units
LO Gate Driver
VOLL
Low Level Output Voltage
ILO = 160mA
0.18
0.3
0.4
V
VOHL
High Level Output Voltage
ILO = -100mA, VOHL = VDD - VLO
0.25
0.3
0.45
V
IOHL
Peak Sink Current
VLO = 0V
3
A
IOLL
Peak Source Current
VLO = 12V
2
A
HO Gate Driver
VOLH
Low Level Output Voltage
IHO = 160mA
0.22
0.3
0.4
V
VOHH
High Level Output Voltage
IHO = -100mA, VOHH = VHB – VHO
0.25
0.3
0.45
V
IOHH
Peak Sink Current
VHO = 0V
3
A
IOLH
Peak Source Current
VHO = 12V
2
A
Switching Specifications (Anti-Shoot-Through Circuitry)
tLOOFF
Delay between PWM going high
to LO going low
30
45
60
ns
VLOOFF
Voltage threshold for LO
MOSFET to be considered OFF
1.7
V
tHOON
Delay between LO OFF to HO
going High
30
50
60
ns
tHOOFF
Delay between PWM going Low
to HO going low
45
65
70
ns
VSWth
Switch Node Voltage Threshold
when HO turns off
1
2.5
4
V
tLOON
Delay between HO MOSFET
being considered off to LO
turning ON
30
60
70
ns
tLSOFF
Delay between LS going low
and LO turning OFF
CL = 1000pF
36
45
70
ns
tSWTO
Forced LO ON, if VLOTH is not
detected
120
250
450
ns
Switching Specifications
tR
Either Output Rise Time (3V to
9V)
CL = 1000pF
10
ns
tF
Either Output Fall Time (3V to
9V)
CL = 1000pF
6
ns
tR
Either Output Rise Time (3V to
9V)
CL = 0.1µF
0.33
0.6
0.8
µs
tF
Either Output Fall Time (3V to
9V)
CL = 0.1µF
0.2
0.3
0.4
µs


Similar Part No. - MIC4102

ManufacturerPart #DatasheetDescription
logo
MIC GROUP RECTIFIERS
MIC4102 MIC-MIC4102 Datasheet
646Kb / 17P
   100V Half Bridge MOSFET Driver with Anti-Shoot Through Protection PRELIMINARY SPECIFICATIONS
logo
Microchip Technology
MIC4102 MICROCHIP-MIC4102 Datasheet
703Kb / 28P
   100V Half-Bridge MOSFET Driver with Anti-Shoot-Through Protection
07/14/15
logo
MIC GROUP RECTIFIERS
MIC4102BM MIC-MIC4102BM Datasheet
646Kb / 17P
   100V Half Bridge MOSFET Driver with Anti-Shoot Through Protection PRELIMINARY SPECIFICATIONS
MIC4102YM MIC-MIC4102YM Datasheet
646Kb / 17P
   100V Half Bridge MOSFET Driver with Anti-Shoot Through Protection PRELIMINARY SPECIFICATIONS
logo
Microchip Technology
MIC4102YM MICROCHIP-MIC4102YM Datasheet
703Kb / 28P
   100V Half-Bridge MOSFET Driver with Anti-Shoot-Through Protection
07/14/15
More results

Similar Description - MIC4102

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
MIC4102 MICROCHIP-MIC4102 Datasheet
703Kb / 28P
   100V Half-Bridge MOSFET Driver with Anti-Shoot-Through Protection
07/14/15
MIC4102 MICROCHIP-MIC4102_V01 Datasheet
2Mb / 28P
   100V Half-Bridge MOSFET Driver with Anti-Shoot-Through Protection
Revision B (May 2022)
logo
MIC GROUP RECTIFIERS
MIC4102 MIC-MIC4102_11 Datasheet
646Kb / 17P
   100V Half Bridge MOSFET Driver with Anti-Shoot Through Protection PRELIMINARY SPECIFICATIONS
logo
Microchip Technology
MIC4605 MICROCHIP-MIC4605 Datasheet
1Mb / 34P
   85V Half-Bridge MOSFET Driver with Adaptive Dead Time and Shoot-Through Protection
Revision E December 2019
logo
Infineon Technologies A...
TLE6281G INFINEON-TLE6281G_07 Datasheet
300Kb / 15P
   H-Bridge Driver IC Adjustable dead time with shoot through protection
Rev 2.3 2007-01-11
logo
Microchip Technology
MIC4607 MICROCHIP-MIC4607 Datasheet
1Mb / 42P
   85V, Three-Phase MOSFET Driver with Adaptive Dead-Time, Anti-Shoot-Through and Overcurrent Protection
06/23/16
logo
Intersil Corporation
EL7761 INTERSIL-EL7761 Datasheet
121Kb / 5P
   100V Half Bridge Driver
logo
National Semiconductor ...
LM5106 NSC-LM5106 Datasheet
718Kb / 12P
   100V Half Bridge Gate Driver with Programmable
logo
Infineon Technologies A...
IRS2890DS INFINEON-IRS2890DS Datasheet
718Kb / 26P
   Half-Bridge Driver with Overcurrent Protection
Rev 1.0 2017-03-02
logo
Microchip Technology
MIC4606 MICROCHIP-MIC4606 Datasheet
2Mb / 40P
   85V Full-Bridge MOSFET Drivers with Adaptive Dead Time and Shoot-Through Protection
Revision D December 2019
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com