Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EM632AFU8EW-85LF Datasheet(PDF) 5 Page - Emerging Memory & Logic Solutions Inc

Part # EM632AFU8EW-85LF
Description  256K x16 bit Low Power and Low Voltage Full CMOS Static RAM
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMLSI [Emerging Memory & Logic Solutions Inc]
Direct Link  http://www.emlsi.com
Logo EMLSI - Emerging Memory & Logic Solutions Inc

EM632AFU8EW-85LF Datasheet(HTML) 5 Page - Emerging Memory & Logic Solutions Inc

  EM632AFU8EW-85LF Datasheet HTML 1Page - Emerging Memory & Logic Solutions Inc EM632AFU8EW-85LF Datasheet HTML 2Page - Emerging Memory & Logic Solutions Inc EM632AFU8EW-85LF Datasheet HTML 3Page - Emerging Memory & Logic Solutions Inc EM632AFU8EW-85LF Datasheet HTML 4Page - Emerging Memory & Logic Solutions Inc EM632AFU8EW-85LF Datasheet HTML 5Page - Emerging Memory & Logic Solutions Inc EM632AFU8EW-85LF Datasheet HTML 6Page - Emerging Memory & Logic Solutions Inc EM632AFU8EW-85LF Datasheet HTML 7Page - Emerging Memory & Logic Solutions Inc EM632AFU8EW-85LF Datasheet HTML 8Page - Emerging Memory & Logic Solutions Inc EM632AFU8EW-85LF Datasheet HTML 9Page - Emerging Memory & Logic Solutions Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
EM640FP16 Series
Low Power, 256Kx16 SRAM
5
Parameter
Symbol
70ns
Unit
Min
Max
Read Cycle Time
tRC
70
-
ns
Address Access Time
tAA
-70
ns
Chip Select to output
tco1, tco2
-70
ns
Output Enable to valid output
tOE
-35
ns
UB, LB Acess time
tBA
70
ns
Chip select to low-Z output
tLZ1, tLZ2
10
-
ns
UB, LB enable to low-Z output
tBLZ
10
-
ns
Output Enable to Low-Z output
tOLZ
5-
ns
Chip disable to high-Z output
tHZ1, tHZ2
025
ns
UB, LB disable to high-Z output
tBHZ
025
ns
Output disable to high-Z output
tOHZ
025
ns
Output hold from address change
tOH
10
-
ns
Parameter
Symbol
70ns
Unit
Min
Max
Write Cycle Time
tWC
70
-
ns
Chip Select to end of write
tCW1, tCW2
60
-
ns
Address Setup time
tAs
0-
ns
Address valid to end of write
tAW
60
-
ns
UB, LB valid to end of write
tBW
60
-
ns
Write pulse width
tWP
55
-
ns
Write recovery time
tWR
0-
ns
Write to ouput high-Z
tWHZ
025
ns
Data to write time overlap
tDW
30
ns
Data hold from write time
tDH
0-
ns
End write to output low-Z
tOW
5-
ns
READ CYCLE (Vcc =1.65 to 2.2V, Gnd = 0V, TA = -40
oC to +85oC)
WRITE CYCLE (Vcc =1.65 to 2.2V, Gnd = 0V, TA = -40
oC to +85oC)
AC OPERATING CONDITIONS
Test Conditions (Test Load and Test Input/Output Reference)
Input Pulse Level : 0.2 to VCC-0.2V
Input Rise and Fall Time : 5ns
Input and Output reference Voltage : 0.9V
Output Load (See right) : CL = 100pF+ 1 TTL
CL1) = 30pF + 1 TTL
1. Including scope and Jig capacitance
2. R1=3070 ohm,
R2=3150 ohm
3. VTM=1.8V
CL1)
VTM
3)
R1
2)
R2
2)


Similar Part No. - EM632AFU8EW-85LF

ManufacturerPart #DatasheetDescription
logo
Emerging Memory & Logic...
EM6320FP16AS-10L EMLSI-EM6320FP16AS-10L Datasheet
188Kb / 11P
   128K x8 bit Super Low Power and Low Voltage Full CMOS Static RAM
EM6320FP16AS-10LF EMLSI-EM6320FP16AS-10LF Datasheet
188Kb / 11P
   128K x8 bit Super Low Power and Low Voltage Full CMOS Static RAM
EM6320FP16AS-70L EMLSI-EM6320FP16AS-70L Datasheet
188Kb / 11P
   128K x8 bit Super Low Power and Low Voltage Full CMOS Static RAM
EM6320FP16AS-70LF EMLSI-EM6320FP16AS-70LF Datasheet
188Kb / 11P
   128K x8 bit Super Low Power and Low Voltage Full CMOS Static RAM
EM6320FP16EW-10L EMLSI-EM6320FP16EW-10L Datasheet
188Kb / 11P
   128K x8 bit Super Low Power and Low Voltage Full CMOS Static RAM
More results

Similar Description - EM632AFU8EW-85LF

ManufacturerPart #DatasheetDescription
logo
Emerging Memory & Logic...
EM641FP16 EMLSI-EM641FP16 Datasheet
72Kb / 11P
   256K x16 bit Low Power and Low Voltage Full CMOS Static RAM
EM640FV16FW EMLSI-EM640FV16FW Datasheet
81Kb / 11P
   256K x16 bit Low Power and Low Voltage Full CMOS Static RAM
logo
Samsung semiconductor
K6F4016R4E SAMSUNG-K6F4016R4E Datasheet
119Kb / 9P
   256K x16 bit Super Low Power and Low Voltage Full CMOS Static RAM
logo
Emerging Memory & Logic...
EM640FU16E EMLSI-EM640FU16E Datasheet
75Kb / 11P
   256K x16 bit Super Low Power and Low Voltage Full CMOS Static RAM
EM645FV16FU EMLSI-EM645FV16FU Datasheet
193Kb / 11P
   256K x16 bit Super Low Power and Low Voltage Full CMOS Static RAM
EM641FU16E EMLSI-EM641FU16E Datasheet
72Kb / 11P
   256K x16 bit Super Low Power and Low Voltage Full CMOS Static RAM
EM646FV16FU EMLSI-EM646FV16FU Datasheet
192Kb / 11P
   256K x16 bit Super Low Power and Low Voltage Full CMOS Static RAM
EM643FV16FU EMLSI-EM643FV16FU Datasheet
189Kb / 11P
   256K x16 bit Super Low Power and Low Voltage Full CMOS Static RAM
EM644FV16FU EMLSI-EM644FV16FU Datasheet
189Kb / 11P
   256K x16 bit Super Low Power and Low Voltage Full CMOS Static RAM
EM620FV16B EMLSI-EM620FV16B Datasheet
434Kb / 11P
   128K x16 bit Low Power and Low Voltage Full CMOS Static RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com