Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MIC3839 Datasheet(PDF) 8 Page - Micrel Semiconductor

Part # MIC3839
Description  Flexible Push-Pull PWM Controller
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC3839 Datasheet(HTML) 8 Page - Micrel Semiconductor

Back Button MIC3839 Datasheet HTML 3Page - Micrel Semiconductor MIC3839 Datasheet HTML 4Page - Micrel Semiconductor MIC3839 Datasheet HTML 5Page - Micrel Semiconductor MIC3839 Datasheet HTML 6Page - Micrel Semiconductor MIC3839 Datasheet HTML 7Page - Micrel Semiconductor MIC3839 Datasheet HTML 8Page - Micrel Semiconductor MIC3839 Datasheet HTML 9Page - Micrel Semiconductor MIC3839 Datasheet HTML 10Page - Micrel Semiconductor MIC3839 Datasheet HTML 11Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 8 / 11 page
background image
MIC3838/3839
Micrel
MIC3838/3839
8
April 2005
Functional Description
The MIC3838/9 is a high-speed power supply controller with
push-pull output drive capability. MIC3838 has a higher VDD
turn-on threshold and more hysteresis between VDD turn-on
and turn-off than the MIC3839. The outputs of the controller
operate in a push-pull fashion with a guaranteed dead time
between them. A block diagram of the MIC3838/9 controller
is shown in Figure 1.
Functional Diagram
T
Q
/Q
Q
S
R
Q
S
R
Q
S
R
Oscillator
VDD OK
VDD
VDD Ð1V
Peak Current
Comparator
Overcurrent
Comparator
PWM
Comparator
PWM
Latch
Slope = 1V/ms
Soft Start
2.2V
2.0V
0.5V
R
0.8V
14V
VDD
OUTA
OUTB
GND
0.5V
1.2R
0.75V
Error
Amplifier
RC
VREF
FB
COMP
RAMP
ILIM
Voltage
Reference
3.65V
Figure 1. MIC3838 Block Diagram
MIC3838
330pF
330pF
VIN = 36V to 75V
50k
150k
13k
4.5k
VCOMP
0.5V
0.75V
Peak Current
Comparator
Over Current
Comparator
PWM
Comparator
Oscillator
VMAX at Ramp Input = 1.5V
VMAX at ILIM Input = 0.5V
Figure 2. Volt Second Clamp and Voltage Feed Forward Circuit
VDD and Turn-on Sequence
The oscillator and output gate drive signals are disabled
when VDD is lower than the turn on threshold. Circuitry in the
output drivers eliminates glitching or random pulsing during
the start-up sequence. The oscillator is enabled when VDD is
applied and reaches the turn-on threshold. The VDD com-
parator also turns off the internal soft-start discharge FET,
slowly bringing up the COMP pin voltage.
The VDD pin is internally clamped. As VDD approaches this
clamp voltage, the VDD current will increase over the normal
current draw of the IC. IDD currents greater than 20mA may
cause excessive power dissipation in the MIC3838/9.


Similar Part No. - MIC3839

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC3839 MICREL-MIC3839 Datasheet
341Kb / 11P
   Flexible Push-Pull PWM Controller
logo
MIC GROUP RECTIFIERS
MIC3839 MIC-MIC3839 Datasheet
197Kb / 11P
   Flexible Push-Pull PWM Controller
logo
Micrel Semiconductor
MIC3839BMM MICREL-MIC3839BMM Datasheet
341Kb / 11P
   Flexible Push-Pull PWM Controller
logo
MIC GROUP RECTIFIERS
MIC3839BMM MIC-MIC3839BMM Datasheet
197Kb / 11P
   Flexible Push-Pull PWM Controller
More results

Similar Description - MIC3839

ManufacturerPart #DatasheetDescription
logo
MIC GROUP RECTIFIERS
MIC3838 MIC-MIC3838_11 Datasheet
197Kb / 11P
   Flexible Push-Pull PWM Controller
logo
Micrel Semiconductor
MIC3838 MICREL-MIC3838 Datasheet
341Kb / 11P
   Flexible Push-Pull PWM Controller
logo
MIC GROUP RECTIFIERS
MIC3808 MIC-MIC3808_11 Datasheet
150Kb / 11P
   Push-Pull PWM Controller
logo
Linear Technology
LTC3721-1 LINER-LTC3721-1_15 Datasheet
190Kb / 16P
   Push-Pull PWM Controller
logo
Linear Integrated Syste...
LTC3721-1 LINEAR-LTC3721-1 Datasheet
180Kb / 16P
   Push-Pull PWM Controller
logo
Linear Technology
LTC3721-1 LINER-LTC3721-1 Datasheet
184Kb / 16P
   Push-Pull PWM Controller
logo
Micrel Semiconductor
MIC3808 MICREL-MIC3808 Datasheet
145Kb / 11P
   Push-Pull PWM Controller
logo
National Semiconductor ...
LM5030 NSC-LM5030_05 Datasheet
642Kb / 12P
   100V Push-Pull Current Mode PWM Controller
LM5033 NSC-LM5033_05 Datasheet
712Kb / 17P
   100V Push-Pull Voltage Mode PWM Controller
LM5033 NSC-LM5033 Datasheet
295Kb / 16P
   100V Push-Pull Voltage Mode PWM Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com