Electronic Components Datasheet Search |
|
E32F4F3A1C-155.520M Datasheet(PDF) 9 Page - Ecliptek Corporation |
|
E32F4F3A1C-155.520M Datasheet(HTML) 9 Page - Ecliptek Corporation |
9 / 9 page ECLIPTEK CORP. OSCILLATOR E32F4 14 pin DIP 3.3V OS87 01/03 MANUFACTURER CATEGORY SERIES PACKAGE VOLTAGE CLASS REV .DATE E32F4 F 3 A 2 C - 155.520M - CL125 PART NUMBERING GUIDE NOTES __________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________ _________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________ _________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________ _________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________ Characteristic Specification Seal Integrity Bubble test in Perfluorocarbon at +125°C ±5°C for 60 seconds minimum. Solderability Sn63 Solder dip at +230°C ±5°C for 5 seconds/95% coverage. Marking Permanency 10 Strokes with brush after 1 minute soak in solvent, 3 times. Shock Random drop on hard wooden plate 3 times from a height of 20cm. Vibration Frequency with an amplitude of 1.5mm sweeping between 10Hz to 55Hz within 1 minute (approximately) for 2 hours minimum on each axis (X, Y and Z) for a total of 6 hours. MECHANICAL DIMENSIONS ALL DIMENSIONS IN MILLIMETERS ENVIRONMENTAL/MECHANICAL SPECIFICATIONS MARKING SPECIFICATIONS Line 1: ECLIPTEK Line 2: XX.XXX M Frequency in MHz (5 Digits Maximum + Decimal) Line 3: XX Y ZZ Week of Year Last Digit of Year Ecliptek Manufacturing Identifier Note: Pin 1 shall be designated with a dot 800-ECLIPTEK www.ecliptek.com for latest revision 109 Specifications subject to change without notice. AVAILABLE OPTIONS Blank=None (Standard) CLXXX=Custom Lead Length (See Page 153) G=Full Size Gull Wing (See Page 152) FREQUENCY ADDITIONAL OUTPUT A=No Connect C=Complementary Output DUTY CYCLE 1=50 ±10(%) 2=50 ±5(%) FREQUENCY TOLERANCE & STABILITY/ OPERATING TEMPERATURE RANGE D=±50ppm Maximum over 0°C to +70°C E=±25ppm Maximum over 0°C to +70°C F=±20ppm Maximum over 0°C to +70°C H=±50ppm Maximum over -40°C to +85°C APR 3=±50ppm Minimum LINEARITY A=20% B=15% C=10% Pin 1: Voltage Control Pin 7: Case Ground Pin 8: Output Pin 9: Complementary Output or No Connect Pin 14: Supply Voltage OBSOLETE |
Similar Part No. - E32F4F3A1C-155.520M |
|
Similar Description - E32F4F3A1C-155.520M |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |