Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MIC2185BQS Datasheet(PDF) 8 Page - Micrel Semiconductor

Part # MIC2185BQS
Description  Low Voltage Synchronous Boost PWM Control IC
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC2185BQS Datasheet(HTML) 8 Page - Micrel Semiconductor

Back Button MIC2185BQS Datasheet HTML 4Page - Micrel Semiconductor MIC2185BQS Datasheet HTML 5Page - Micrel Semiconductor MIC2185BQS Datasheet HTML 6Page - Micrel Semiconductor MIC2185BQS Datasheet HTML 7Page - Micrel Semiconductor MIC2185BQS Datasheet HTML 8Page - Micrel Semiconductor MIC2185BQS Datasheet HTML 9Page - Micrel Semiconductor MIC2185BQS Datasheet HTML 10Page - Micrel Semiconductor MIC2185BQS Datasheet HTML 11Page - Micrel Semiconductor MIC2185BQS Datasheet HTML 12Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 15 page
background image
MIC2185
Micrel, Inc.
MIC2185
8
October 2005
MOSFET, Q2. Current flows through the MOSFET because
its voltage drop is less than diode D1. The MOSFET remains
on until the end of the switching cycle. There is another
non-overlap time delay between the turn-off of the high side
MOSFET and the turn-on of the low side MOSFET at the
beginning of the next switching cycle.
The description of the MIC2185 controller is broken down
into 6 basic functions.
• Control Loop
• PWM Operation
• SKIP Mode Operation
• Current Limit
• MOSFET gate drive
• Reference, Enable & UVLO
• Oscillator & Sync
• Soft Start
Control Loop
PWM and SKIP modes of operation
The MIC2185 can operate in either PWM (pulse width modu-
lated) or skip mode. The efficiency of the boost converter can
be improved at lower output loads by manually selecting the
skip mode of operation. The potential disadvantage of skip
mode is the variable switching frequency that accompanies
this mode of operation. The occurrence of switching pulses
depends on component values as well as line and load con-
ditions. PWM mode is the best choice of operation at higher
output loads. In skip mode, current through the inductor can
settle to zero, causing voltage ringing across the inductor.
PWM mode has the advantages of lower output ripple volt-
age and higher efficiencies at higher output loads. Another
advantage of the synchronous PWM mode of operation is
that the inductor current is always continuous, even at zero
output current. This reduces parasitic ringing that occurs
Osc
PGND
Q2
D1
Q1
L1
VIN
Control
Bias
VREF
VDD
SGND
Skip Current
Limit Comparator
Hysteresis
Comparator
1%
Current Reset
On
PGND
12
CSH
9
OUTN
13
OUTP
14
VINP
V
INA
16
1
FB
5
SGND
6
VDD
10
VREF
8
COMP
4
SS
3
SYNC
11
FREQ/2
15
SKIP
2
EN/UVLO
7
VDD
PGND
50mV
VREF
1.245V
R2
R1
RSENSE
COUT
VOUT
PGND
VREF
CDECOUP
CIN
VDD
Figure 2. MIC2185 Skip Mode Block Diagram


Similar Part No. - MIC2185BQS

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC2185BQS MICREL-MIC2185BQS Datasheet
141Kb / 15P
   Low Voltage Synchronous Boost PWM Control IC
More results

Similar Description - MIC2185BQS

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC2185 MICREL-MIC2185 Datasheet
141Kb / 15P
   Low Voltage Synchronous Boost PWM Control IC
MIC2183 MICREL-MIC2183_05 Datasheet
152Kb / 12P
   Low Voltage Synchronous Buck PWM Control IC
MIC2183 MICREL-MIC2183 Datasheet
98Kb / 12P
   Low Voltage Synchronous Buck PWM Control IC Final Information
MIC2186 MICREL-MIC2186_05 Datasheet
189Kb / 15P
   Low Voltage PWM Control IC
MIC2186 MICREL-MIC2186 Datasheet
162Kb / 16P
   Low Voltage PWM Control IC
MIC2184 MICREL-MIC2184_05 Datasheet
133Kb / 12P
   Low Voltage Buck PWM Control IC
MIC2169B MICREL-MIC2169B_10 Datasheet
526Kb / 25P
   500kHz PWM Synchronous Buck Control IC
MIC2169A MICREL-MIC2169A_09 Datasheet
1Mb / 15P
   500kHz PWM Synchronous Buck Control IC
MIC2168A MICREL-MIC2168A_15 Datasheet
884Kb / 18P
   1MHz PWM Synchronous Buck-Control IC
MIC2168A MICREL-MIC2168A Datasheet
821Kb / 14P
   1MHz PWM Synchronous Buck Control IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com